Part Number Hot Search : 
KE180 HM63921 3425L ML4880 OM5216RT RT33L012 74AC2 GLZ12C
Product Description
Full Text Search
 

To Download 2SC5094 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5094
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC5094
VHF~UHF Band Low Noise Amplifier Applications
* * Low noise figure, high gain. NF = 1.8dB, |S21e|2 = 7.5dB (f = 2 GHz) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Base current Collector current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IB IC PC Tj Tstg Rating 20 10 1.5 7 15 150 125 -55~125 Unit V V V mA mA mW C C
JEDEC JEITA TOSHIBA
SC-59 2-3F1A
Microwave Characteristics (Ta = 25C)
Characteristics Transition frequency Insertion gain Symbol fT iS21ei (1) iS21ei (2) NF (1) NF (2)
2 2
Weight: 0.012 g (typ.)
Test Condition VCE = 6 V, IC = 7 mA VCE = 6 V, IC = 7 mA, f = 1 GHz VCE = 6 V, IC = 7 mA, f = 2 GHz VCE = 6 V, IC = 3 mA, f = 1 GHz VCE = 6 V, IC = 3 mA, f = 2 GHz Min 7 3/4 4.5 3/4 3/4 Typ. 10 13 7.5 1.4 1.8 Max 3/4 3/4 3/4 3/4 3.0 Unit GHz dB
Noise figure
dB
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Output capacitance Reverse transfer capacitance Symbol ICBO IEBO hFE (Note 1) Cob Cre Test Condition VCB = 10 V, IE = 0 VEB = 1 V, IC = 0 VCE = 6 V, IC = 7 mA VCB = 10 V, IE = 0, f = 1 MHz (Note 2) Min 3/4 3/4 50 3/4 3/4 Typ. 3/4 3/4 3/4 0.5 0.4 Max 1 1 160 3/4 0.85 pF pF Unit mA mA
Note 1: hFE classification
R: 50~100, O: 80~160
Note 2: Cre is measured by 3 terminal method with capacitance bridge.
1
2003-03-24
2SC5094
Marking
2
2003-03-24
2SC5094
3
2003-03-24
2SC5094
S-Parameter
Frequency (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000
ZO = 50 W, Ta = 25C
S11 Mag. 0.817 0.647 0.477 0.356 0.265 0.194 0.136 0.093 0.058 0.028 Ang. -25.8 -46.3 -61.4 -71.3 -78.9 -85.6 -90.5 -97.7 -109.0 -134.7 Mag. 7.113 6.028 5.061 4.197 3.583 3.135 2.778 2.490 2.260 2.089 S21 Ang. 150.2 129.5 113.9 102.8 93.9 86.7 80.2 74.4 69.6 65.2 Mag. 0.044 0.073 0.092 0.108 0.123 0.137 0.153 0.169 0.183 0.199 S12 Ang. 71.4 61.8 57.2 55.7 55.3 55.7 55.8 55.3 54.8 55.2 Mag. 0.898 0.746 0.636 0.565 0.518 0.486 0.467 0.449 0.433 0.418 S22 Ang. -18.6 -28.7 -33.4 -35.4 -36.8 -37.5 -38.8 -40.4 -42.6 -43.9
VCE = 6 V, IC = 3 mA
VCE = 6 V, IC = 7 mA
Frequency (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 Mag. 0.630 0.392 0.248 0.161 0.105 0.060 0.028 0.021 0.035 0.054 S11 Ang. -39.7 -64.1 -78.3 -87.5 -95.3 -106.3 -121.7 -158.4 171.6 144.0 Mag. 12.332 8.847 6.514 5.094 4.213 3.589 3.139 2.786 2.498 2.300 S21 Ang. 138.1 114.7 101.4 92.6 85.9 80.3 74.9 70.1 66.0 62.3 Mag. 0.037 0.059 0.077 0.096 0.114 0.133 0.154 0.173 0.190 0.210 S12 Ang. 68.5 64.3 64.1 64.7 64.9 65.0 64.0 62.5 61.2 60.7 Mag. 0.783 0.586 0.495 0.449 0.423 0.412 0.406 0.398 0.387 0.377 S22 Ang. -25.6 -31.8 -32.0 -31.2 -30.5 -30.8 -32.1 -34.0 -36.7 -38.4
4
2003-03-24
2SC5094
5
2003-03-24
2SC5094
6
2003-03-24
2SC5094
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2003-03-24


▲Up To Search▲   

 
Price & Availability of 2SC5094

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X