Part Number Hot Search : 
PIC18F45 B1001 P1103BVG BA582T3 1202D SG117AK 10A02 F2N60
Product Description
Full Text Search
 

To Download 2FA53-73-TABS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Toggle Switches F-Series
The F-Series toggle switches are AC rated up to 20 amps, single pole, with a slowmake, slow-break contact mechanism. These switches are available in a wide range of ratings, circuits, terminations and bushing/toggle configurations.
Specifications
*Certifications*: UL, CSA *Dielectric Strength: 1,000V (minimum) *Insulation Resistance: 100 Megohms (minimum) *Base Material: Phenolic *Actuator Material: Brass/Nickel Plate *Bushing Material: Brass/Nickel Plate
* Due to ongoing technological advances, consult factory for certification specifics.
Dimensional Specifications: in. [mm]
15/32-32UNS-2A THREAD
.125[3.18] DIA
.075[1.91] DIA
.055[1.40] DIA
.330[8.38] .187[4.74] KEYWAY .072[1.82] X .038[.965] DP .687[17.44] SOLDER LUG
.437[11.09]
.394[10.00]
.250[6.35] .250 TAB (Q.C.)
.187[4.74] .187 TAB (Q.C.)
TERMINAL TYPE
#6-32NC-2 THREAD 6.000[152.40] .141[3.58]
.465[11.81]
.670[17.02]
.370[9.39] .500[12.70] .286[7.26] SCREW (ASSEMBLED) .062[1.57] .500[12.70] DIA .500[12.70] DIA .500[12.70] DIA .125[3.17] DIA WITH LOCKING RING WIRE LEAD .376[9.55]
.348[8.84]
1.134[28.80]
.634[16.10]
.038[9.65] MOUNTING HOLE WITH KEYWAY
2F
SERIES 2F SINGLE POLE 6F SINGLE POLE MOMENTARY CIRCUIT A B C ON-NONE-OFF ON-NONE-ON ON-OFF-ON 5
A
RATING1 10A 250VAC 15A 125VAC 3/4HP 120-240VAC 3A 250VAC 6A 125VAC 1/4HP 120-240VAC
5
3
FUNCTION ON-NONE-OFF (ON)-NONE-OFF ON-NONE-(OFF) ON-NONE-ON ON-NONE-(ON) ON-OFF-ON (ON)-OFF-(ON) ON-OFF-(ON)
SOLDER LUG 3 3 7 3 3 3 3 7 .250TAB (QC) 3/TABS 3/TABS 7/TABS 3/TABS 3/TABS 3/TABS 3/TABS 7/TABS
73 /TABS
SCREW TERM. 4 4 8 4 4 4 4 8 WIRE LEAD 1 1 6 1 1 1 1 6
TERMINATION/FUNCTION2
6
TOGGLE STYLE TOGGLE LENGTH BAT .406 .562 .687 1.00 2.00 BALL .500 BUSHING LENGTH .343 .465 .465 .343 .465 .343 SUFFIX NO. 52 63 73 A2 E3 22 NEOPRENE SEAL 57 68 78 A7 E8 ---
NOTES: Shading indicates standard configurations. For bushing accessories, see pages 69 and 70. 1 Additional ratings to 20A available. Consult factory. 2 For .187TAB (QC) type terminal use solder lug function selection codes. Add the suffix /.187TABS. (ex.) 2FA53-73/.187TABS
Carlingswitch,Inc. (860) 793-9281* Carlingswitch, LTD. Int + 44 1392-364422 * Carlingswitch Asia-Pacific, LTD. Int + 852-2737-2277
51


▲Up To Search▲   

 
Price & Availability of 2FA53-73-TABS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X