Part Number Hot Search : 
167BG MN3867S IMX211 STR71X 51730 S5L1454A EP2645 54HC1
Product Description
Full Text Search
 

To Download 2DA1774Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2DA1774Q/R/S
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Ultra Miniature Surface Mount Package Complementary NPN Type Available (2DC4617Q,R,S) Also Available in Lead Free Version
SOT-523
A C TOP VIEW B G H K M E BC
Dim A B C D G H J K L M N a
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
Mechanical Data
* * * * * * * * * Case: SOT-523, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Also Available in Lead Free Plating (Matte Tin Finish). Please see Ordering Information, Note 4, on Page 2 Terminal Connections: See Diagram Marking (See Page 2): 2DA1774Q: 8A 2DA1774R: 8B 2DA1774S: 8C Ordering & Date Code Information: See Page 2 Weight: 0.002 grams (approx.)
J
D
L
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG 2DA1774Q/R/S -60 -50 -6.0 150 150 833 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 2) DC Current Gain
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO 2DA1774Q 2DA1774R 2DA1774S Min -60 -50 -6.0 3/4 3/4 120 180 270 3/4 4.0 Typ. 140 Typ. Max 3/4 3/4 3/4 -100 -100 270 390 560 -0.5 5.0 3/4 Unit V V V nA nA Test Condition IC = -50mA, IE = 0 IC = 1.0mA, IB = 0 IE = -50mA, IC = 0 VCB = -60V VEB = -6.0V
hFE VCE(SAT) Cobo fT
3/4 V pF MHz
VCE = -6.0V, IC = -1.0mA IC = -50mA, IB = -5.0mA VCB = -12V, f = 1.0MHz, IE = 0 VCE = -12V, IC = -2.0mA, f = 30MHz
Collector-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Current Gain-Bandwidth Product Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect.
DS30253 Rev. 5 - 2
1 of 2 www.diodes.com
2DA1774Q/R/S
a Diodes Incorporated
NEW PRODUCT
Ordering Information
Device 2DA1774Q-7 2DA1774R-7 2DA1774S-7 Notes:
(Note 3) Packaging SOT-523 SOT-523 SOT-523 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above. Example: 2DA1774S-7-F.
Marking Information
XX = Product Type Marking Code (See Page 1, e.g. 8A = 2DA1774Q) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
XXYM
Date Code Key Year Code Month Code 1998 J Jan 1 Feb 2 1999 K March 3 2000 L Apr 4
2001 M May 5 Jun 6
2002 N Jul 7 Aug 8
2003 P Sep 9 Oct O
2004 R Nov N Dec D
DS30253 Rev. 5 - 2
2 of 2 www.diodes.com
2DA1774Q/R/S


▲Up To Search▲   

 
Price & Availability of 2DA1774Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X