Part Number Hot Search : 
3NK60 GL8U30 IU0503SA ELM97 SC3356 LME0315D BA3131FS MC33594
Product Description
Full Text Search
 

To Download 15KP280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15KP17 thru 15KP280A 15,000 W TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
DESCRIPTION These Microsemi 15 kW Transient Voltage Suppressors (TVSs) are designed for applications requiring protection of voltage-sensitive electronic devices that may be damaged by harsh or severe voltage transients including lightning per IEC61000-4-5 and class levels with various source impedances described herein. This series is available in 17 to 280 volt standoff voltages (VWM) in both unidirectional and bi-directional offered in two different package designs for axial and radial configurations. Microsemi also offers numerous other TVS products to meet higher or lower power demands and special applications
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE CASE 5A (DO-204AR) CASE 5R
WWW . Microsemi .C OM
FEATURES
* Available in both Unidirectional and Bidirectional construction (Bidirectional with C or CA suffix) * Available in both axial-leaded and radial packages (include R prefix in part number for radial package option shown in figure as "case 5R," ie . R15KP17A, R15KP90CA, R15KP280, etc.) * Selections for 17 to 280 volt standoff voltages (VWM) * Suppresses transients up to 15 kW @ 10/1000 s and 100 kW @ 8/20 s (see Figure 1) * Fast response * Options for screening in accordance with MIL-PRF19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers. * Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
APPLICATIONS / BENEFITS
* Protection from switching transients and induced RF * Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4 * Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: Class 1,2,3,4: 15KP17A - 15KP280A or CA Class 5: 15KP17A - 15KP280A or CA (short distance) Class 5: 15KP17A - 15KP110A or CA (long distance) * Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: Class 1 & 2: 15KP17A to 15KP280A or CA Class 3: 15KP17A to 15KP240A or CA Class 4: 15KP17A to 15KP120A or CA * Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance: Class 2: 15KP17A to 15KP220A or CA Class 3: 15KP17A to 15KP110A or CA Class 4: 15KP17A to 15KP54A or CA
MAXIMUM RATINGS
* Peak Pulse Power dissipation at 25 C: 15,000 watts at 10/1000 s (also see Figures 1 and 2) * Impulse repetition rate (duty factor): 0.05% * tclamping (0 volts to V(BR) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional * Operating and Storage temperature: -65C to +150C * Thermal resistance: 20C/W junction to lead, or 80C/W junction to ambient when mounted on FR4 PC board with 4 mm2 copper pads (1oz) and track width 1 mm, length 25 mm * Steady-State Power dissipation: 6 watts at TL = 30oC, or 1.56 watts at TA = 25C when mounted on FR4 PC board described for thermal resistance * Forward Surge: 200 Amps 8.3 ms half-sine wave * Solder temperatures: 260 C for 10 s (maximum)
Copyright 2002 6-24-2003 REV A
MECHANICAL AND PACKAGING
* * * * * * * CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0 FINISH: Tin-Lead plated readily solderable per MILSTD-750, method 2026 MARKING: Body marked with part number POLARITY: Band denotes cathode. Bidirectional not marked for polarity WEIGHT: 1.7 grams. TAPE & REEL option: Standard per EIA-296 for axial package (add "TR" suffix to part number) See package dimension on last page
15KP17 thru 15KP280A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
15KP17 thru 15KP280A 15,000 W TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS
MICROSEMI PART NUMBER
15KP17 15KP17A 15KP18 15KP18A 15KP20 15KP20A 15KP22 15KP22A 15KP24 15KP24A 15KP26 15KP26A 15KP28 15KP28A 15KP30 15KP30A 15KP33 15KP33A 15KP36 15KP36A 15KP40 15KP40A 15KP43 15KP43A 15KP45 15KP45A 15KP48 15KP48A 15KP51 15KP51A 15KP54 15KP54A 15KP58 15KP58A 15KP60 15KP60A 15KP64 15KP64A 15KP70 15KP70A 15KP75 15KP75A 15KP78 15KP78A 15KP85 15KP85A 15KP90 15KP90A 15KP100 15KP100A 15KP110 15KP110A 15KP120 15KP120A 15KP130 15KP130A 15KP150 15KP150A 15KP160 15KP160A
WWW . Microsemi .C OM
REVERSE STAND-OFF VOLTAGE VWM (Note 1) VOLTS
17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160
BREAKDOWN VOLTAGE @ V(BR) VOLTS
18.9 - 23.1 18.9 - 20.9 20.0 - 24.4 20.0 - 22.1 22.2 - 27.1 22.2 - 24.5 24.4 - 29.8 24.4 - 26.9 26.7 - 32.6 26.7 - 29.5 28.9 - 35.3 28.9 - 31.9 31.1 - 38.0 31.1 - 34.4 33.3 - 40.7 33.3 - 36.8 36.7 - 44.9 36.7 - 40.6 40.0 - 48.9 40.0 - 44.2 44.4 - 54.3 44.4 - 49.1 47.8 - 58.4 47.8 - 52.8 50.0 - 61.1 50.0 - 55.3 53.3 - 65.1 53.3 - 58.9 56.7 - 69.3 56.7 - 62.7 60.0 - 73.3 60.0 - 66.3 64.4 - 78.7 64.4 - 71.2 66.7 - 81.5 66.7 - 73.7 71.1 - 86.9 71.1 - 78.6 77.8 - 95.1 77.8 - 86.0 83.3 - 102.0 83.3 - 92.1 86.7 - 106.0 86.7 - 95.8 94.4 - 115 94.4 - 104 100 - 122 100 - 111 111 - 136 111 - 123 122 - 149 122 - 135 133 - 163 133 - 147 144 - 176 144 - 159 167 - 204 167 - 185 178 - 218 178 - 197
I(BR) mA
50 50 50 50 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS
32.3 29.3 34.2 30.9 37.9 34.3 41.1 37.1 45.0 40.7 48.7 44.0 52.4 47.5 56.2 50.7 60.6 54.8 66.0 59.7 72.8 65.8 77.1 69.7 80.7 73.0 85.9 77.7 91.5 82.8 96.8 87.5 104.0 94.0 107.0 97.3 115 104 126 114 135 122 140 126 152 137 160 146 179 162 196 178 214 193 231 209 268 243 287 259
MAXIMUM STANDBY CURRENT ID @ VWM A
5000 5000 5000 5000 1500 1500 500 500 150 150 50 50 25 25 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
MAXIMUM PEAK PULSE CURRENT IPP (FIG. 2) A
464 512 439 485 396 437 365 404 333 369 308 341 286 316 267 296 248 274 227 251 206 228 195 215 186 205 175 193 164 181 155 171 144 160 140 154 130 144 119 132 111 123 107 119 99 109 94 103 84 93 77 84 70 78 65 72 56 62 52 58
MAXIMUM VOLTAGE TEMPERATURE VARIATION V(BR) mV/ C
19 17 20 18 24 21 27 24 30 27 32 29 35 31 27 34 42 38 46 41 51 46 55 50 57 52 62 56 66 60 70 63 76 68 78 71 84 76 92 83 100 89 104 93 113 102 120 109 134 121 147 133 161 145 174 157 202 183 216 195
15KP17 thru 15KP280A
Copyright 2002 6-24-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
15KP17 thru 15KP280A 15,000 W TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
WWW . Microsemi .C OM
MICROSEMI PART NUMBER
15KP170 15KP170A 15KP180 15KP180A 15KP200 15KP200A 15KP220 15KP220A 15KP240 15KP240A 15KP260 15KP260A 15KP280 15KP280A
REVERSE STAND-OFF VOLTAGE VWM (Note 1) VOLTS
170 170 180 180 200 200 220 220 240 240 260 260 280 280
BREAKDOWN VOLTAGE @ V(BR) VOLTS
189 - 231 189 - 209 200 - 244 200 - 221 222 - 271 222 - 245 245 - 299 245 - 271 267 - 326 267 - 295 289 - 353 289 - 319 311 - 380 311 - 344
I(BR) mA
5 5 5 5 5 5 5 5 5 5 5 5 5 5
MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS
304 275 321 291 356 322 393 356 428 388 464 419 500 452
MAXIMUM STANDBY CURRENT ID @ VWM A
10 10 10 10 10 10 10 10 10 10 10 10 10 10
MAXIMUM PEAK PULSE CURRENT IPP (FIG. 2) A
49 55 47 52 42 47 38 42 35 39 32 36 30 33
MAXIMUM VOLTAGE TEMPERATURE VARIATION V(BR) mV/ C
229 207 242 219 269 243 297 269 324 293 352 317 378 342
NOTE 1: Transient Voltage Suppressors are normally selected with reverse "Standoff Voltage" VWM which should be equal to or greater than the dc or continuous peak operating voltage level. NOTE 2: For bidirectional construction, indicate a C or CA suffix after the part number. SYMBOLS & DEFINITIONS Definition Symbol
Working Peak (Standoff) Voltage Peak Pulse Power Breakdown Voltage Standby Current IPP
VC
Symbol
VWM PPP V(BR) ID
Definition
I(BR)
Peak Pulse Current Clamping Voltage Breakdown Current for V(BR)
GRAPHS
PPP Peak Pulse Power - kW
Waveform Non-Repetitive
15KP17 thru 15KP280A
tp - Pulse Time - sec
FIGURE 1 Peak Pulse Power vs. Pulse Time to 50% of Exponentially Decaying Pulse
Test waveform parameters: tr=10 s, tp=1000 s FIGURE 2 Pulse Waveform
Copyright 2002 6-24-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
15KP17 thru 15KP280A 15,000 W TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
PACKAGE DIMENSIONS
WWW . Microsemi .C OM
C - CAPACITANCE-PICOFARADS
CASE 5A
CASE 5R
NOTE: Dimensions are in inches. V(BR) - BREAKDOWN VOLTAGE-VOLTS
FIGURE 3 Typical Capacitance vs. Breakdown Voltage
NOTE: For Bidirectional Construction, indicate a C or CA suffix after part number. Capacitance will be one-half that shown in Figure 3.
15KP17 thru 15KP280A
Copyright 2002 6-24-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of 15KP280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X