Part Number Hot Search : 
33201 D1204 RC5057M 07M00 AAT8107 55DCB X24164S8 MBRB30
Product Description
Full Text Search
 

To Download 1426185410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAC-Sicherungseinsatze
fur Nennspannungen bis 58 V
Isolierkorper: Isolierkorper: aus Thermoplast (UL 94-V0, warmeformbestandig) Abdeckung: aus Thermoplast (V0, transparent) Schmelzleiter sichtbar Anschlusse: Flachstecker E-Cu 58 F 30 DIN 1787, gal. Sn 4 m min., kantengeschutzt Industrieverpackung: 2.000 St.
TAC-fuse-links
for rated voltage up to 58 V
Insulating Insulating body: out of thermoplastic (UL 94-V0 heat-resistant) Cover: out of thermoplastic (V0, transparent) visible melting-element Connections: Blade contacts E-Cu 58 F 30 DIN 1787, gal. Sn 4 m min., edge-protected Industry-packaging: 2.000 pcs.
Mae in mm / Dimensions in mm / Mae in mm / Dimensions en mm dimensions in mm / dimensions en mm
TAC-Cartouches fusibles
pour tension nom. jusqu'a 58 V
Corps Corps Isolants: de matiere thermoplastique (UL 94-V0 resistante a la chaleur) Capuchon: de matiere thermoplastique (V0, transparent) filament visible Connexions: Contacts plats E-Cu 58 F 30 DIN 1787, gal. Sn 4 m min., bords proteges Emballage-industriel: 2.000 pcs.
DIN 72581-3 UL 248 Special Purpose Fuses cULus Recognized: File No. E211637 geschlossene Bauform closed construction conception fermee
Bestell-Nr. Order-No. Order-No. Nennstrom Rated current Intensite nom. I N/I rat Nennspannung Rated voltage Tension nom. UN /Urat Kaltwiderstand Coldresistance Res. a froid RK Kennfarbe Colour-code Code couleur Spannungsfall Voltage drop Chute de tension UD Standard PUDENZ DIN max. O Schaltvermogen Breaking capacity Pouvoir de coupure IB Schmelzintegral Joule integral Integral de Joule I2t
142.6185.410_ 142.6185.420_ 142.6185.430_ 142.6185.440_ 142.6185.450_ 142.6185.475_ 142.6185.510_ 142.6185.515_ 142.6185.520_ 142.6185.525_ 142.6185.530_ 142.6185.540_
1A 2A 3A 4A 5A 7,5 A 10 A 15 A 20 A 25 A 30 A 40 A
58 V 58 V 58 V 58 V 58 V 58 V 58 V 58 V 58 V 58 V 58 V 58 V
108 m 45 m 28,5 m 22,5 m 16,5 m 11,5 m 6,8m 4,3 m 3,1 m 2,3 m 1,85 m 1,35 m
schwarz / black / noir grau / grey / gris violett / violet / violet rosa / pink / rose hellbraun / light brown / brun clair braun / brown / brun rot / red / rouge hellblau / light blue / bleu clair gelb / yellow / jaune wei / white / blanc hellgrun / light green / vert clair orange / orange / orange
-- -- 175 mV 175 mV 175 mV 150 mV 125 mV 125 mV 125 mV 100 mV 100 mV 100 mV
150 mV 130 mV 120 mV 120 mV 105 mV 105 mV 90 mV 85 mV 80 mV 75 mV 75 mV 75 mV 1.000 A 58 V, DC
2 A2s 8 A2s 15 A2s 25 A2s 35 A2s 60 A2s 125 A2s 450 A2s 900 A2s 980 A2s 1.800 A2s 2.900 A2s
zugehoriger Halter siehe Seite 37-39 / corresponding holder see page 37-39 / porte-fusible correspondant voir page 37-39
Schmelzzeit-Grenzwerte DIN
IN/I rat 1,10 IN/Irat min. min. 1,35 IN/Irat max.
Pre-arcing time-limits
2,00 IN/Irat min. max. min. 3,50 IN/Irat max.
Temps de fusion limits
6,00 IN/Irat min. max.
1 A - 40 A
> 100 h
750 ms
1.800 s
150 ms
5s
40 ms
500 ms
20 ms
100 ms
100 h FI = 1,43 (max. Dauerstrom: 0,8 x IN / max. operating current: 0,8 x Ira t / max. courant permanent: 0,8 x Irat bei/at/a 23C)
Letzte Ziffer der Art.-Nr. = Verpackungsindex / Last figure of article-no. = packaging code / Dernier chiffre du numero darticle = code d emballage
AS2001
13


▲Up To Search▲   

 
Price & Availability of 1426185410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X