Part Number Hot Search : 
LM311MX AD5372 307C1330 58500 PSO6M 91001 M62213P C2500
Product Description
Full Text Search
 

To Download 1426-1-IM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 1426 Medium Power Coaxial Terminations
Type N or 2.92mm Connectors
dc to 8.5 GHz 50 Watts
CALIBRATION: SWR Testing performed across the frequency band. Test data is available at additional cost. CONNECTOR: Type N or 2.92mm connectors nondestructively with MIL-C-39012 connector. Connector Options 1 2 3 4 Type/Description 2.92mm, Female 2.92mm, Male Type N, Female Type N, Male mate
Features
o o o o Rugged Construction. Rugged Construction - Quality connector with special high temperature support bead. Low Intermodulation Option 5 Kilowatts Peak Power
CONSTRUCTION: Black, finned aluminum body, stainless steel connector; gold plated beryllium copper female contacts and stainless steel male contacts. WEIGHT: Net 280 g (10 oz.) PHYSICAL DIMENSIONS:
Specifications
NOMINAL IMPEDANCE: 50 FREQUENCY RANGE: MAXIMUM SWR: Frequency (GHz) dc - 4 4 - 8.5 SWR 1.20 1.30
Model # 1426-1 1426-2 1426-3 1426-4 DIM A 12.7 14.0 15.0 22.9 (0.50) (0.55) (0.59) (0.90) Connector Type 2.92mm female 2.92mm male N female N male
dc to 8.5 GHz
1.40 1.30 1.20 1.10 1.00 0.05 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00
Specification
NOTE: All dimensions are given in mm (inches) and are maximum, unless otherwise specified.
Typical 1426-4 SWR Performance POWER RATING: 50 watts average (mounted horizontally) to 25C ambient temperature, derated linearly to 0 watts @ 125C. 5 kilowatts peak (5 sec pulse width; 0.05% duty cycle). INTERMODULATION (Model 1426-X-LIM Only): IM3 (Reflected) = -100 dBc with two input signals @ 869 MHz and 891 MHz with an average power of +41 dBm each. TEMPERATURE RANGE: -55C to +125C
MODEL NUMBER DESCRIPTION: Example:
1426 - X - LIM
IM Option* Basic Model Number Connector Option
* Add -LIM to entire model number for Low Intermodulation option. Option not available through Express.
94
4/30/02
5305 Spectrum Drive, Frederick, MD 21703-7362 TEL: 301-846-9222, 800-638-2048 web: www.weinschel.com email: sales@weinschel.com
Fax: 301-846-9116


▲Up To Search▲   

 
Price & Availability of 1426-1-IM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X