|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Model 1425 Medium Power Coaxial Terminations Type N or TNC Connector dc to 12.4 GHz 10 Watts TEMPERATURE RANGE: -55C to +125C CALIBRATION: SWR Testing performed across the frequency band. Test data is available at additional cost. CONNECTOR: Type N or TNC connector per MIL-STD348 interface dimensions - mate nondestructively with MIL-C-39012 connector. Connector Options Type/Description Type N, Female Type N, Male TNC, Female TNC, Male Features o Connector Options - Choice of Type N or TNC - mate nondestructively with connector manufactured in accordance with MIL-C-39012. Rugged Construction. 3 4 6 7 o CONSTRUCTION: Black, finned aluminum body, stainless steel connector; gold plated beryllium copper contacts WEIGHT: Net 110 g (4 oz) PHYSICAL DIMENSIONS: Specifications NOMINAL IMPEDANCE: 50 FREQUENCY RANGE: MAXIMUM SWR: Frequency (GHz) dc - 2 2-4 4-8 8 - 12.4 1.30 1.20 1.10 1.00 0.05 dc to 12.4 GHz Connector Type Type N TNC 1.03 1.05 1.15 1.30 1.10 1.15 1.25 1.40 Specification Model # 1425-7 1425-6 1425-4 1425-3 DIM A 83.06 80.01 84.58 86.36 (3.30) (3.15) (3.33) (3.40) Connector Type TNC, male TNC, female N, male N, female 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00 9.00 10.00 11.00 12.00 Typical 1425-4 SWR Performance POWER RATING: 10 watts average (mounted horizontally) @ 25C ambient temperature, derated linearly to 0 watts @ 125C. 1 kilowatt peak (5 sec pulse width; 0.05% duty cycle). NOTE: All dimensions are given in mm (inches) and are maximum, unless otherwise specified. 86 4/30/02 5305 Spectrum Drive, Frederick, MD 21703-7362 TEL: 301-846-9222, 800-638-2048 web: www.weinschel.com email: sales@weinschel.com Fax: 301-846-9116 |
Price & Availability of 1425-3 |