Part Number Hot Search : 
HT82V736 D21P544 SMM152 MAJ160 PD403 FQB2P25 FM302 CTS191MS
Product Description
Full Text Search
 

To Download 125GBITSSC1X933AMP5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fiber Optics
Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
V23826-K305-Cxx/Cxxx
Features * Compliant with Fibre Channel and Gigabit Ethernet standard * Meets mezzanine standard height of 9.8 mm * Compact integrated transceiver unit with - VCSEL transmitter - Integrated receiver - Duplex SC receptacle * Class 1 FDA and IEC laser safety compliant * FDA Accession No. 9520890-18 * Single power supply (5 V or 3.3 V) * Signal detect indicator (PECL and TTL version) * PECL differential inputs and outputs * Process plug included * Performance exceeds FC 100-M5-SLI * Wave solderable and washable with process plug inserted * For distances of up to 550 m on multimode fiber Part Number V23826-K305-C13 V23826-K305-C313 V23826-K305-C53 V23826-K305-C353 V23826-K305-C631) V23826-K305-C3631) V23826-K305-C73 V23826-K305-C373 Add Suffix to PIN -C3 -D3
1)
File: 1159
Voltage 5V 3.3 V 5V 3.3 V 5V 3.3 V 5V 3.3 V
Signal Detect PECL TTL PECL PECL
Input AC AC DC AC
Output DC AC DC AC
Shield Options Metallized cover, forward springs Metallized cover, backward springs
Standard version
Data Sheet
1
2004-01-27
V23826-K305-Cxx/Cxxx
Pin Configuration Pin Configuration
Top view Rx

Tx
123456789
File: 1342
Figure 1
Pin Description Pin No. 1 2 3 4 Symbol Level/Logic Power Supply PECL Output Function Rx Ground Description Negative power supply, normally ground Inverted receiver output data PECL Output Rx Signal active high Detect (TTL C53/C353) Power Supply PECL Input Power Supply Mech. Support Rx 3.3 V/5 V Tx 3.3 V/5 V Tx Input Data Tx Ground Stud Pin High level on this output shows there is an optical signal Positive power supply, 3.3 V/5 V Inverted transmitter input data Transmitter input data Negative power supply, normally ground Not connected
VEERx
RD+ RD- SD
Rx Output Data Receiver output data
5 6 7 8 9 S1/S2
VCCRx VCCTx
TD- TD+
VEETx
Data Sheet
2
2004-01-27
V23826-K305-Cxx/Cxxx
Description Description The Infineon multimode transceiver is based on the Physical Medium Depend (PMD) sublayer and baseband medium, type 1000-Base-SX (Short Wavelength Laser) (IEEE 802.3z) and complies with the Fibre Channel Physical and Signaling Interface (FC-PH), ANSI XSI TT Fibre Channel Physical Standard Class 100-M5-SLI, latest revision. The appropriate fiber optic cable is 62.5 m or 50 m multimode fiber with Duplex SC connector. The Infineon multimode transceiver is a single unit comprised of a transmitter, a receiver, and an SC receptacle. This design frees the customer from many alignment and PC board layout concerns. The module is designed for low cost LAN, WAN, Gigabit Ethernet, and Fibre Channel applications. It can be used as the network end device interface in mainframes, workstations, servers, and storage devices, and in a broad range of network devices such as bridges, routers, intelligent hubs, and local and wide area switches. This transceiver operates at 1.0625 Gbit/s and 1.3 Gbit/s from a single power supply (5 V or 3.3 V). The full differential data inputs and outputs are PECL compatible. Link Length as Defined by IEEE and Fibre Channel Standards Fiber Type min. at 1.0625 Gbit/s 50 m, 2000 MHz*km 50 m, 500 MHz*km 50 m, 400 MHz*km 62.5 m, 200 MHz*km 62.5 m, 160 MHz*km at 1.3 Gbit/s 50 m, 500 MHz*km 50 m, 400 MHz*km 62.5 m, 200 MHz*km 62.5 m, 160 MHz*km
1)
Reach
1)
Unit
2)
max. 860 500 450 300 250 550 500 275 220
2 2 2 2 2 2 2 2 2
meters
meters
2)
Minimum reach as defined by IEEE and Fibre Channel Standards. A 0 m link length (loop-back connector) is supported. Maximum reach as defined by IEEE and Fibre Channel Standards. Longer reach possible depending upon link implementation.
Data Sheet
3
2004-01-27
V23826-K305-Cxx/Cxxx
Description Functional Description This transceiver is designed to transmit serial data via multimode cable.
Automatic Shut-Down LEN TD- TD+ Laser Driver Power Control Monitor RD- RD+ SD Receiver Laser Coupling Unit
e/o
Laser
o/e
Rx Coupling Unit
o/e
Multimode Fiber
File: 1363
Figure 2
Functional Diagram
The receiver component converts the optical serial data into PECL compatible electrical data (RD+ and RD-). The Signal Detect (SD, active high) shows whether an optical signal is present. The transmitter converts electrical PECL compatible serial data (TD+ and TD-) into optical serial data. The following versions are available: 1 AC/DC transceiver: Tx is AC coupled. Differential 100 load. Rx has standard PECL output and is DC coupled. 2 AC/AC TTL transceiver: Tx and Rx are AC coupled. Tx has differential 100 load. Signal Detect is TTL compatible. 3 DC/DC transceiver: Standard PECL inputs and outputs Tx and Rx are DC coupled. 4 AC/AC PECL transceiver: Tx and Rx are AC coupled. Tx has differential 100 load. Signal Detect is PECL compatible.
Data Sheet
4
2004-01-27
V23826-K305-Cxx/Cxxx
Description The transmitter contains a laser driver circuit that drives the modulation and bias current of the laser diode. The currents are controlled by a power control circuit to guarantee constant output power of the laser over temperature and aging. The power control uses the output of the monitor PIN diode (mechanically built into the laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the operating limits. Single fault condition is ensured by means of an integrated automatic shutdown circuit that disables the laser when it detects transmitter failures. A reset is only possible by turning the power off, and then on again. The transceiver contains a supervisory circuit to control the power supply. This circuit generates an internal reset signal whenever the supply voltage drops below the reset threshold. It keeps the reset signal active for at least 140 milliseconds after the voltage has risen above the reset threshold. During this time the laser is inactive. Regulatory Compliance Feature Standard Comments Class 1 (> 1000 V) HBM Class 1C Discharges of 15 kV with an air discharge probe on the receptacle cause no damage. With a field strength of 3 V/m, noise frequency ranges from 10 MHz to 1 GHz. No effect on transceiver performance between the specification limits. Noise frequency range: 30 MHz to 18 GHz; Margins depend on PCB layout and chassis design. ESD: MIL-STD 883D Electrostatic Discharge to the Method 3015.7 Electrical Pins JESD22-A114-B Immunity: EN 61000-4-2 Electrostatic Discharge (ESD) IEC 61000-4-2 to the Duplex SC Receptacle Immunity: Radio Frequency Electromagnetic Field EN 61000-4-3 IEC 61000-4-3
Emission: Electromagnetic Interference (EMI)
FCC 47 CFR Part 15 Class B EN 55022 Class B CISPR 22
Data Sheet
5
2004-01-27
V23826-K305-Cxx/Cxxx
Technical Data Technical Data Absolute Maximum Ratings Parameter Package Power Dissipation Supply Voltage Data Input Levels (PECL) Differential Data Input Voltage Operating Ambient Temperature Storage Ambient Temperature Soldering Conditions Temp/Time (MIL-STD 883C, Method 2003) 0 -40 3.3 V 5V Symbol Limit Values min. max. 1.5 W V V V C C C/s 5 7 Unit
VCC-VEE
VCC+0.5
2.5 70 85 250 /5.5
Exceeding any one of these values may destroy the device immediately. Recommended Operating Conditions Parameter Ambient Temperature Power Supply Voltage Supply Current1) Transmitter Data Input High Voltage DC/DC VIH-VCC Data Input Low Voltage DC/DC Data Input Differential Voltage2) AC/DC, AC/AC TTL, AC/AC PECL Receiver Input Center Wavelength
1)
Symbol min. 3.3 V 5V 3.3 V 5V
Values typ. 3.3 5 max. 70 3.5 5.25 230 270 -1165 -1810 250 -880 -1475 1600 0 3.1 4.75
Unit C V mA
TAMB VCC-VEE ICC
mV mV mV
VIL-VCC VDIFF
C
770
860
nm
2)
For VCC-VEE (min., max.) 50% duty cycle. The supply current does not include the load drive current of the receiver output. Add. max. 45 mA for the three outputs. Load is 50 to VCC-2 V. Version C63: low > 1.2 V; high < VCC-0.8 V Version C363: low > 1.2 V; high < VCC
Data Sheet
6
2004-01-27
V23826-K305-Cxx/Cxxx
Technical Data The electro-optical characteristics described in the following tables are only valid for use under the recommended operating conditions. Transmitter Electro-Optical Characteristics Parameter Launched Power (Average)1) Center Wavelength Spectral Width (RMS) Relative Intensity Noise Extinction Ratio (Dynamic) Reset Threshold
2)
Symbol min.
Values typ. 850 max. -4 860 0.85 -117 9 3.5 2.7 0.26 9 0.40 0.23 0.62 0.39 -9.5 830
Unit dBm nm nm dB/Hz dB V ns dB W
PO
C l RIN ER
5V VTH 3.3 V
Rise/Fall Time, 20% - 80% Coupled Power Ratio Power Dissipation
1) 2)
tR , tF
CPR
5V PDist 3.3 V
Into multimode fiber, 62.5 m or 50 m diameter. Laser power is shut down if power supply is below VTH and switched on if power supply is above VTH.
Data Sheet
7
2004-01-27
V23826-K305-Cxx/Cxxx
Technical Data Receiver Electro-Optical Characteristics Parameter Sensitivity (Average Power) Signal Detect Assert Level2) Signal Detect Deassert Level3) Signal Detect Hysteresis Signal Detect Assert Time Signal Detect Deassert Time Output Low Voltage4) Output High Voltage4) Signal Detect Output Voltage AC/AC TTL5) Data Output Differential Voltage6) Output Data Rise/Fall Time, 20% - 80% Return Loss of Receiver Power Dissipation
1)
Symbol min.
1)
Values typ. -20 -24 -30 -27 3 100 350 -1950 -1100 2 0.5 0.8 1.23 375 12 0.63 0.30 0.68 0.42 -1620 -720 0.5 max. -17 0 -18
Unit dBm dBm dBm dBm dB s s mV mV V V ps dB W
Saturation (Average Power)
PIN PSAT PSDA PSDD PSDA
-PSDD
Low High
tASS tDAS VOL-VCC VOH-VCC VSDL VSDH VDIFF tR , tF ARL PDisr
5V 3.3 V
2)
3)
4)
5)
6)
Minimum average optical power at which the BER is less than 1x10E-12 or lower. Measured with a 27-1 NRZ PRBS and ER = 9 dB. Output of multimode fiber 65 m or 50 m diameter. An increase in optical power above the specified level will cause the Signal Detect output to switch from a low state to a high state. A decrease in optical power below the specified level will cause the Signal Detect to change from a high state to a low state. DC/DC, AC/DC for data. DC/DC, AC/DC, AC/AC PECL for SD. PECL compatible. Load is 50 into VCC-2 V for data, 500 to VEE for Signal Detect. Measured under DC conditions. For dynamic measurements a tolerance of 50 mV should be added. VCC = 3.3 V/5 V. TAMB = 25C. Max. output current high: -0.4 mA (drive current) low: +2 mA (sink current). AC/AC for data. Load 50 to GND or 100 differential. For dynamic measurement a tolerance of 50 mV should be added.
Data Sheet
8
2004-01-27
V23826-K305-Cxx/Cxxx
Eye Safety Eye Safety This laser based multimode transceiver is a Class 1 product. It complies with IEC 60825-1 and FDA 21 CFR 1040.10 and 1040.11. To meet laser safety requirements the transceiver shall be operated within the Absolute Maximum Ratings. Attention: All adjustments have been made at the factory prior to shipment of the devices. No maintenance or alteration to the device is required. Tampering with or modifying the performance of the device will result in voided product warranty. Note: Failure to adhere to the above restrictions could result in a modification that is considered an act of "manufacturing", and will require, under law, recertification of the modified product with the U.S. Food and Drug Administration (ref. 21 CFR 1040.10 (i)). Laser Data Wavelength Total output power (as defined by IEC: 7 mm aperture at 14 mm distance) Total output power (as defined by FDA: 7 mm aperture at 20 cm distance) Beam divergence 850 nm < 675 W < 70 W 20
FDA
Complies with 21 CFR 1040.10 and 1040.11
IEC
Class 1 Laser Product
File: 1401
Figure 3
Required Labels
Indication of laser aperture and beam
File: 1339
Figure 4
Data Sheet
Laser Emission
9 2004-01-27
V23826-K305-Cxx/Cxxx
Application Notes Application Notes Gigabit transceivers and matching circuits are high frequency components and shall be terminated as recommended in the application notes for proper EMI performance. Electromagnetic emission may be caused by these components. To prevent emissions it is recommended that cutouts for the fiber connectors be designed as small as possible. It is strongly recommended that the Tx plug and the Rx plug be separated with a bar that divides the duplex SC opening. If shielded parts are employed, they should be in proper contact with the bezel (back plane). Since the shield is galvanically isolated from signal ground it is strongly recommended to prevent any contact between shield and the circuitry i.e. even any ground connection on the pcb may be harmful to EMI performance. In cases where EMI performance becomes critical it has proven to be helpful when using SC-plugs with less metal parts inside (as Infineon fibers).
Data Sheet
10
2004-01-27
V23826-K305-Cxx/Cxxx
Application Notes Multimode 850 nm Gigabit Ethernet/Fibre Channel 1x9 Transceiver, DC/DC Version
VCC SerDes 5 V / 3.3 V VEETx 9 R11 VCC C6
1)
TD+ Laser Driver
8
Tx+ ECL/PECL Driver TxR8 R10 VCC 5 V / 3.3 V
TD-
7
C7
VCCTx
6 C1
Infineon Transceiver
VCCRx 5
R7 L1 L2
C3 C2
Serializer/ Deserializer
Signal Detect
SD
4
SD to upper level R1 C4 R9
1)
PreAmp
Limiting Amplifier
RD+
RD+
3
R2
RD-
Receiver PLL etc.
RD-
RD-
2
C5
RD+ R3 R4
= 4.7 F = 100 nF = 1 H = 270 (5 V) = 150 (3.3 V) R7/8 = 127 (5 V) = 82 (3.3 V) (depends on SerDes chip used) R9 = 510 (5 V) = 270 (3.3 V)
C1/2/3 C4/5/6/7 L1/2 R5/6
= 82 (5 V) = 127 (3.3 V) (depends on SerDes chip used) Place R1/2/3/4 close to SerDes chip, depends on SerDes chip used, see application note of SerDes supplier. Place R5/6/7/8/10/11 close to Infineon transceiver. 1) Design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal data rate. Short trace lengths are mandatory. R10/11
File: 1389
Figure 5 This Application Note assumes Fiber Optic Transceivers using 5 V power supply and SerDes Chips using 3.3 V power supply. It also assumes self biasing at the receiver data inputs (RD+/RD-) of the SerDes chip. Refer to the manufacturer data sheet for other applications. 3.3 V-Transceivers can be directly connected to SerDes-Chips using standard PECL Termination network. Value of R1 may vary as long as proper 50 termination to VEE or 100 differential is provided. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module VCCRx/VCCTx. The transceiver contains an automatic shutdown circuit. Reset is only possible if the power is turned off, and then on again. (VCCTx switched below VTH). Application Board available on request.
Data Sheet 11 2004-01-27
R5
R6
VEERx
1
V23826-K305-Cxx/Cxxx
Application Notes Multimode 850 nm Gigabit Ethernet/Fibre Channel 1x9 Transceiver, AC/DC Version
VCC SerDes 5 V / 3.3 V VEETx 9 VCC Tx+
1)
TD+ Laser Driver 100 TD-
8
7
R7
ECL/PECL Driver TxR8
VCCTx
6 C1
L1
VCC 5 V / 3.3 V
Serializer/ Deserializer
Infineon Transceiver
VCCRx 5
L2 C3 C2 Gigabit Transceiver Chip
R1
Signal Detect
SD
4
SD to upper level R9
1)
PreAmp
Limiting Amplifier
RD-
RD-
3
C4
R2
RD-
Receiver PLL etc.
RD+
RD+
2
C5
RD+
R3 R4
C1/2/3 C4/5 L1/2 R1/2/3/4/7/8 R5/6 R9
= = = = = = = =
4.7 F 10 nF 1 H Biasing (depends on SerDes chip) 270 (5 V) 150 (3.3 V) 510 (5 V) 270 (3.3 V)
R5
R6
VEERx
1
Place R1/2/3/4/7/8 close to SerDes chip. Place R5/6 close to Infineon transceiver. 1) Design criterion of the capacitor used is the resonant frequency and its value must be in the order of thenominal data rate. Short trace lengths are mandatory.
File: 1387
Figure 6 Values of R1/2/3/4 may vary as long as proper 50 termination to VEE or 100 differential is provided. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module VCCRx/VCCTx. The transceiver contains an automatic shutdown circuit. Reset is only possible if the power is turned off, and then on again. (VCCTx switched below VTH). Application Board available on request.
Data Sheet
12
2004-01-27
V23826-K305-Cxx/Cxxx
Application Notes Multimode 850 nm Gigabit Ethernet/Fibre Channel 1x9 Transceiver, AC/AC TTL and AC/AC PECL Versions
VCC SerDes 5 V / 3.3 V VEETx 9 VCC Tx+
1)
TD+ Laser Driver 100 TD-
8
7 R7
ECL/PECL Driver TxR8
VCCTx
6 C1
L1
VCC 5 V / 3.3 V
Infineon Transceiver
VCCRx 5
Serializer/ Deserializer
L2 C3 C2 Gigabit Transceiver Chip R1 R2
Signal Detect
SD
4
SD to upper level R9
1)
PreAmp
Limiting RDAmplifier RD+
RD-
3
RD-
Receiver PLL etc.
RD+
2
RD+ R3 R4
VEERx
1
C1/2/3 L1/2 R1/2/3/4 R7/8 R9
= = = = = = =
4.7 F 1 H Depends on SerDes chip used Biasing (depends on SerDes chip) open (5 V/3.3 V TTL) 510 (5 V PECL) 270 (3.3 V PECL)
Place R1/2/3/4/7/8 close to SerDes chip. Place R5/6 close to Infineon transceiver. 1) Design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal data rate. Short trace lengths are mandatory.
File: 1386
Figure 7 Values of R1/2/3/4 may vary as long as proper 50 termination to VEE or 100 differential is provided. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module VCCRx/VCCTx. The transceiver contains an automatic shutdown circuit. Reset is only possible if the power is turned off, and then on again. (VCCTx switched below VTH). Application Board available on request.
Data Sheet
13
2004-01-27
V23826-K305-Cxx/Cxxx
Shield Options Shield Options
Dimensions in mm [inches]
File: 1508
Figure 8
Shield with Forward Springs, -C3
Data Sheet
14
2004-01-27
V23826-K305-Cxx/Cxxx
Shield Options
Dimensions in mm [inches]
File: 1509
Figure 9
Shield with Backward Springs, -D3
Data Sheet
15
2004-01-27
V23826-K305-Cxx/Cxxx
Package Outlines Package Outlines
Transceiver without Shield
Footprint Top view 9x (0.8 0.1) .032 .004
View Z (Lead cross section and standoff size) (0.63 0.2) .025 .008 (1 0.1) .04 .004 (2.54) .100 20.32 .800
(0.6 0.1) .024 .004 (0.5 typ) .020 typ (2.54) .100 (0.25 typ) .0.10 typ (9.79 max) .385 max Side view Process plug 20.32 .800 (1.9 0.1) .075 .004 2x
(8.6 max) .338 max
Optical Centerline (2) .080 (3.3 0.2) .13 .008 (3.8 max) .150 max PC board (15.88 0.25) .625 .010 (1.4 -0.05) .055 -.002 (2.8 max) .110 max Cutout 123456789

(0.35 0.1) .014 .004
4.875 .192
Z
(25.25 0.05) .994 .002 20.32 .800
Rx Top view (2.05) .081 Tx 12.7 .500

A (38.6 0.15) 1.52 .006
(2.5) .098
(11 max) .433 max
Dimensions in (mm) inches
File: 1254
Figure 10
Data Sheet
16
2004-01-27
V23826-K305-Cxx/Cxxx Revision History: Previous Version: Page 3, 5, 9 2004-01-27 2000-12-19 DS1
Subjects (major changes since last revision) Tables changed
Edition 2004-01-27 Published by Infineon Technologies AG, St.-Martin-Strasse 53, 81669 Munchen, Germany
(c) Infineon Technologies AG 2004.
All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of 125GBITSSC1X933AMP5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X