Part Number Hot Search : 
FP254 ACS573MS 645NIP AEFVBF15 P4V3B P4V3B VA2656 B43712
Product Description
Full Text Search
 

To Download 105020-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1050200001 Active
displayport 0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, Through Hole, DIP Type, 0.76m (30") Gold (Au) Plating, 20 Circuits, without Flange or Cover, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-47272-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 105020 Wire-to-Board Without Flange. Without Cover Receptacle displayport DisplayPort* N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 20 20 Black Male Yes Yes Copper Alloy Gold Tin-Bismuth High Temperature Thermoplastic 2 Right Angle No Yes 0.063 In 1.60 mm Embossed Tape on Reel Without Flange 0.039 In 0.50 mm 0.039 In 0.50 mm 30 0.76 40 1 Yes Yes 1 -20C to +85C Through Hole No
Search Parts in this Series 105020Series
Electrical
Current - Maximum per Contact Grounding to Panel Shielded Voltage - Maximum
0.5A Yes Yes 40V AC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 250
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary * DisplayPort is a Trademark of VESA PK-105020-001 PS-47272-001 SD-105020-001 TS-105020-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 105020-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X