Part Number Hot Search : 
1N3327B MBRB1 TIP127FP LC85050 PT2300L GSE1K5 P4201A AB4005
Product Description
Full Text Search
 

To Download 0208002MXEP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead & Cartridge Fuses
2AG > Fast-Acting > 208 Series
208 Series
Lead-Free 2AG, Fast-Acting Fuse
PS E
Description Littelfuse 208 Series (2AG) 350V Fast-Acting Fuses are available in cartridge form or with axial leads. This series provides the same performance characteristics as its 3AG counterpart, while occupying one-third the space. Sleeved fuses are available. Features with Underwriter's Laboratories Standard UL 248-14 Agency Approvals and axial lead form
Agency Agency File Number Ampere Range
and with various lead forming dimensions Lead-free
E10480
PS E
375mA - 10A 1A - 5A 6A - 10A 375mA - 10A
Applications applications Electrical Characteristics for Series
% of Ampere Rating 100% 135% 200% Opening Time Min. Max. 1 Second, Max.
NBK200405-E10480 C/D NBK060405-E10480 E/F
Electrical Characteristic Specifications by Item
Nominal Cold Resistance (Ohms) 0.395 0.265 0.152 0.103 0.0712 0.0497 100A @ 350V AC 0.0372 0.0317 0.0265 0.0240 0.0186 0.0154 0.0130 0.0107 0.0075 Nominal Melting I2t (A2 sec) 0.171 0.365 1.050 2.220 0.800 1.50 2.68 4.62 6.70 9.40 17 .00 22.10 40 56 116 x x x x x x x x x x x x x x x x x x x x x x x x x x x Agency Approvals
PS E
Amp Code
Amp Rating
Voltage Rating 350 350 350 350 350 350 350 350 350 350 350 350 350 350 350
Interrupting Rating
.375 .500 .750 001. 01.5 002. 02.5 003. 03.5 004. 005. 006. 007 . 008. 010.
0.375 0.500 0.750 1.0 1.5 2.0 2.5 3.0 3.5 4 5 6 7 8 10
x x x x x x x x x x x x x x x
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/208.html for current information.
247 Revised: February 21, 2011
208 Series
208 Series
Introduction to & Cartridge Fuses Axial Lead Circuit Protection
Transientology 2AG > Fast-Acting > 208 Series
Temperature Rerating Curve
Average Time Current Curves
100
10
TIME IN SECONDS
1
0.1
0.01
0.001 0.1 1 10 100 CURRENT IN AMPERES 1000
Soldering Parameters - Wave Soldering
300 280 260 240 220 200 180 160 140 120 100 80 60 40 20 100 110 120 130 140 150 160 170 180 190 200 210 220 230 240 10 20 30 40 50 60 70 80 90 0 0
Temperature (C) - Measured on bottom side of board
Recommended Process Parameters:
Wave Parameter Preheat:
(Depends on Flux Activation Temperature)
Temperature Minimum: Temperature Maximum: Preheat Time: Solder Pot Temperature: Solder Dwell Time:
Recommended Hand-Solder Parameters:
Time (Seconds) Preheat Time Dwell Time Cooling Time
Note: These devices are not recommended for IR or Convection Reflow process.
3/8A 1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 4A 5A 6A 7A 8A 10A
Lead-Free Recommendation
100 C 150 C 60-180 seconds 260 C Maximum 2-5 seconds
208 Series
248
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/208.html for current information.
Axial Lead & Cartridge Fuses
2AG > Fast-Acting > 208 Series
Product Characteristics
Materials Terminal Strength Solderability Product Marking Body : Glass Cap : Nickel-plated brass Leads: Tin-plated Copper Test Condition A 2003-01 Annex A Cap1 : Brand logo, current and voltage ratings Cap2 : Series and agency approval marks Operating Temperature: Thermal Shock: Vibration Humidity for 240 hours Salt Spray -55C to 125C.
Dimensions
Part Numbering System
208 000P Series
4.7 (.184") 4.7 (.184") 14.48 (.57")
208 000EP Series
.635 (.025")
0208 xxxx M X E P
Series Current Rating Code
Refer to Amp Code column of Electrical Characteristics Table
14.48 (.57")
38.1 (1.50") TYP.
Quantity Code
M = 1000
Packaging Code
X = Loose Pack
Option Codes
Blank = Cartridge Type Fuse E = Axial Leaded Fuse
Lead-free
Packaging
Packaging Option 208 Series Bulk Bulk N/A N/A 1000 1000 1500 MX MXE N/A N/A T1=52mm (2.062") Packaging Specification Quantity Taping Width
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/208.html for current information.
249
208 Series
208 Series
Quantity & Packaging Code
Introduction to Circuit Protection
Transientology
250
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 0208002MXEP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X