Part Number Hot Search : 
2KBP02 LM8031 SA120 14150 822ML HML1213 ESGD100 8237AC
Product Description
Full Text Search
 

To Download W9NK90Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
STB9NK90Z - STFPNK90Z STP9NK90Z - STW9NK90Z
N-channel 900V - 1.1 - 8A - TO-220 /FP- D2PAK - TO-247 Zener-protected superMESHTM MOSFET
General features
Type STB9NK90Z STW9NK90Z STP9NK90Z STF9NK90Z

VDSS 900V 900V 900V 900V
RDS(on) <1.3 <1.3 <1.3 <1.3
ID 8A 8A 8A 8A
Pw 160 W
3
3
1 2
160 W 160 W 160 W TO-220
1
DPAK
Extremely high dv/dt capability 100% avalanche tested
1 3 2
Gate charge minimized
TO-247
TO-220FP
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications.
Internal schematic diagram
Applications
Switching application
Order codes
Part number STB9NK90Z STF9NK90Z STP9NK90Z STW9NK90Z Marking B9NK90Z F9NK90Z P9NK90Z W9NK90Z Package DPAK TO-220FP TO-220 TO-247 Packaging Tape & reel Tube Tube Tube
July 2006
Rev 4
1/16
www.st.com 16
Contents
www..com STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1 Electrical characteristics (curves) ............................ 7
3 4 5 6
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/16
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
www..com
Electrical ratings
1
Electrical ratings
Table 1.
Symbol
Absolute maximum ratings
Value Parameter TO-220/DPAK/ TO-247 900 900 30 8 5 32 160 1.28 4 4.5 --55 to 150 2500 8(1) 5(1) 32(1) 40 0.32 Unit TO-220FP V V V A A A W W/C KV V/ns V C
VDS VDGR VGS ID ID IDM(2) PTOT
Drain-source voltage (VGS = 0) Drain-gate voltage (RGS = 20K) Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC=100C Drain current (pulsed) Total dissipation at TC = 25C Derating Factor
Vesd(G-S) G-S ESD (HBM C=100pF, R=1.5k) dv/dt
(3)
Peak diode recovery voltage slope Insulation withstand voltage (DC) Operating junction temperature Storage temperature
VISO TJ Tstg
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 10A, di/dt 200A/s,VDD V(BR)DSS, Tj TJMAX
Table 2.
Symbol
Thermal data
Value Parameter TO-220 TO-20FP DPAK 0.78 62.5 300 3.1 Unit TO-247 0.78 50 C/W C/W C
Rthj-case Rthj-a Tl
Thermal resistance junction-case Max Thermal resistance junction-ambient Max Maximum lead temperature for soldering purpose
Table 3.
Symbol IAS EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj Max) Single pulse avalanche energy (starting Tj=25C, Id=Iar, VDD=50V) Value 8 300 Unit A mJ 3/16
Electrical characteristics
www..com STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 1mA, VGS= 0 VDS = Max rating, VDS = Max rating @125C VGS = 20V, VDS = 0 VDS= VGS, ID = 100A VGS= 10V, ID= 3.6A 3 3.75 1.1 Min. 900 1 50
10
Typ.
Max.
Unit V A A nA V
4.5 1.3
Table 5.
Symbol gfs (1) Ciss Coss Crss
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Test conditions VDS =15V, ID = 3.6 A Min. Typ. 5.75 2115 190 40 115 72 14 38 Max. Unit S pF pF pF pF nC nC nC
VDS =25V, f=1 MHz, VGS=0
Coss eq(2). Equivalent output capacitance Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge
VGS=0, VDS =0V to 720V VDD=720V, ID = 8A VGS =10V (see Figure 19)
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS inceases from 0 to 80% VDSS
4/16
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
www..com Electrical characteristics
Table 6.
Symbol td(on) tr td(off) tf tr(Voff) tf tc
Switching times
Parameter Turn-on delay time Rise Time Test conditions VDD=450 V, ID=4A, RG=4.7, VGS=10V (see Figure 20) VDD=450 V, ID=4A, RG=4.7, VGS=10V (see Figure 20) VDD=720 V, ID=8A, RG=4.7, VGS=10V (see Figure 20) Min. Typ. 22 13 Max. Unit ns ns
Turn-off delay time Fall time Off-voltage Rise Time Fall Time Cross-over Time
55 28 53 11 22
ns ns ns ns ns
Table 7.
Symbol
Gate-source zener diode
Parameter Test conditions Igs=1mA (Open Drain) Min. 30 Typ. Max. Unit V
BVGSO(1) Gate-Source Breakdown Voltage
1. The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 8.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD=8A, VGS=0 ISD=8A, di/dt = 100A/s, VDD=50V, Tj=150C 950 10 21 Test conditions Min Typ. Max 8 32 1.6 Unit A A V ns C A
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration=300s, duty cycle 1.5%
5/16
Electrical characteristics
www..com STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO-220/ DPAK Figure 2. Thermal impedance for TO-220/ DPAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Safe operating area for TO-247
Figure 6.
Thermal impedance for TO-247
6/16
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z Figure 7. Output characterisics Figure 8.
www..com Electrical characteristics
Transfer characteristics
Figure 9.
Transconductance
Figure 10. Static drain-source on resistance
Figure 11. Gate charge vs gate-source voltage Figure 12. Capacitance variations
7/16
Electrical characteristics
www..com STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
Figure 13. Normalized gate threshold voltage vs temperature
Figure 14. Normalized on resistance vs temperature
Figure 15. Source-drain diode forward characteristics
Figure 16. Normalized BVDSS vs temperature
Figure 17. Maximum avalanche energy vs temperature
8/16
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
www..com
Test circuit
3
Test circuit
Figure 19. Gate charge test circuit
Figure 18. Switching times test circuit for resistive load
Figure 20. Test circuit for inductive load Figure 21. Unclamped Inductive load test switching and diode recovery times circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
9/16
Package mechanical data
www..com STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/16
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
www..com Package mechanical data
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
11/16
Package mechanical data
www..com STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
12/16
G
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
www..com Package mechanical data
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
13/16
Packaging mechanical data
www..com STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
14/16
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
www..com
Revision history
6
Revision history
Table 9.
Date 08-Sep-2005 27-Oct-2005 20-Jul-2006
Drevision history
Revision 2 3 4 Complete version Inserted ecopack indication New template, no content change Changes
15/16
www..com STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16


▲Up To Search▲   

 
Price & Availability of W9NK90Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X