Part Number Hot Search : 
TC51832 PCI01 D1763A PA505T CAT9554A WM3988TR FND320C FDS664
Product Description
Full Text Search
 

To Download TH30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Topstek Current Transducer TH3A .. TH50A TH 3A~50A
Features
iHighly reliable Hall Effect device iCompact and light weight iFast response time iExcellent linearity of the output voltage over a wide input range iExcellent frequency response (> 50 kHz) iLow power consumption (12 mA nominal) iCapable of measuring both DC and AC, both pulsed and mixed iHigh isolation voltage between the measuring circuit and the current-carrying conductor (AC2.5KV) iExtended operating temperature range iFlame-Retardant plastic case and silicone encapsulate, using UL classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range
Applications
iUPS systems iIndustrial robots iNC tooling machines iElevator controllers iProcess control devices iAC and DC servo systems iMotor speed controller iElectrical vehicle controllers iInverter-controlled welding machines iGeneral and special purpose inverters iPower supply for laser processing machines iController for traction equipment e.g. electric trains iOther automatic control systems
www..com
Parameter Nominal Input Current Linear Range Nominal Output Voltage Offset Voltage Output Resistance Hysteresis Error Supply Voltage Linearity Consumption Current Response Time (90%Vhn) Frequency bandwidth (-3dB) Thermal Drift of Output Thermal Drift of Zero Current Offset Dielectric Strength Isolation Resistance @ 1000 VDC Operating Temperature Storage Temperature Mass ICC Tr fBW RIS Ta Ts W Symbol Ifn Ifs Vhn Vos ROUT Voh VCC/VEE mV V % mA Psec Hz %/C mV/C V M C C g Unit A DC A DC V mV 9 .. 150 = 3x Ifn TH3A .. TH50A 3 .. 50 7.2 .. 120 = 2.4x Ifn TH3A-B12 .. TH50A-B12
Specifications
4 V1% at If=Ifn ( RL=10k ) Within 40 mV @ If=0, Ta=25C <100 Within 15 mV @ If=Ifn 0 15V 5% Within 1% of Ifn 12 mA nominal, 16 mA max 5 Psec max. @ d If /dt = Ifn / Psec 12V 5%
DC to 50kHz Within 0.1 %/C @ Ifn Within 1.5 mV/C @ Ifn
AC2.5KV X 60 sec >1000 M -15C to 80C -20C to 85C 10 g
- 38 www.topstek.com
TH
V080201
7/1/2008
Topstek Current Transducer TH3A .. TH50A
Appearance, dimensions and pin identification for TH3A .. TH30A models
All dimensions in mm 0.2, holes -0, +0.2 except otherwise noted.
max
TH 3A 04252
www..com
Secondary pins 4x(0.5x0.25)
max
Primary
Pin Assignment -15V 0V +15V Vout I+ IPart Number d(mm) e(mm) 1-3A 0.6 1.2 4-6A 0.8 1.2 6-9A 1.0 1.6 10-12.5A 1.2 1.8 13-18.5A 1.4 2.2 20-30A 1.6 2.4
Bottom View
PCB mounting hole layout Positive current flow direction
- 39 www.topstek.com
TH
V080201
7/1/2008
Topstek Current Transducer TH3A .. TH50A
Appearance, dimensions and pin identification for TH37.5A .. TH50A models
All dimensions in mm 0.2, holes -0, +0.2 except otherwise noted.
max
TH50A 04252
www..com
Secondary pins 4x(0.5x0.25)
max
Primary
Bottom View
Pin Assignment -15V 0V +15V Vout I+ I- 40 www.topstek.com TH V080201 7/1/2008
Part Number d(mm) e(mm) TH37.5A TH50A
PCB mounting hole layout Positive current flow direction
1.3x5 2.0x6
1.3x5 2.0x6


▲Up To Search▲   

 
Price & Availability of TH30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X