|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Filename: tfs 456a.doc Version 1.0 18.09.2006 VI TELEFILTER Measurement condition Ambient temperature: Input power level: Terminating impedance: * Input: Output: 23 0 C dBm Filter specification TFS 456A 1/5 480 || -5,0 pF 430 || -4,6 pF Characteristics Remark: The reference level for the relative attenuation arel of the TFS 456A is the minimum of the pass band attenuation. This value is defined as the insertion loss ae. The nominal frequency fN is fixed at 456,0 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme. Data Insertion loss (reference level) Nominal frequency Passband Pass band ripple Relative attenuation fN fN 3,4 3,7 MHz ... fN MHz ... fN ... ... ... ... ... ... ... ... fN fN fN fN fN fN fN fN + + + + + + 3,4 3,7 200 44 36 6,7 36 44 200 490 arel MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz at fN ae = amin typ. value 9,5 0,6 dB dB tolerance / limit max. 13,0 456,0 fN 3,4 max. 1,0 dB MHz MHz dB fN 0,6 1 60 50 52 45 44 52 52 60 0,65 60 13 - dB dB dB dB dB dB dB dB dB dB s ns dB max. max. min. min. min. min. min. min. min. min. max. max. min. max. 1 3 30 40 45 40 40 45 40 30 0,85 250 10 10 dB dB dB dB dB dB dB dB dB dB s ns dB dBm fN 455 MHz 200 MHz fN 44 MHz fN 36 MHz fN 6,7 MHz fN + 36 MHz fN + 44 MHz fN + 200 MHz fN + Absolute Group Delay Group delay ripple Return loss within PB Input power level Operating temperature range Storage temperature range Temperature coefficient of frequency OTR TCf ** -18 ppm/K - 40 C ... + 85C - 45 C ... + 85C *) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. **) f(Hz) = TCf(ppm/K) x (T-T0) x fcat(MHz). Generated: Checked / Approved: Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Filename: tfs 456a.doc Version 1.0 18.09.2006 VI TELEFILTER Filter characteristic 0 -8 -16 -24 magnitude in dB Filter specification TFS 456A 2/5 0 -1 -2 -3 magnitude in dB -4 -5 -6 -7 -8 -9 2.26 2.08 1.9 1.72 delay in s 1.54 1.36 1.18 1 0.82 0.64 -32 -40 -48 -56 -64 -72 -80 331.3 356.3 381.3 406.3 431.3 456.3 481.3 506.3 531.3 556.3 581.3 frequency in MHz 0.46 -10 451.3 452.3 453.3 454.3 455.3 456.3 457.3 458.3 459.3 460.3 461.3 frequency in MHz Construction and pin connection (All dimensions in mm) 1 2 3 4 5 6 7 8 9 10 Ground Ground Ground Output Output RF Return Ground Ground Ground Input Input RF Return S 456A U38 Date code Date code: U V W ... Year + week 2006 2007 2008 50 Test circuit L1 9 10 4 L2 SAW 5 C2 C1 1, 2, 3, 6, 7, 8 Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Filename: tfs 456a.doc Version 1.0 18.09.2006 VI TELEFILTER Stability characteristics, reliability Filter specification TFS 456A 3/5 After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature: 4. Resistance to solder heat (reflow): 500g, 1 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N reflow possible: three times max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4; This filter is RoHS compliant (2002/95/EG, 2005/618/EG) Packing Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer: Pull Off Direction 3000 min. 300 mm min. 500 mm min. 300 mm Tape (all dimensions in mm) W : 16,00 0,3 Po : 4,00 0,1 Do : 1,50 +0,1/-0 E : 1,75 0,1 F : 7,50 0,1 G(min) : 0,60 P2 : 2,00 0,1 P1 : 8,00 0,1 D1(min) : 1,50 Ao : 5,50 0,1 Bo : 7,50 0,1 Ct : 13,5 0,1 P1 Date Code t Do Po P2 E G Ct Bo F Ko Typ PIN Marker D1 Ao W2 Reel (all dimensions in mm) A : 330 W1 : 16,4 +2/-0 W2(max) : 22,4 N(min) : 50 C : 13,0 +0,5/-0,2 A C N W1 The minimum bending radius is 45 mm. Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. G W Filename: tfs 456a.doc Version 1.0 18.09.2006 VI TELEFILTER Air reflow temperature conditions Filter specification TFS 456A 4/5 Conditions Average ramp-up rate (30C to 217C) > 100C > 150C > 217C Peak temperature Time within 5C of actual peak temperature Cool-down rate (Peak to 50C) Time from 30C to Peak temperature Exposure less than 3C/second between 300 and 600 seconds between 240 and 500 seconds between 30 and 150 seconds max. 260C between 10 and 30 seconds less than 6C/second no greater than 300 seconds Chip-mount air reflow profile Temperature / C max. 260C 217C max. 300 s 10 ... 30 s 30 ... 150 s Time / s Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Filename: tfs 456a.doc Version 1.0 18.09.2006 VI TELEFILTER Filter specification TFS 456A 5/5 Version 1.0 Reason of Changes - specification generated Name Pfeiffer Date 18.09.2006 Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. |
Price & Availability of TFS456A |