Part Number Hot Search : 
2SB1190 AD7814 PF0603S1 BUL52BFI GBLC08CI IR2104S UF4001 BZT52B15
Product Description
Full Text Search
 

To Download SST39LF400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
SST39LF/VF200A / 400A / 800A3.0 & 2.7V 2Mb / 4Mb / 8Mb (x16) MPF memories
FEATURES:
w
* Organized as 128K x16 / 256K x16 / 512K x16 * Single Voltage Read and Write Operations - 3.0-3.6V for SST39LF200A/400A/800A - 2.7-3.6V for SST39VF200A/400A/800A * Superior Reliability - Endurance: 100,000 Cycles (typical) - Greater than 100 years Data Retention * Low Power Consumption - Active Current: 20 mA (typical) - Standby Current: 3 A (typical) * Sector-Erase Capability - Uniform 2 KWord sectors * Block-Erase Capability - Uniform 32 KWord blocks * Fast Read Access Time - 45 and 55 ns for SST39LF200A/400A - 55 ns for SST39LF800A - 70 and 90 ns for SST39VF200A/400A/800A * Latched Address and Data
w
w
.D
ta a
Sh
et e
4U
.
om c
Data Sheet
PRODUCT DESCRIPTION
The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A devices are 128K x16 / 256K x16 / 512K x16 CMOS Multi-Purpose Flash (MPF) manufactured with SST's proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39LF200A/400A/800A write (Program or Erase) with a 3.0-3.6V power supply. The SST39VF200A/400A/800A write (Program or Erase) with a 2.7-3.6V power supply. These devices conform to JEDEC standard pinouts for x16 memories.
Featuring high performance Word-Program, the SST39LF200A/400A/800A and SST39VF200A/400A/ 800A devices provide a typical Word-Program time of 14 sec. The devices use Toggle Bit or Data# Polling to detect the completion of the Program or Erase operation. To protect against inadvertent write, they have on-chip hardware and software data protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed endurance of 10,000 cycles. Data retention is rated at greater than 100 years.
w
w
w
.D
t a
S a
e h
* Fast Erase and Word-Program - Sector-Erase Time: 18 ms (typical) - Block-Erase Time: 18 ms (typical) - Chip-Erase Time: 70 ms (typical) - Word-Program Time: 14 s (typical) - Chip Rewrite Time: 2 seconds (typical) for SST39LF/VF200A 4 seconds (typical) for SST39LF/VF400A 8 seconds (typical) for SST39LF/VF800A * Automatic Write Timing - Internal VPP Generation * End-of-Write Detection - Toggle Bit - Data# Polling * CMOS I/O Compatibility * JEDEC Standard - Flash EEPROM Pinouts and command sets * Packages Available - 48-lead TSOP (12mm x 20mm) - 48-ball TFBGA (6mm x 8mm and 8mm x 10mm)
t e
U 4
.c
m o
cantly improve performance and reliability, while lowering power consumption. They inherently use less energy during Erase and Program than alternative flash technologies. When programming a flash device, the total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash technologies. These devices also improve flexibility while lowering the cost for program, data, and configuration storage applications. The SuperFlash technology provides fixed Erase and Program times, independent of the number of Erase/Program cycles that have occurred. Therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Program times increase with accumulated Erase/Program cycles. To meet surface mount requirements, the SST39LF200A/ 400A/800A and SST39VF200A/400A/800A are offered in both 48-lead TSOP packages and 48-ball TFBGA packages. See Figures 1 and 2 for pinouts.
The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A devices are suited for applications that require convenient and economical updating of program, configuration, or data memory. For all system applications, they signifi-
(c)2001 Silicon Storage Technology, Inc. S71117-04-000 6/01 360 1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF is a trademark of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
w
w
w
.D
at
Sh a
et e
4U
.
om c
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written to the device using standard microprocessor write sequences. A command is written by asserting WE# low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
Read
The Read operation of the SST39LF200A/400A/800A and SST39VF200A/400A/800A is controlled by CE# and OE#, both have to be low for the system to obtain data from the outputs. CE# is used for device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when either CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure 3).
Erase operation is initiated by executing a six-byte command sequence with Sector-Erase command (30H) and sector address (SA) in the last bus cycle. The Block-Erase operation is initiated by executing a six-byte command sequence with Block-Erase command (50H) and block address (BA) in the last bus cycle. The sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The End-ofErase operation can be determined using either Data# Polling or Toggle Bit methods. See Figures 9 and 10 for timing waveforms. Any commands issued during the Sectoror Block-Erase operation are ignored.
Chip-Erase Operation
The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A provide a Chip-Erase operation, which allows the user to erase the entire memory array to the "1" state. This is useful when the entire device must be quickly erased. The Chip-Erase operation is initiated by executing a sixbyte command sequence with Chip-Erase command (10H) at address 5555H in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 4 for the command sequence, Figure 8 for timing diagram, and Figure 19 for the flowchart. Any commands issued during the Chip-Erase operation are ignored.
Word-Program Operation
The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A are programmed on a word-by-word basis. Before programming, one must ensure that the sector, in which the word which is being programmed exists, is fully erased. The Program operation consists of three steps. The first step is the three-byte load sequence for Software Data Protection. The second step is to load word address and word data. During the Word-Program operation, the addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs first. The Program operation, once initiated, will be completed within 20 s. See Figures 4 and 5 for WE# and CE# controlled Program operation timing diagrams and Figure 16 for flowcharts. During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks. Any commands issued during the internal Program operation are ignored.
Write Operation Status Detection
The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A provide two software means to detect the completion of a write (Program or Erase) cycle, in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase operation. The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the write cycle, otherwise the rejection is valid.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or block-byblock) basis. The SST39LF200A/400A/800A and SST39VF200A/400A/800A offers both Sector-Erase and Block-Erase mode. The sector architecture is based on uniform sector size of 2 KWord. The Block-Erase mode is based on uniform block size of 32 KWord. The Sector(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
2
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
Data# Polling (DQ7)
When the SST39LF200A/400A/800A and SST39VF200A/ 400A/800A are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. The device is then ready for the next operation. During internal Erase operation, any attempt to read DQ7 will produce a `0'. Once the internal Erase operation is completed, DQ7 will produce a `1'. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 6 for Data# Polling timing diagram and Figure 17 for a flowchart.
Software Data Protection (SDP)
The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A provide the JEDEC approved Software Data Protection scheme for all data alteration operations, i.e., Program and Erase. Any Program operation requires the inclusion of the three-byte sequence. The three-byte load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations, e.g., during the system power-up or power-down. Any Erase operation requires the inclusion of six-byte sequence. This group of devices are shipped with the Software Data Protection permanently enabled. See Table 4 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to Read mode within TRC. The contents of DQ15-DQ8 can be VIL or VIH, but no other value, during any SDP command sequence.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce alternating 1s and 0s, i.e., toggling between 1 and 0. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 7 for Toggle Bit timing diagram and Figure 17 for a flowchart.
Common Flash Memory Interface (CFI)
The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A also contain the CFI information to describe the characteristics of the device. In order to enter the CFI Query mode, the system must write three-byte sequence, same as Software ID Entry command with 98H (CFI Query command) to address 5555H in the last byte sequence. Once the device enters the CFI Query mode, the system can read CFI data at the addresses given in Tables 5 through 9. The system must write the CFI Exit command to return to Read mode from the CFI Query mode.
Data Protection
The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A provide both hardware and software features to protect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvertent writes during power-up or power-down.
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
3
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
Product Identification
The Product Identification mode identifies the devices as the SST39LF/VF200A, SST39LF/VF400A and SST39LF/ VF800A and manufacturer as SST. This mode may be accessed by software operations. Users may use the Software Product Identification operation to identify the part (i.e., using the device ID) when using multiple manufacturers in the same socket. For details, see Table 4 for software operation, Figure 11 for the Software ID Entry and Read timing diagram, and Figure 18 for the Software ID Entry command sequence flowchart. TABLE 1: PRODUCT IDENTIFICATION TABLE
Address Manufacturer's ID Device ID SST39LF/VF200A SST39LF/VF400A SST39LF/VF800A 0001H 0001H 0001H 2789H 2780H 2781H
T1.3 360
Product Identification Mode Exit/ CFI Mode Exit
In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accomplished by issuing the Software ID Exit command sequence, which returns the device to the Read mode. This command may also be used to reset the device to the Read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g., not read correctly. Please note that the Software ID Exit/ CFI Exit command is ignored during an internal Program or Erase operation. See Table 4 for software command codes, Figure 13 for timing waveform and Figure 18 for a flowchart.
Data 00BFH
0000H
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
4
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
FUNCTIONAL BLOCK DIAGRAM
X-Decoder
SuperFlash Memory
Memory Address
Address Buffer & Latches Y-Decoder
CE# OE# WE# DQ15 - DQ0
360 ILL B1.2
Control Logic
I/O Buffers and Data Latches
SST39LF/VF800A SST39LF/VF400A SST39LF/VF200A A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE# NC NC NC NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE# NC NC NC NC NC A17 A7 A6 A5 A4 A3 A2 A1 A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE# NC NC NC NC NC NC A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
SST39LF/VF200A SST39LF/VF400A SST39LF/VF800A 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 NC VSS DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VDD DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0 A16 NC VSS DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VDD DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0 A16 NC VSS DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VDD DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0
Standard Pinout Top View Die Up
SST39LF200A/400A/800A SST39VF200A/400A/800A
360 ILL F01.2
FIGURE 1: PIN ASSIGNMENTS FOR 48-LEAD TSOP
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
5
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
TOP VIEW (balls facing down)
SST39LF/VF200A
6 5 4 3 2 1
A13 A12 A14 A9 A8 A10 NC NC A6 A2
A15 A16 NC DQ15 VSS A11 DQ7 DQ14 DQ13 DQ6 NC DQ5 DQ12 VDD DQ4 NC DQ2 DQ10 DQ11 DQ3 A5 A1 DQ0 DQ8 DQ9 DQ1 A0 CE# OE# VSS
360 ILL F02_2.0
WE# NC NC A7 A3 NC NC A4
A
B
C
D
E
F
G
H
TOP VIEW (balls facing down)
TOP VIEW (balls facing down)
SST39LF/VF400A
SST39LF/VF800A
6 5 4 3 2 1
A13 A12 A14 A9 A8 A10 NC NC A6 A2
A15 A16 NC DQ15 VSS A11 DQ7 DQ14 DQ13 DQ6 NC DQ5 DQ12 VDD DQ4 NC DQ2 DQ10 DQ11 DQ3
360 ILL F02_4.0
6 5 4 3 2 1
A13 A12 A14 A9 A8 A10 NC A18 A6 A2
A15 A16 NC DQ15 VSS A11 DQ7 DQ14 DQ13 DQ6 NC DQ5 DQ12 VDD DQ4 NC DQ2 DQ10 DQ11 DQ3 A5 A1 DQ0 DQ8 DQ9 DQ1 A0 CE# OE# VSS
360 ILL F02_8.0
WE# NC NC A7 A3 NC A17 A4
WE# NC NC A7 A3 NC A17 A4
A5 A1
DQ0 DQ8 DQ9 DQ1 A0 CE# OE# VSS
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
FIGURE 2: PIN ASSIGNMENTS FOR 48-BALL TFBGA
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
6
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet TABLE 2: PIN DESCRIPTION
Symbol AMS1-A0 DQ15-DQ0 Pin Name Address Inputs Data Input/output Functions To provide memory addresses. During Sector-Erase AMS-A11 address lines will select the sector. During Block-Erase AMS-A15 address lines will select the block. To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a Write cycle. The outputs are in tri-state when OE# or CE# is high. To activate the device when CE# is low. To gate the data output buffers. To control the Write operations. To provide power supply voltage: 3.0-3.6V for SST39LF200A/400A/800A 2.7-3.6V for SST39VF200A/400A/800A
CE# OE# WE# VDD VSS NC
Chip Enable Output Enable Write Enable Power Supply Ground No Connection
Unconnected pins.
T2.2 360
1. AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A, and A18 for SST39LF/VF800A
TABLE 3: OPERATION MODES SELECTION
Mode Read Program Erase Standby Write Inhibit Product Identification Software Mode VIL VIL VIH See Table 4
T3.4 360
CE# VIL VIL VIL VIH X X
OE# VIL VIH VIH X VIL X
WE# VIH VIL VIL X X VIH
DQ DOUT DIN X1 High Z High Z/ DOUT High Z/ DOUT
Address AIN AIN Sector or Block address, XXH for Chip-Erase X X X
1. X can be VIL or VIH, but no other value.
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
7
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet TABLE 4: SOFTWARE COMMAND SEQUENCE
Command Sequence Word-Program Sector-Erase Block-Erase Chip-Erase Software ID Software ID CFI Exit Entry5,6 Exit7/ CFI Query Entry5 1st Bus Write Cycle Addr1 5555H 5555H 5555H 5555H 5555H 5555H XXH 5555H Data2 AAH AAH AAH AAH AAH AAH F0H AAH 2AAAH 55H 5555H F0H
T4.2 360
2nd Bus Write Cycle Addr1 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH Data2 55H 55H 55H 55H 55H 55H
3rd Bus Write Cycle Addr1 5555H 5555H 5555H 5555H 5555H 5555H Data2 A0H 80H 80H 80H 90H 98H
4th Bus Write Cycle Addr1 WA3 5555H 5555H 5555H Data2 Data AAH AAH AAH
5th Bus Write Cycle Addr1 2AAAH 2AAAH 2AAAH Data2 55H 55H 55H
6th Bus Write Cycle Addr1 SAX4 BAX4 5555H Data2 30H 50H 10H
Software ID Exit7/ CFI Exit
1. Address format A14-A0 (Hex), Addresses A15 and A16 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF200A. Addresses A15, A16, and A17 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF400A. Addresses A15, A16, A17, and A18 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF800A. 2. DQ15 - DQ8 can be VIL or VIH, but no other value, for the Command sequence 3. WA = Program word address 4. SAX for Sector-Erase; uses AMS-A11 address lines BAX, for Block-Erase; uses AMS-A15 address lines AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A 5. The device does not remain in Software Product ID Mode if powered down. 6. With AMS-A1 =0; SST Manufacturer's ID= 00BFH, is read with A0 = 0, SST39LF/VF200A Device ID = 2789H, is read with A0 = 1. SST39LF/VF400A Device ID = 2780H, is read with A0 = 1. SST39LF/VF800A Device ID = 2781H, is read with A0 = 1. 7. Both Software ID Exit operations are equivalent
TABLE 5: CFI QUERY IDENTIFICATION STRING1 FOR SST39LF200A/400A/800A
Address 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH Data 0051H 0052H 0059H 0001H 0007H 0000H 0000H 0000H 0000H 0000H 0000H Data Query Unique ASCII string "QRY"
AND
SST39VF200A/400A/800A
Primary OEM command set Address for Primary Extended Table Alternate OEM command set (00H = none exists) Address for Alternate OEM extended Table (00H = none exits)
T5.0 360
1. Refer to CFI publication 100 for more details.
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
8
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet TABLE 6: SYSTEM INTERFACE INFORMATION
Address 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H 24H 25H 26H Data 0027H1 0030H1 0036H 0000H 0000H 0004H 0000H 0004H 0006H 0001H 0000H 0001H 0001H Data VDD Min. (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VDD Max. (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VPP min. (00H = no VPP pin) VPP max. (00H = no VPP pin) Typical time out for Word-Program 2N s (24 = 16 s) Typical time out for min. size buffer program 2N s (00H = not supported) Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms) Typical time out for Chip-Erase 2N ms (26 = 64 ms) Maximum time out for Word-Program 2N times typical (21 x 24 = 32 s) Maximum time out for buffer program 2N times typical Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 24 = 32 ms) Maximum time out for Chip-Erase 2N times typical (21 x 26 = 128 ms)
T6.2 360
FOR
SST39LF200A/400A/800A
AND
SST39VF200A/400A/800A
1. 0030H for SST39LF200A/400A/800A and 0027H for SST39VF200A/400A/800A
TABLE 7: DEVICE GEOMETRY INFORMATION
Address 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H Data 0012H 0001H 0000H 0000H 0002H 003FH 0000H 0010H 0000H 0003H 0000H 0000H 0001H
FOR
SST39LF/VF200A
Data Device size = 2N Byte (12H = 18; 218 = 256 KBytes) Flash Device Interface description; 0001H = x16-only asynchronous interface Maximum number of byte in multi-byte write = 2N (00H = not supported) Number of Erase Sector/Block sizes supported by device Sector Information (y + 1 = Number of sectors; z x 256B = sector size) y = 63 + 1 = 64 sectors (003FH = 63) z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16) Block Information (y + 1 = Number of blocks; z x 256B = block size) y = 3 + 1 = 4 blocks (0003H = 3) z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T7.2 360
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
9
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet TABLE 8: DEVICE GEOMETRY INFORMATION
Address 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H Data 0013H 0001H 0000H 0000H 0000H 0002H 007FH 0000H 0010H 0000H 0007H 0000H 0000H 0001H
FOR
SST39LF/VF400A
Data Device size = 2N Byte (13H = 19; 219 = 512 KBytes) Flash Device Interface description; 0001H = x16-only asynchronous interface Maximum number of byte in multi-byte write = 2N (00H = not supported) Number of Erase Sector/Block sizes supported by device Sector Information (y + 1 = Number of sectors; z x 256B = sector size) y = 127 + 1 = 128 sectors (007FH = 127) z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16) Block Information (y + 1 = Number of blocks; z x 256B = block size) y = 7 + 1 = 8 blocks (0007H = 7) z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T8.1 360
TABLE 9: DEVICE GEOMETRY INFORMATION
Address 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H Data 0014H 0001H 0000H 0000H 0000H 0002H 00FFH 0000H 0010H 0000H 000FH 0000H 0000H 0001H
FOR
SST39LF/VF800A
Data Device size = 2N Byte (14H = 20; 220 = 1 MByte) Flash Device Interface description; 0001H = x16-only asynchronous interface Maximum number of byte in multi-byte write = 2N (00H = not supported) Number of Erase Sector/Block sizes supported by device Sector Information (y + 1 = Number of sectors; z x 256B = sector size) y = 255 + 1 = 256 sectors (00FFH = 255) z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16) Block Information (y + 1 = Number of blocks; z x 256B = block size) y = 15 + 1 = 16 blocks (000FH = 15) z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T9.0 360
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
10
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD + 1.0V Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V Package Power Dissipation Capability (Ta = 25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240C Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE: SST39LF200A/400A/800A
Range Commercial Ambient Temp 0C to +70C VDD 3.0-3.6V
OPERATING RANGE: SST39VF200A/400A/800A
Range Commercial Extended Industrial Ambient Temp 0C to +70C -20C to +85C -40C to +85C
OF
VDD 2.7-3.6V 2.7-3.6V 2.7-3.6V
AC CONDITIONS
TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF for SST39LF200A/400A/800A Output Load . . . . . . . . . . . . . . . . . . . . CL = 100 pF for SST39VF200A/400A/800A See Figures 14 and 15
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
11
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet TABLE 10: DC OPERATING CHARACTERISTICS VDD = 3.0-3.6V FOR SST39LF200A/400A/800A
Limits Symbol IDD Parameter Power Supply Current Read Program and Erase ISB ILI ILO VIL VIH VIHC VOL VOH Standby VDD Current Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Input High Voltage (CMOS) Output Low Voltage Output High Voltage VDD-0.2 0.7VDD VDD-0.3 0.2 30 30 20 1 10 0.8 V V V V mA mA A A A Min Max Units Test Conditions Address input = VIL/VIH, at f=1/TRC Min., VDD=VDD Max. CE#=OE#=VIL,WE#=VIH, all I/Os open CE#=WE#=VIL, OE#=VIH CE#=VIHC, VDD = VDD Max. VIN =GND to VDD, VDD = VDD Max. VOUT =GND to VDD, VDD = VDD Max. VDD = VDD Min. VDD = VDD Max. VDD = VDD Max. IOL = 100 A, VDD = VDD Min. IOH = -100 A, VDD = VDD Min.
T10.5 360
AND
2.7-3.6V
FOR
SST39VF200A/400A/800A
TABLE 11: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol TPU-READ
1
Parameter Power-up to Read Operation Power-up to Program/Erase Operation
Minimum 100 100
Units s s
T11.0 360
TPU-WRITE1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 12: CAPACITANCE
Parameter CI/O1 CIN
1
(Ta = 25C, f=1 Mhz, other pins open)
Description I/O Pin Capacitance Input Capacitance
Test Condition VI/O = 0V VIN = 0V
Maximum 12 pF 6 pF
T12.0 360
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 13: RELIABILITY CHARACTERISTICS
Symbol NEND TDR1 ILTH1
1
Parameter Endurance Data Retention Latch Up
Minimum Specification 10,000 100 100 + IDD
Units Cycles Years mA
Test Method JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
T13.1 360
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
12
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
AC CHARACTERISTICS
TABLE 14: READ CYCLE TIMING PARAMETERS VDD = 3.0-3.6V
SST39LF200A/400A-45 Symbol TRC TCE TAA TOE TCLZ1 TOLZ1 TCHZ1 TOHZ1 TOH1 Parameter Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE# Low to Active Output OE# Low to Active Output CE# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change 0 0 0 15 15 0 Min 45 45 45 30 0 0 15 15 Max SST39LF200A/400A/800A-55 Min 55 55 55 30 Max Units ns ns ns ns ns ns ns ns ns
T14.7 360
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 15: READ CYCLE TIMING PARAMETERS VDD= 2.7-3.6V
SST39VF200A/400A/800A-70 Symbol TRC TCE TAA TOE TCLZ1 TOLZ1 TCHZ1 TOHZ1 TOH1 Parameter Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE# Low to Active Output OE# Low to Active Output CE# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change 0 0 0 20 20 0 Min 70 70 70 35 0 0 30 30 Max SST39VF200A/400A/800A-90 Min 90 90 90 45 Max Units ns ns ns ns ns ns ns ns ns
T15.6 360
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
13
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet TABLE 16: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol TBP TAS TAH TCS TCH TOES TOEH TCP TWP TWPH1 TCPH TDS TDH1 TIDA1 TSE TBE TSCE
1
Parameter Word-Program Time Address Setup Time Address Hold Time WE# and CE# Setup Time WE# and CE# Hold Time OE# High Setup Time OE# High Hold Time CE# Pulse Width WE# Pulse Width WE# Pulse Width High CE# Pulse Width High Data Setup Time Data Hold Time Software ID Access and Exit Time Sector-Erase Block-Erase Chip-Erase
Min 0 30 0 0 0 10 40 40 30 30 30 0
Max 20
Units s ns ns ns ns ns ns ns ns ns ns ns ns
150 25 25 100
ns ms ms ms
T16.0 360
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
14
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
TRC ADDRESS AMS-0
TAA
CE#
TCE
OE# VIH WE# TOLZ
TOE
TOHZ TCHZ HIGH-Z DATA VALID
DQ15-0
HIGH-Z
TCLZ
TOH DATA VALID
Note:
AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A
360 ILL F03.2
FIGURE 3: READ CYCLE TIMING DIAGRAM
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 5555 TAH TWP WE# TAS OE# TCH CE# TCS DQ15-0 XXAA SW0 Note: XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA) TWPH TDS 2AAA 5555 ADDR TDH
360 ILL F04.4
AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A X can be VIL or VIH, but no other value.
FIGURE 4: WE# CONTROLLED PROGRAM CYCLE TIMING DIAGRAM
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
15
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 5555 TAH TCP CE# TAS OE# TCH WE# TCS DQ15-0 XXAA SW0 Note: XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA) TCPH TDS 2AAA 5555 ADDR TDH
360 ILL F05.4
AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A X can be VIL or VIH, but no other value.
FIGURE 5: CE# CONTROLLED PROGRAM CYCLE TIMING DIAGRAM
ADDRESS AMS-0 TCE CE# TOEH OE# TOE WE# TOES
DQ7
DATA
DATA#
DATA#
DATA
360 ILL F06.3
Note:
AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A
FIGURE 6: DATA# POLLING TIMING DIAGRAM
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
16
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
ADDRESS AMS-0 TCE CE# TOEH OE# TOE TOES
WE#
DQ6
TWO READ CYCLES WITH SAME OUTPUTS
Note:
AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A
360 ILL F07.3
FIGURE 7: TOGGLE BIT TIMING DIAGRAM
SIX-BYTE CODE FOR CHIP-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA 5555
TSCE
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX10 SW5
360 ILL F08.7
Note: This device also supports CE# controlled Chip-Erase operation. The WE# and CE# signals are interchageable as long as minimum timings are met. (See Table 16) AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A X can be VIL or VIH, but no other value.
FIGURE 8: WE# CONTROLLED CHIP-ERASE TIMING DIAGRAM
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
17
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
TBE BAX
SIX-BYTE CODE FOR BLOCK-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX50 SW5
360 ILL F17.9
Note: This device also supports CE# controlled Block-Erase operation. The WE# and CE# signals are interchageable as long as minimum timings are met. (See Table 16) BAX = Block Address AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A X can be VIL or VIH, but no other value.
FIGURE 9: WE# CONTROLLED BLOCK-ERASE TIMING DIAGRAM
SIX-BYTE CODE FOR SECTOR-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA SAX
TSE
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX30 SW5
360 ILL F18.8
Note: This device also supports CE# controlled Sector-Erase operation. The WE# and CE# signals are interchageable as long as minimum timings are met. (See Table 16) SAX = Sector Address AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A X can be VIL or VIH, but no other value.
FIGURE 10: WE# CONTROLLED SECTOR-ERASE TIMING DIAGRAM
(c)2001 Silicon Storage Technology, Inc. S71117-04-000 6/01 360
18
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
THREE-BYTE SEQUENCE FOR SOFTWARE ID ENTRY ADDRESS A14-0 5555 2AAA 5555 0000 0001
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX90 SW2 TAA 00BF Device ID
360 ILL F09.4
TIDA
Device ID = 2789H for SST39LF/VF200A, 2780H for SST39LF/VF400A and 2781H for SST39LF/VF800A Note: X can be VIL or VIH, but no other value.
FIGURE 11: SOFTWARE ID ENTRY
AND
READ
THREE-BYTE SEQUENCE FOR CFI QUERY ENTRY ADDRESS A14-0 5555 2AAA 5555
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX98 SW2
360 ILL F20.1
TIDA
TAA
Note: X can be VIL or VIH, but no other value.
FIGURE 12: CFI QUERY ENTRY
AND
READ
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
19
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
THREE-BYTE SEQUENCE FOR SOFTWARE ID EXIT AND RESET
ADDRESS A14-0
5555
2AAA
5555
DQ15-0
XXAA
XX55
XXF0 TIDA
CE#
OE# TWP WE# T WHP SW0
Note:
SW1
SW2
360 ILL F10.1
X can be VIL or VIH, but no other value.
FIGURE 13: SOFTWARE ID EXIT/CFI EXIT
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
20
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
VIHT
INPUT
VIT
REFERENCE POINTS
VOT
OUTPUT
VILT
360 ILL F11.1
AC test inputs are driven at VIHT (0.9 VDD) for a logic "1" and VILT (0.1 VDD) for a logic "0". Measurement reference points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10% 90%) are <5 ns.
Note: VIT - VINPUT Test VOT - VOUTPUT Test VIHT - VINPUT HIGH Test VILT - VINPUT LOW Test
FIGURE 14: AC INPUT/OUTPUT REFERENCE WAVEFORMS
TO TESTER
TO DUT CL
360 ILL F12.1
FIGURE 15: A TEST LOAD EXAMPLE
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
21
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
Start
Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XXA0H Address: 5555H
Load Word Address/Word Data
Wait for end of Program (TBP, Data# Polling bit, or Toggle bit operation) Program Completed
Note:
X can be VIL or VIH, but no other value.
360 ILL F13.4
FIGURE 16: WORD-PROGRAM ALGORITHM
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
22
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
Internal Timer Program/Erase Initiated
Toggle Bit Program/Erase Initiated
Data# Polling Program/Erase Initiated
Wait TBP, TSCE, TSE or TBE
Read word
Read DQ7
Program/Erase Completed
Read same word
No
Is DQ7 = true data? Yes
No
Does DQ6 match? Yes Program/Erase Completed
Program/Erase Completed
360 ILL F14.0
FIGURE 17: WAIT OPTIONS
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
23
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
CFI Query Entry Command Sequence
Software ID Entry Command Sequence
Software ID Exit/CFI Exit Command Sequence
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXF0H Address: XXH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Wait TIDA
Load data: XX98H Address: 5555H
Load data: XX90H Address: 5555H
Load data: XXF0H Address: 5555H
Return to normal operation
Wait TIDA
Wait TIDA
Wait TIDA
Read CFI data
Read Software ID
Return to normal operation
360 ILL F15.4
Note:
X can be VIL or VIH, but no other value.
FIGURE 18: SOFTWARE ID/CFI COMMAND FLOWCHARTS
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
24
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
Chip-Erase Command Sequence Load data: XXAAH Address: 5555H
Sector-Erase Command Sequence Load data: XXAAH Address: 5555H
Block-Erase Command Sequence Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX80H Address: 5555H
Load data: XX80H Address: 5555H
Load data: XX80H Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX10H Address: 5555H
Load data: XX30H Address: SAX
Load data: XX50H Address: BAX
Wait TSCE
Wait TSE
Wait TBE
Chip erased to FFFFH
Sector erased to FFFFH
Block erased to FFFFH
Note:
X can be VIL or VIH, but no other value.
360 ILL F16.5
FIGURE 19: ERASE COMMAND SEQUENCE
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
25
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
PRODUCT ORDERING INFORMATION
Device SST39xFxxxA Speed XX Suffix1 XX Suffix2 XX Package Modifier K = 48 leads or balls Numeric = Die modifier Package Type E = TSOP (12mm x 20mm) B* = TFBGA (0.8mm pitch, 8mm x 10mm) B2* = TFBGA (0.8mm pitch, 6mm x 8mm) B2 = TFBGA (0.8mm pitch, 6mm x 8mm) U = Unencapsulated die Temperature Range C = Commercial = 0C to +70C E = Extended = -20C to +85C I = Industrial = -40C to +85C Minimum Endurance 4 = 10,000 cycles Read Access Speed 45 = 45 ns 55 = 55 ns 70 = 70 ns 90 = 90 ns Device Density 200 = 2 Megabit 400 = 4 Megabit 800 = 8 Megabit Voltage L = 3.0-3.6V V = 2.7-3.6V
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
26
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet Valid combinations for SST39LF200A SST39LF200A-45-4C-EK SST39LF200A-55-4C-EK SST39LF200A-45-4C-B3K SST39LF200A-55-4C-B3K
Valid combinations for SST39VF200A SST39VF200A-70-4C-EK SST39VF200A-90-4C-EK SST39VF200A-90-4C-U1 SST39VF200A-70-4I-EK SST39VF200A-90-4I-EK SST39VF200A-70-4C-B3K SST39VF200A-90-4C-B3K SST39VF200A-70-4I-B3K SST39VF200A-90-4I-B3K
Valid combinations for SST39LF400A SST39LF400A-45-4C-EK SST39LF400A-55-4C-EK SST39LF400A-45-4C-B3K SST39LF400A-55-4C-B3K SST39LF400A-45-4C-B2K* SST39LF400A-45-4C-BK* SST39LF400A-55-4C-B2K* SST39LF400A-55-4C-BK*
Valid combinations for SST39VF400A SST39VF400A-70-4C-EK SST39VF400A-90-4C-EK SST39VF400A-90-4C-U1 SST39VF400A-70-4I-EK SST39VF400A-90-4I-EK SST39VF400A-70-4C-B3K SST39VF400A-90-4C-B3K SST39VF400A-70-4I-B3K SST39VF400A-90-4I-B3K SST39VF400A-70-4C-B2K* SST39VF400A-70-4C-BK* SST39VF400A-90-4C-B2K* SST39VF400A-90-4C-BK* SST39VF400A-70-4I-B2K* SST39VF400A-90-4I-B2K* SST39VF400A-70-4I-BK* SST39VF400A-90-4I-BK*
Valid combinations for SST39LF800A SST39LF800A-55-4C-EK SST39LF800A-55-4C-B3K SST39LF800A-55-4C-BK*
Valid combinations for SST39VF800A SST39VF800A-70-4C-EK SST39VF800A-90-4C-EK SST39VF800A-90-4C-U1 SST39VF800A-70-4I-EK SST39VF800A-90-4I-EK
Note: *
SST39VF800A-70-4C-B3K SST39VF800A-90-4C-B3K SST39VF800A-70-4I-B3K SST39VF800A-90-4I-B3K
SST39VF800A-70-4C-BK* SST39VF800A-90-4C-BK* SST39VF800A-70-4I-BK* SST39VF800A-90-4I-BK*
Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations. For all new designs, B3K is recommended. B3K is a 100% drop-in for BK and B2K.
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
27
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
PACKAGING DIAGRAMS
Pin # 1 Identifier
1.05 0.95
.50 BSC
12.20 11.80
.270 .170
18.50 18.30
0.15 0.05
0.70 0.50
48-TSOP-EK-ILL.6
20.20 19.80
Note:
1. Complies with JEDEC publication 95 MO-142 DD dimensions, although some dimensions may be more stringent. 2. All linear dimensions are in millimeters (min/max). Scale is 1:5 mm. 3. Coplanarity: 0.1 (.05) mm. 4. Maximum allowable mold flash is 0.15mm at the package ends, and 0.25mm between leads.
48-LEAD THIN SMALL OUTLINE PACKAGE (TSOP) 12MM SST PACKAGE CODE: EK
X
20MM
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
28
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
BOTTOM VIEW TOP VIEW
10.00 0.20 5.60 0.80
8 7 6 5 4 3 2 1
0.80 HGFEDCBA 4.00 8.00 0.20
8 7 6 5 4 3 2 1
0.30 0.05 (48X) A1 CORNER
ABCDEFGH A1 CORNER 1.10 0.10
SIDE VIEW
48ba-TFBGA-BK-8x10-300mic-ILL.10
0.15 SEATING PLANE 0.21 0.05
1mm
Note:
1. Although many dimensions are similar to those of JEDEC Publication 95, MO-210, this specific package is not registered. 2. All linear dimensions are in millimeters (min/max). 3. Coplanarity: 0.1 (.05) mm. 4. The actual shape of the corners may be slightly different than as portrayed in the drawing.
X
48-BALL THIN-PROFILE, FINE-PITCH BALL GRID ARRAY (TFBGA) 8MM SST PACKAGE CODE: BK
10MM
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
29
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
BOTTOM VIEW
8.00 0.20
TOP VIEW
5.60 0.80
6 5 4 3 2 1
ABCDEFGH A1 CORNER 0.80 HGFEDCBA 4.00 6.00 0.20
6 5 4 3 2 1
0.45 0.05 (48X)
A1 CORNER
SIDE VIEW
1.10 0.10
SEATING PLANE 0.35 0.05
0.15
48ba-TFBGA-B3K-6x8-450mic-ILL.0
1mm
Note:
1. Although many dimensions are similar to those of JEDEC Publication 95, MO-210, this specific package is not registered. 2. All linear dimensions are in millimeters (min/max). 3. Coplanarity: 0.1 (.05) mm. 4. The actual shape of the corners may be slightly different than as portrayed in the drawing.
X
48-BALL THIN-PROFILE, FINE-PITCH BALL GRID ARRAY (TFBGA) 6MM SST PACKAGE CODE: B3K
8MM
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
30
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
BOTTOM VIEW
8.00 0.20
TOP VIEW
5.60 0.80
6 5 4 3 2 1
ABCDEFGH A1 CORNER 0.80 HGFEDCBA 4.00 6.00 0.20
6 5 4 3 2 1
0.335 0.035 (48X)
A1 CORNER
SIDE VIEW
1.10 0.10
SEATING PLANE 0.23 0.03
0.15
48ba-TFBGA-B2K-6x8-335mic-ILL.4
1mm
Note:
1. Although many dimensions are similar to those of JEDEC Publication 95, MO-210, this specific package is not registered. 2. All linear dimensions are in millimeters (min/max). 3. Coplanarity: 0.1 (.05) mm. 4. The actual shape of the corners may be slightly different than as portrayed in the drawing.
X
48-BALL THIN-PROFILE, FINE-PITCH BALL GRID ARRAY (TFBGA) 6MM SST PACKAGE CODE: B2K
8MM
(c)2001 Silicon Storage Technology, Inc.
S71117-04-000 6/01
360
31
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
Silicon Storage Technology, Inc. * 1171 Sonora Court * Sunnyvale, CA 94086 * Telephone 408-735-9110 * Fax 408-735-9036 www.SuperFlash.com or www.ssti.com
(c)2001 Silicon Storage Technology, Inc. S71117-04-000 6/01 360
32


▲Up To Search▲   

 
Price & Availability of SST39LF400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X