![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
5o round-type standard LEDs sSEL1010 series Outline drawing A o5.60.2 20.0min 5.00.5 19.0min 0.8 Cathode 7.60.2 (1.0) 0.2 (P.2.54) 0.5 0.5 1.1max 0.8 Resin heap 1.5max SEL1410G sExternal dimensions: Unit: mm Tolerance: 0.3 Absolute maximum ratings (Ta=25C) Symbol Unit Ratings IF mA 30 IFP mA 100 VR V 3 Top C -30 to +85 Tstg C -30 to +100 Viewing angle 0 30 60 30 60 60 30 0 30 60 90 100% 50 0 50 90 100% 90 100% o5.0 50 0 50 90 100% Viewing angle of a diffused lens Viewing angle of a non-diffused lens Type No. Display form (o: mm) q5 q5 q5 q5 q5 q5 q5 q5 q5 q5 q5 q5 q5 q5 Electro-optical characteristics (Ta=25C) Type of lens Emitting color typ Red tinted, diffused Red tinted, non-diffused Red Un-tinted, diffused Light red tinted, diffused High Light red tinted, non-diffused intensity red Light green tinted, diffused Green Light green tinted, non-diffused Un-tinted, non-diffused Pure green Yellow tinted, diffused Yellow Yellow tinted, non-diffused Orange tinted, diffused Amber Orange tinted, non-diffused Orange tinted, diffused Orange Orange tinted, non-diffused 2.0 VF (V) IV IR Condition (A) Condition (mcd) Condition IF VR IF max (mA) max typ (mA) (V) 3.0 5.5 5 3.0 25.0 30.0 20.0 20 40.0 2.5 50 10 3 30.0 3.0 5.0 12.0 10 25.0 3.0 5.5 p Outline drawing (nm) typ 700 100 SEL1110R SEL1110S SEL1110W SEL1210R SEL1210S SEL1410G SEL1410E SEL1510C SEL1710Y SEL1710K SEL1810D SEL1810A SEL1910D SEL1910A 1.9 630 560 555 570 610 587 35 20 A 2.0 40 35 33 1.9 10 |
Price & Availability of SEL1810D
![]() |