Part Number Hot Search : 
ESE20C C105Z PC3500 C842C BGA7124 WRA2415 B5819 R7508S
Product Description
Full Text Search
 

To Download SDA5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDA5000HF thru SDA22000HF
30 nsec 0.5 AMPS 5,000 22,000 VOLTS HIGH VOLTAGE RECTIFIER
FEATURES:
Average output current: 0.5 Amps PIV: 5,000 to 22,000 Volts Low reverse leakage Low distributed and GRD capacitance Corona free Superior thermal shock resistance Also available in Fast, Ultra Fast, and Standard versions - consult factory TX, TXV, and S level screening available
Designer's Data Sheet
Part Number/Ordering Information 1/
SDA
___

HF
___
Screening 2/
__ = Not Screened TX = TX Level TXV = TXV S = S Level
Voltage/Family
5000 = 5000V 8000 = 8000V 10000 = 10000V 12500 = 12500V 15000 = 15000V 19000 = 19000V 22000 = 22000V

ELECTRICAL CHARACTERISTICS
Part Number Peak Inverse Voltage (per leg) PIV Volts
o
Average DC Output Current TC = Case Temp IF (AV) Amps 55 C 100 C 0.33 0.33 0.33 0.33 0.33 0.33 0.33
o
Reverse Recovery Time trr ns
Maximum Surge Current (1 Cycle) IFRM Amps 25 C
o
Maximum Forward Voltage (per leg) VF Volts IF = 500 mA 14 20 26 32 38 48 56
Maximum Reverse Current (per leg) @ PIV IR A 25 C 10 10 10 10 10 10 10
o
Case Size
Symbol Units Conditions SDA5000 SDA8000 SDA10000 SDA12500 SDA15000 SDA19000 SDA22000
INCHES
o
100 C 200 200 200 200 200 200 200
A 1.125 1.165 2.000 2.375 2.750 3.500 4.250
B 0.25 0.25 0.25 0.25 0.25 0.25 0.25
C 0.50 0.50 0.50 0.50 0.50 0.50 0.50
5000 8000 10000 12500 15000 19000 22000
0.5 0.5 0.5 0.5 0.5 0.5 0.5
30 30 30 30 30 30 30
25 25 25 25 25 25 25
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300 sec minimum. 2. Unless otherwise specified, all electrical characteristics @25C 3. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25oC
HV STICK
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0107B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDA5000HF thru SDA22000HF
PACKAGE OUTLINE: SDA5000HF thru SDA22000HF
*For information on curves, contact the Factory Representative for Engineering Assistance.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0107B
DOC


▲Up To Search▲   

 
Price & Availability of SDA5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X