Part Number Hot Search : 
LVC1G0 41200 TK20D60 XL4005E1 LP121S1 43C8P4 EFM32G 09SH3
Product Description
Full Text Search
 

To Download PP1300SC-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
. . . . . Engineered solutions for the transient environment
PP3100SB-1 PP1300SC-1 PP1500SC-1 PP2300SC-1 PP3100SC-1
BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
APPLICATIONS
q q q q q q q T1/E1 Trunk & Line Card SLIC Line Card PBX Branch Exchange Switches FCC Part 68 Customer Premise Equipment Line Interface Modem ADSL Architecture Interface ISDN Architecture Interface
IEC 1000-4 COMPATIBLE
DO-214AA PACKAGE
FEATURES
q q q q q q q Meets IEC 61000-4-4 & -5 Industry Requirements Provides Protection in Accordance with FCC Part 68, UL 1459, Bellcore 1089, ITU-TK.20 & K.21 Peak Off-State Voltage from 120 to 275 Volts Surge Current Capability (See Surge Ratings Table) ESD Protection > 40 kilovolts Low Capacitance for T1/E1 Trunk & Line Card Applications UL 94V-0 Flammability Classification
DESCRIPTION
Defined product set SB and SC families are a series of Thyristor surge suppression (TSS) devices designed to protect telecommunication equipment against lightning. These devices can be used on central office equipment, PBX, DSU, OCU, digital telephones, fax machines, modems and radio controlled equipment. The bidirectional configuration provides protection for both positive and negative transients and the discrete surface mount package allows individual placement of the device on line cards or other locations where multiple component devices do not offer the versatile in board trace layout. The ProTek TSS device can be used to provide protection in accordance with industry standard requirements, such as FCC Part 68, ANSI C62.41, UL 1459 and GR-1089-CORE. Their low capacitance is ideal for T1/E1 trunk or line card applications.
MAXIMUM RATINGS
q q q q q q Surge Current: 60A Max. (50/60 Hz) (ITSM) Storage Temperatures: -55 to + 150C Junction Temperatures: Tj = -40 to 150C Thermal Resistance for PPxxxxSB or SC in a DO-214AA Package is RJC = 26C/Watt & RJC = 85C/Watt Critical Rate of Rise of Maximum On-State Current: di/dt = 500A/s Critical Rate of Rise of Maximum Off-State Voltage: dv/dt > 2kv/s
MECHANICAL CHARACTERISTICS
q q q Package: Molded DO-214AA (JEDEC) Approximate Weight: 2.5 grams Body Marked with Logo and Marking Code
DEVICE SYMBOL (BIDIRECTIOAL)
SURGE RATINGS
SERIES IPP 2 X 10 s AMPS 300 500 IPP IPP IPP 10 X 160 s 10 X 560 s 10 X1000 s AMPS AMPS AMPS 150 200 100 200 75 100 ITSM 60 Hz AMPS 30 60 di/dt AMPS/s 500 500
SB SC
2929 South Fair Lane * Tempe, Arizona 85282 * USA Tel 602-431-8101 * Fax 602-431-2288 * E-mail sales@protek-tvs.com * Web www.protekdevices.com
1
ELECTRICAL CHARACTERISTICS
PROTEK PART NUMBER DEVICE REPETITIVE PEAK MARKING OFF-STATE CODE VOLTAGE SWITCHING VOLTAGE
@ 25C Ambient Temperature
SWITCHING CURRENT MAXIMUM MAXIMUM OFF-STATE ON-STATE CURRENT VOLTAGE (Figure 2) (Figure 3) @VDRM IDRM @ IT VT VOLTS
5 5 5 5 5
MINIMUM HOLDING CURRENT (Figure 4) di/dt = 1A/ms IH mA
70 70 70 70 70
ON-STATE TYPICAL CURRENT CAPACITANCE (See Note 1) @ 2V, 1 MHZ C pF
30 80 80 60 60
VDRM VOLTS
PP3100SB-1 PP1300SC-1 PP1500SC-1 PP2300SC-1 PP3100SC-1 GY1 HG1 HH1 HJ1 HL1 275 120 140 160 275
@ 100V/s VS VOLTS
350 160 220 220 350
IS mA
800 800 800 800 800
A
5 5 5 5 5
IT A
1.0 1.0 1.0 1.0 1.0
Note 1: Capacitance imbalance between positive and negative polarities is typically < 15pF.
DO-214AA PACKAGE DIMENSIONS
FIGURE 1 PULSE WAVE FORM EXAMPLE
TEST WAVEFORM EXAMPLE tf 10 s td = 1,000 s
IPP - Peak Pulse Current - %IPP
.077" (1.96) .130" (3.30) .083" (2.11) .155" (3.94)
tf 100 Peak Value IPP
.160" (4.06) .180" (4.57)
.084" (2.13) .096" (2.44)
Half Value: IPP/2 =td 50
0.030" (0.76) 0.060" (1.27)
.205" (5.21) .220" (5.59)
0.030" (0.76) 0.060" (1.27)
e-t 0 0 1,000 2,000 t - Time -s 3,000
Measurements are in inches, (mm) denotes millimeters
2
FIGURE 2 TYPICAL PEAK OFF-STATE CURRENT VS JUNCTION TEMPERATURE
10 100
FIGURE 3 TYPICAL ON-STATE CURRENT VS ON-STATE VOLTAGE
IDRM - Peak Off-State Current - A
1
IT - On-State Current - A
0 40 80 120
10
0.1
0.01 -40
1 0 1 2 3 4 5 6 7
tJ - Temperature - C
VT - On-state Voltage - V
FIGURE 4 TYPICAL HOLDING CURRENT VS JUNCTION TEMPERATURE
2.5 1.15 1.1 2 1.05 1.5
FIGURE 5 TYPICAL NORMALIZED VS VS JUNCTION TEMPERATURE
Normalized VS
IH/IH (tJ 25C)
1
1
0.95 0.9
0.50 0.85 0 -40 0 40 80 120 0.8 -40 0 40 80 120
tJ - Temperature - C
tJ - Temperature - C
FIGURE 6 ON-STATE CURRENT VS SURGE CURRENT DURATION
100
FIGURE 7 V- I CHARACTERISTICS CURVE IPP ITSM IT
Non-Repetitive On-State Current (ITSM) - Amps
PPxxxxSC
IS IH
PPxxxxSB
VS
10
IDRM VT VDRM
SUPPLY FREQUENCY: 60Hz Sinusoidal LOAD: Resistive RMS ON-STATE CURRENT (IT(RMS)): Maximum Rated Value at Specified Case Temperature
1 1 10 100 1,000
Surge Current Duration - Full Cycles 2929 South Fair Lane * Tempe, Arizona 85282 * USA Tel 602-431-8101 * Fax 602-431-2288 * E-mail sales@protek-tvs.com * Web www.protekdevices.com 3
Application Notes for Thyristor Surge Suppressors used in Telecommunication Circuits
FIGURE 8 - UL 1459 & FCC Part 68 Metallic Protection
Fuse TIP RTip
To Protected Equipment
RRing RING
The TSS device is located across the tip-to-ring line after a limiting resistor and fuse combination. RTIP and RRING resistors are optional depending upon the TSS device selection. Without the resistors, the PP3100SB/SC is recommended. However, with a resistance value of 7.5 ohms for tip and ring, the PP3100SA is recommended. Digital signals may use a lower TSS device depending upon the total tip to ring voltage range. Selection of the TSS device, either PPxxxxSB or PPxxxxSC is based upon the value of the tip and ring resistors. For the National Electronic Code (NEC) article 800, it is recommended that at least one fuse be used in the tip or ring line for metallic surges. Fuses may be replaced with a suitable Positive Temperature Coefficient (PTC) automatic resettable current limiting device.
FIGURE 9 - UL 1459 & FCC Part 68 - Longitudinal Protection
R
Tip
There are two TSS devices, one located from tip-to-ground and one ringto-ground. The PP3100SB/SC is recommended for resistor values of 7.5 ohms each. The National Electric Code (NEC) article 800 requires two fuse elements when connecting to ground. Fuses or a suitable Positive Temperature Coefficient (PTC) automatic resettable current limiting device may be used. The purpose of this circuit is to limit AC power current from getting on the ground line causing any safety hazard.
TIP
To Protected Equipment
R RING
Ring
FIGURE 10 - UL 1459 & FCC Part 68 - Metallic and Longitudinal Protection
R TIP
Tip
To Protected Equipment
Three equal TSS devices are used in this application for metallic (tipto-ring) and longitudinal (tip-to-ground and ring-to-ground) protection. For analog signals, the PP3100SB/SC is recommended. The National Electric Code (NEC) article 800 requires two fuse elements when connecting to ground. Fuses or a suitable Positive Temperature Coefficient (PTC) automatic resettable current limiting device may be used. This is circuit is recommended for protection against the Bellcore requirement: First Level Lightning Surge Tests (Telecommunications Port), document # GR-1089-CORE.
R RING
Ring
4
(R)
5128.R2 7/01


▲Up To Search▲   

 
Price & Availability of PP1300SC-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X