Part Number Hot Search : 
OP161SLA GM195A MAX68 2SD209 13R472C LR1130 F10A40 MMSZ468
Product Description
Full Text Search
 

To Download P6SMB39CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6SMB6.8CA THRU P6SMB250CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 250 VOLTS w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR P6SMB6.8CA Series types are Surface Mount Bi-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Uni-directional devices, please refer to the P6SMB6.8A Series data sheet.
SMB CASE
* This series is UL listed, UL file number E130224
MARKING CODE: SEE ELECTRICAL CHARACTERISTICS TABLE
SYMBOL PDM IFSM TJ, Tstg 600 100 -65 to +150 UNITS W A C
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Power Dissipation (Note 1) Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted)
BREAKDOWN VOLTAGE TYPE VBR @ IT MIN (V) NOM (V) MAX (V) IT (mA) TEST CURRENT WORKING PEAK REVERSE VOLTAGE VRWM (V) MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) MAXIMUM REVERSE SURGE CURRENT (Note 1) IRSM (A) MAXIMUM REVERSE VOLTAGE @ IRSM VRSM (V) MAXIMUM TEMPERATURE COEFFICIENT MARKING CODE VBR (% / C)
P6SMB6.8CA P6SMB7.5CA P6SMB8.2CA P6SMB9.1CA P6SMB10CA P6SMB11CA P6SMB12CA P6SMB13CA P6SMB15CA P6SMB16CA P6SMB18CA P6SMB20CA P6SMB22CA P6SMB24CA P6SMB27CA P6SMB30CA P6SMB33CA P6SMB36CA P6SMB39CA
6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19 20.9 22.8 25.7 28.5 31.4 34.2 37.1
6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39
7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41
10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3
2000 1000 400 100 20 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
57 53 50 45 41 38 36 33 28 27 24 22 20 18 16 14.4 13.2 12 11.2
10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9
0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100
C6V8C C7V5C C8V2C C9V1C C10C C11C C12C C13C C15C C16C C18C C20C C22C C24C C27C C30C C33C C36C C39C
Notes: (1) Non-repetitive 10x1,000s pulse.
R6 (1-March 2010)
P6SMB6.8CA THRU P6SMB250CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 250 VOLTS ELECTRICAL CHARACTERISTICS - Continued: (TA=25C unless otherwise noted)
BREAKDOWN VOLTAGE TYPE VBR @ IT MIN (V) NOM (V) MAX (V) IT (mA) TEST CURRENT WORKING PEAK REVERSE VOLTAGE VRWM (V) MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) MAXIMUM REVERSE SURGE CURRENT (Note 1) IRSM (A) MAXIMUM REVERSE VOLTAGE @ IRSM VRSM (V) MAXIMUM TEMPERATURE COEFFICIENT MARKING CODE VBR (% / C)
P6SMB43CA P6SMB47CA P6SMB51CA P6SMB56CA P6SMB62CA P6SMB68CA P6SMB75CA P6SMB82CA P6SMB91CA P6SMB100CA P6SMB110CA P6SMB120CA P6SMB130CA P6SMB150CA P6SMB160CA P6SMB170CA P6SMB180CA P6SMB200CA P6SMB220CA P6SMB250CA
40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95 104.5 114 123.5 142.5 152 161.5 171 190 209 237.5
43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200 220 250
45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 115.5 126 136.5 157.5 168 178.5 189 210 231 262.5
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
36.8 40.2 43.6 47.8 53 58.1 64.1 70.1 77.8 85.5 94 102 111 128 136 145 154 171 185 214
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.3 2.9 2.7 2.6 2.4 2.2 1.8 1.7
59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274 328 344
0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.110
C43C C47C C51C C56C C62C C68C C75C C82C C91C C100C C110C C120C C130C C150C C160C C170C C180C C200C C220C C250C
SMB CASE - MECHANICAL OUTLINE
R6 (1-March 2010)
w w w. c e n t r a l s e m i . c o m
P6SMB6.8CA THRU P6SMB250CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 250 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R6 (1-March 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of P6SMB39CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X