|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DEG 11E1-EIC R110 R109 10K 10K 100 1/4W D606 100 1/4W 100 1/4W R610 5.6K 0.01 F 0.01 F 63V 1 MKT 8.7 40 Ver.Proc. DECODER PR C630 R611 R105 3.3K 1/4W R131_1 R614 R609 R615 10K R613 R616 3.9K C626 5 6 50V 1 KA R627 R133 22K R106 3.3K 22K 1/4W 64 63 60 0 0 0 2.0 62 61 0 0 59 NC NC NC 5.0 4.2 5.0 0.0 4.9 3.8 5.0 5.0 5.0 8.3 0 8.3 2.0 6.6 0 3.5 3.7 0 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 0 MCU GND 39 4.4 38 2.5 37 0 36 4 IIC BUS SDA/SCL OSD PGB OUTPUT Stage DRIVE CUT-OFF HV BLK Ver SYNC SEP Ver.COUNT DOWN V RAMP 4.8 0 2.4 66 65 10K R130 C627_1 R107 7 100 1/4W C624 www..com 0.01 F C628 R108 100 1/4W 120K 16V 100 KA C629 10K 1/4W 4.9 ROM RAM 67 V_OUT R606 27K V_FEEDBACK 1/4W 68 4.9 Hor.Proc. SYNC SEPA/Hor.VCO Hor.COUNT DOWN AFC-1/H COINCIDENT AFC-2 H PHASE 4.8 I/O 70 69 71 4.8 NC RGB Proc.2 OSD SW CONTRAST BRIGHTNESS RGB Proc.1 RGB MATRIX COLOR CONT 72 4.8 NC 4.9 IIC TIM INT PWM AD CPU core LPF 6bB AMP P-ON CONT Power Manage. MCU RESET 73 2.0 CCD 74 31 32 33 34 35 2.8 NC 3.5 NC 0.7 NC 3.0 NC 9.0 P.CON+5V 30 TUNER+5V 29 R127 CLK CONT MCU CLK 4.9 1K 1/4W 75 Chroma Proc. ACC/C-BPF APC/KILLER TINT/DEMO 0 NC 76 Vldeo Proc. C-TRAP/YDELAY SHARPNESS BLACK STRETCH Y MUTE 2.9 NC 2.6 NC 5.6 28 ATT R604 100 27 2.2 NC 1.9 VCXO 25 26 C612 VIDEO_IN 50V 1 KA 2.2 NC STEREO+5V 0 NC 4.6 XO VCO R111 0 47K 80 79 78 77 1 2 0 1.1 C108_1 NC C102 0.01 F 1K 0.01 F C106 50V 1 KA R102 C104 0 4.9 4.9 0 3.0 0.8 0.001 B 3 4 8 9 5 10 4.9 NC MICON/CHROMA IC IC101 OEC7091A 6 7 4.9 0 11 3.4 12 13 4.8 4.8 C602 14 3.4 0.1 F 15 0 X601 16 3.3 17 2.8 22 4.9 23 0 24 NC R602 100 1/4W 1.9 18 19 20 21 5.5 0.0 0 0 NC NC R120 470 C113 50V 1 KA C603 820P W C601 22P CH 100CT3R505 3.579545MHz W809 C103 470P B R103 1K B C609 220P C107 R104 C105 1M 1/4W C604_1 0.022 F 0.01 F C610 C606_1 C605 10V 470 YK 6.3V 47 KA W816 C615 R601 50V 1 KA 10V 220 YK EY2 KEY1 ER_ON +5V 8.2K 50V 1 KA TU_VIDEO www..com BLOCK DIAGRAM CH. DOWN VOL. DOWN MICON/CHROM IC IC101 OEC7091A 26 20 CH. UP VOL. UP 67 50 51 52 68 69 70 MCU CLK POWER RGB Proc.2 OSD SW CONTRAST BRIGHTNESS Q804 RED AMP Q805 GREEN AMP OS101 RGB Proc.1 RGB MATRIX COLOR CONT 1 Chroma Proc. ACC/C-BPF APC/KILLER TINT/DEMO RGB OUTPUT Stage DRIVE CUT OFF HV BLK Q607 H.CTL Q806 BLUE AMP 78 OSD 66 I/O IIC TIM INT PWM AD Hor.Proc. SYNC SEPA/Hor. VCO Hor.COUNT DOWN AFC-1/H COINCIDENT AFC-2 H PHASE 45 Q402 H. DRIVE Q401 VCXO TU001 ROM RAM Ver.Proc. Ver SYNC SEP Ver.COUNT DOWN V RAMP 46 12 11 10 62 56 58 57 37 38 H. OUTPUT 16 X601 3.579545MHz 13 11 B Heater 6 G 8 R CRT 17 Q504 5 6 Q507 FEED BACK SW MEMORY IC SDA SCL IC199 S-24C04BDP-LA V-OUT IC IC401 AN5522 PUMP UP 10 F 7 T501 IC501 LTV-817M-VB RELAY DRIVE 11 3 FEED BACK D501~D504 RECTIFIER 7 Q502 7 1 AMP + VCC 2 6 5 FB401 9 1 2 F S 10 HV DY 13 BUFFER 5 Q501 SWITCHING RY501 RELAY TH501 SOUND DECORDER IC IC901 AN5829S 2 14 23 21 24 22 3 SPEAKER SP1001 L503 DEGAUSS COIL F501 AUDIO_R IN (FRONT) J712 2 2 VIDEO IN (FRONT) J710 SOUND AMP IC IC1001 AN7522N 6 8 4 10 2 12 SPEAKER SP1002 AC IN AUDIO_L IN (FRONT) J711 E-1 E-2 |
Price & Availability of OEC7091 |