Part Number Hot Search : 
K4S28 BD329 LVCH16 752B0 07110 M53216 MC14508 DF01SA
Product Description
Full Text Search
 

To Download ND2406L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
ND2406L/2410L, BSS129
N-Channel Depletion-Mode MOSFET Transistors
Product Summary
Part Number
ND2406L ND2410L BSS129 230
V(BR)DSV Min (V)
240
rDS(on) Max (W)
6 10 20
VGS(off) (V)
-1.5 to -4.5 -0.5 to -2.5 -0.7 (min)
ID (A)
0.23 0.18 0.15
Features
D D D D D High Breakdown Voltage: 260 V Normally "On" Low rDS Switch: 3.5 W Low Input and Output Leakage Low-Power Drive Requirement Low Input Capacitance
TO-226AA (TO-92) 1
Benefits
D D D D D Full-Voltage Operation Low Offset Voltage Low Error Voltage Easily Driven Without Buffer High-Speed Switching
Applications
D D D D D Normally "On" Switching Circuits Current Sources/Limiters Power Supply, Converter Circuits Solid-State Relays Telecom Switches
TO-92-18CD (TO-18 Lead Form) 1
S
S
G
2
D
2
D
3 Top View ND2406L ND2410L
G
3 Top View BSS129
Absolute Maximum Ratings (TA = 25_C Unless Otherwise Noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) Pulsed Drain Currenta TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
ND2406L
240 "30 0.23 0.14 0.9 0.8 0.32 156
ND2410L
240 "30 0.18 0.12 0.9 0.8 0.32 156 -55 to 150
BSS129
230 "20 0.15
Unit
V
A 0.6 1.0 0.4 125 W _C/W _C
Power Dissipation Maximum Junction-to-Ambient
Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature.
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70198. Applications information may also be obtained via FaxBack, request document #70612.
Siliconix S-52426--Rev. C, 14-Apr-97
1
ND2406L/2410L, BSS129
Specificationsa
Limits
ND2406L ND2410L BSS129
Parameter Static
Symbol
Test Conditions
Typb Min
Max
Min
Max
Min
Max
Unit
VGS = -9 V, ID = 10 mA Drain-Source DiS Breakdown Voltage g V(BR)DSV VGS = -5 V, ID = 10 mA VGS = -3 V, ID = 250 mA VDS = 5 V, ID = 10 mA Gate-Source Gate Source Cutoff Voltage VGS( ff) GS(off) VDS = 3 V, ID = 1 mA VDS = 0 V, VGS = "20 V TJ = 125_C VDS = 180 V, VGS = -9 V TJ = 125_C Drain Cutoff Current ID( ff) D(off) VDS = 180 V, VGS = -5 V TJ = 125_C VDS = 230 V, VGS = -3 V TJ = 125_C Drain-Saturation Currentc IDSS VDS = 10 V, VGS = 0 V VGS = 2 V, ID = 30 mA Drain-Source On Resistance Drain Source On-Resistancec rDS( ) DS(on) VGS = 0 V, ID = 30 mA TJ = 125_C VGS = 0 V, ID = 14 mA Forward Transconductance c Common Source Output Conductancec gf fs gos VDS = 25 V, ID = 250 mA VDS = 10 V, ID = 30 A
260 260 260
240 240 230 -1.5 -4.5 -0.5 -2.5 -0.7 "10 "50 1 200 1 200 0.1 200 mA "10 "50 "100 nA V
Gate-Body Gate Body Leakage
IGSS
350 3.3 4.5 7.2 4 375 110 70
40
40
mA
6 15
10 25 20 140
W
mS mS
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = 25 V, VGS = -5 V V 5 f = 1 MHz 70 20 10 120 30 15 120 30 15 pF
Switchingd
Turn-On Turn On Time td(on) tr td(off) tf Notes a. TA = 25_C unless otherwise noted. b. For DESIGN AID ONLY, not subject to production testing. c. Pulse test: PW v300 ms duty cycle v2%. d. Switching time is essentially independent of operating temperature. VDD = 25 V, RL = 830 W ID ^ 30 mA VGEN = -5 V mA, RG = 25 W 15 75 ns 40 100
Turn-Off Time
VDDV24
2
Siliconix S-52426--Rev. C, 14-Apr-97
ND2406L/2410L, BSS129
Typical Characteristics (25_C Unless Otherwise Noted)
200
Output Characteristics (ND2406)
200 VGS = 2 V -0.8 V -1 V I D - Drain Current (mA) 160
Output Characteristics (ND2410)
VGS = 2 V 0.2 V 0V 0.4 V 120 -0.4 V 80 -0.6 V 40 -0.8 V -1 V 0 0.4 0.8 1.2 1.6 2.0 -0.2 V
I D - Drain Current (mA)
160
-0.4 V -0.6 V
120
-1.2 V
80
-1.4 V -1.6 V
40 -1.8 V -2 V 0 0 0.4 0.8 1.2 1.6 2 VDS - Drain-to-Source Voltage (V) 500
0 VDS - Drain-to-Source Voltage (V)
Transfer Characteristics (ND2406)
500 VDS = 10 V TC = -55_C 125_C 400 I D - Drain Current (mA) 25_C
Transfer Characteristics (ND2410)
VDS = 10 V
400 I D - Drain Current (mA)
300
300
200
200 25_C TC = 125_C -55_C
100
100
0 -4.5
-3.5
-2.5
-1.5
-0.5
0.5
0 -4.5
-3.5
-2.5
-1.5
-0.5
0.5
VGS - Gate-Source Voltage (V)
VGS - Gate-Source Voltage (V)
10
On-Resistance and Drain Current vs. Gate-Source Cutoff Voltage
rDS(on) IDSS
1000
25
On-Resistance vs. DrainCurrent
VGS = 0 V
6
600
rDS(on) - On-Resistance (W )
rDS(on) - On-Resistance (W )
8
800
20
I DSS - Drain Current (mA)
15 ND2410 10
4
400
ND2406
2 rDS @ ID = 30 mA, VGS = 0 V IDSS @ VDS = 7.5 V, VGS = 0 V 0 -1 -2 -3 -4 -5 -6 VGS(off) - Gate-Source Cutoff Voltage (V)
200
5
0
0 10 100 ID - Drain Current (mA) 1K
Siliconix S-52426--Rev. C, 14-Apr-97
3
ND2406L/2410L, BSS129
Typical Characteristics (25_C Unless Otherwise Noted) (Cont'd)
2.25 rDS(on) - Drain-Source On-Resistance (Normalized) 2.00 1.75 1.50 1.25 1.00 0.75 0.50 -50 -10 30 70 110 150 TJ - Junction Temperature (_C)
Normalized On-Resistance vs. Junction Temperature
g fs - Forward Transconductance (mS) VGS = 0 V I D = 30 mA
350 300
Forward Transconductance vs. Drain Current
25_C 150_C
250 200 150 100 50 0 1 10
-55_C
VDS = 10 V Pulse Test 80 ms, 1% Duty Cycle 100 1K
ID - Drain Current (mA)
Capacitance
240 200 C - Capacitance (pF) 160 120 80 40 C rss 0 0 10 20 30 40 50 VDS - Drain-to-Source Voltage (V) 3 1 C oss C iss VGS = -5 V f = 1 MHz t - Switching Time (ns) 100 300
Load Condition Effects on Switching
tf t d(off) tr VDD = 25 V VGS = 0 to -5 V RG = 25W
td(on) 10
10 ID - Drain Current (mA)
100
1
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA)
Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2
0.01 Single Pulse
2. Per Unit Base = RthJA = 156_C/W 3. TJM - TA = PDMZthJA(t)
0.01 0.1 1 10 100 1K 10 K t1 - Square Wave Pulse Duration (sec)
4
Siliconix S-52426--Rev. C, 14-Apr-97


▲Up To Search▲   

 
Price & Availability of ND2406L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X