Part Number Hot Search : 
CGRM4005 D13007 UNR5115 D0515H HDM7040 FN155M1H US431LCZ 1N540
Product Description
Full Text Search
 

To Download MP03XXX360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MP03XXX360
MP03XXX360
Dual Thyristor, Thyristor/Diode Module
Replaces June 2001 version, DS4484-6.1 DS4484-7.0 July 2002
FEATURES
s s
KEY PARAMETERS VDRM IT(AV) ITSM(per arm) Visol
Code
Dual Device Module Electrically Isolated Package
1200V 352A 10600A 3000V
s Pressure www..com Contact Construction s s
International Standard Footprint Alumina (Non Toxic) Isolation Medium
Circuit
APPLICATIONS
s s s s
Motor Control Controlled Rectifier Bridges Heater Control AC Phase Control
HBT HBP HBN Fig.1 Circuit diagrams
VOLTAGE RATINGS
Type Number Repetitive Peak Voltages VDRM VRRM V 1200 1000 800 Conditions
MP03XXX360-12 MP03XXX360-10 MP03XXX360-08
Tvj = 0 to 130C, IDRM = IRRM = 50mA VDSM = VRSM = VDRM = VRRM + 100V respectively
1
2
3
K2 G2 G1 K1
Lower voltage grades available.
ORDERING INFORMATION
Order As: MP03HBT360-12 or MP03HBT360-10 or MP03HBT360-08 MP03HBN360-12 or MP03HBN360-10 or MP03HBN360-08 MP03HBP360-12 or MP03HBP360-10 or MP03HBP360-08 Note: When ordering, please use the complete part number. Outline type code: MP03 Fig. 2 Electrical connections - (not to scale)
1/8
www.dynexsemi.com
MP03XXX360
ABSOLUTE MAXIMUM RATINGS - PER ARM
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. In extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect device reliability. Symbol IT(AV)
www..com
Parameter Mean on-state current
Test Conditions Half wave resistive load Tcase = 75C Tcase = 85C
Max. 352 306 553
Units A A A kA A2s kA A2s V
IT(RMS ITSM I2t ITSM I2t Visol
RMS value Surge (non-repetitive) on-current I2t for fusing Surge (non-repetitive) on-current I2t for fusing Isolation voltage
Tcase = 75C 10ms half sine, Tj = 130C VR = 0 10ms half sine, Tj = 130C VR = 50% VDRM Commoned terminals to base plate. AC RMS, 1 min, 50Hz
10.6 560 x 103 8.5 360 x 103 3000
THERMAL AND MECHANICAL RATINGS
Symbol Rth(j-c) Parameter Thermal resistance - junction to case (per thyristor or diode) dc Half wave 3 Phase Rth(c-hs) Thermal resistance - case to heatsink (per thyristor or diode) Tvj Tstg Virtual junction temperature Storage temperature range Screw torque Mounting - M5 Electrical connections - M8 Weight (nominal) Mounting torque = 5Nm with mounting compound Reverse (blocking) -40 135 135 5(44) 9(80) 950 C C Nm (lb.ins) Nm (lb.ins) g Test Conditions Min. Max. 0.105 0.115 0.12 0.05 Units C/kW C/kW C/kW C/kW
2/8
www.dynexsemi.com
MP03XXX360
DYNAMIC CHARACTERISTICS - THYRISTOR
Symbol IRRM/IDRM dV/dt dI/dt
www..com
Parameter Peak reverse and off-state current Linear rate of rise of off-state voltage Rate of rise of on-state current
Test Conditions At VRRM/VDRM, Tj = 130C To 67% VDRM, Tj = 130C From 67% VDRM to 600A, gate source 10V, 5 tr = 0.5s, Tj = 130C
Min. -
Max. 50 1000 500
Units mA V/s A/s
VT(TO) rT
Threshold voltage On-state slope resistance
At Tvj = 135C. See note 1 At Tvj = 135C. See note 1
-
0.75 0.7
V m
Note 1: The data given in this datasheet with regard to forward voltage drop is for calculation of the power dissipation in the semiconductor elements only. Forward voltage drops measured at the power terminals of the module will be in excess of these figures due to the impedance of the busbar from the terminal to the semiconductor.
GATE TRIGGER CHARACTERISTICS AND RATINGS
Symbol VGT IGT VGD VFGM VFGN VRGM IFGM PGM PG(AV) Parameter Gate trigger voltage Gate trigger current Gate non-trigger voltage Peak forward gate voltage Peak forward gate voltage Peak reverse gate voltage Peak forward gate current Peak gate power Mean gate power Test Conditions VDRM = 5V, Tcase = 25oC VDRM = 5V, Tcase = 25oC At VDRM Tcase = 125oC Anode positive with respect to cathode Anode negative with respect to cathode Anode positive with respect to cathode See table fig. 5 Max. 3 150 0.25 30 0.25 5 10 100 5 Units V mA V V V V A W W
3/8
www.dynexsemi.com
MP03XXX360
1600
20
Measured under pulse conditions Tj = 125C
I2t = I2 x t 2
Peak half sine wave on-state current - (kA)
Instantaneous on-state current, IT - (A)
1200
15 500 450 10 400 350 I2t 5 250 200 0 1 ms 150 50 300 I2t value - (A2s x 103)
www..com
800
400
0 0.6
0.8 1.2 1.0 1.4 1.6 Instantaneous on-state voltage, VT - (V)
1.8
10
1
2 3 45
Cycles at 50Hz Duration
Fig. 3 Maximum (limit) on-state characteristics
100
Fig. 4 Surge (non-repetitive) on-state current vs time (Thyristor or diode with 50% VRRM at Tcase = 130C)
0.15
Table gives pulse power PGM in Watts
Pulse Width s 20 25 100 500 1ms 10ms Frequency Hz 50 100 100 100 100 100 10 100 100 100 100 100 50 400 100 100 100 25 -
Thermal impedance, Rth(j-c) - (C/W)
10 0W 75 W
Gate trigger voltage, VGT - (V)
d.c.
50 W
10
10
0.10
W
5W
e Upp
r lim
it 9
9%
Tj = -40C
Tj = 25C
Tj = 125C
1.0
0.05
L ow
er li
mit
1%
0.1 0.001
0.01
0.1 0.1 Gate trigger current, IGT - (A)
10
0 0.001
0.01
0.1
1.0
10
100
Time - (s)
Fig. 5 Gate characteristics
Fig. 6 Transient thermal impedance - dc
4/8
www.dynexsemi.com
MP03XXX360
500 450 400
On-state power loss per device - (W)
180 120 90 60
On-state power loss per device - (W)
500 180 450 400 350 300 250 200 150 100 50 0 0 30 60 120 90 d.c.
350
30
300 www..com 250 200 150 100 50 0 0
50
100 150 200 250 300 Mean on-state current, IT(AV) - (A)
350
400
50
100
150
200
250
300
350
400
Mean on-state current, IT(AV) - (A)
Fig. 7 On-state power loss per arm vs on-state current at specified conduction angles, sine wave 50/60Hz
140
Fig. 8 On-state power loss per arm vs on-state current at specified conduction angles, square wave 50/60Hz
140
120
Maximum permissible case temperature - (C)
120
Maximum permissible case temperature - (C)
100
100 d.c. 80
80
60
60
40
40
20 30 0 0 50 60 90 120 180 350 400
20
30 60 90 120 180
100 150 200 250 300 Mean on-state current, IT(AV) - (A)
0 0
50
100 150 200 250 300 Mean on-state current, IT(AV) - (A)
350
400
Fig. 9 Maximum permissible case temperature vs on-state current at specified conduction angles, sine wave 50/60Hz
Fig. 10 Maximum permissible case temperature vs on-state current at specified conduction angles, square wave 50/60Hz
5/8
www.dynexsemi.com
MP03XXX360
1400
1200
0.04
0.02
Rth(hs-a) C/W R - Load
1000
Total power - (W)
0.08 L - Load 0.10 0.12 0.15 400 0.20 0.30 200 0.40
800 www..com 600
0 0
20
40
60
80
100
120
0
Maximum ambient temperature - (C)
200 400 D.C. output current - (A)
600
Fig. 11 50/60Hz single phase bridge dc output current vs power loss and maximum permissible ambient temperature for various values of heatsink thermal resistance
(Note: Rth(hs-a) values given above are true heatsink thermal resistances to ambient and already account for Rth(c-hs) module contact thermal)
1200 0.08 1000 0.04 0.02 Rth(hs-a) C/W
R & L- Load
800
Total power - (W)
0.10 0.12
600 0.15 0.20 0.30 200 0.40
400
0 0
20
40
60
80
100
120
0
Maximum ambient temperature - (C)
200 400 D.C. output current - (A)
600
Fig. 12 50/60Hz 3- phase bridge dc output current vs power loss and maximum permissible ambient temperature for various values of heatsink thermal resistance
(Note: Rth(hs-a) values given above are true heatsink thermal resistances to ambient and already account for Rth(c-hs) module contact thermal)
6/8
www.dynexsemi.com
MP03XXX360
PACKAGE DETAILS
For further package information, please contact Customer Services. All dimensions in mm, unless stated otherwise. DO NOT SCALE.
42.5 O5.5 35 28.5 5
www..com
50 38 18
1 2 3
G1 K1
5
6.5
K2 G2
K2 G2
5
1
2 Circuit type: HBN G1 K1
3
80 115 3x M8
2.8x0.8
1
2 Circuit type: HBP G1 K1 K2 G2
3
1
2 Circuit type: HBT
3
52 32
92 Recommended fixings for mounting: M5 socket head cap screws. Nominal weight: 950g Auxiliary gate/cathode leads are not supplied but may be purchsed separately. Module outline type code: MP03
MOUNTING RECOMMENDATIONS
Adequate heatsinking is required to maintain the base temperature at 75C if full rated current is to be achieved. Power dissipation may be calculated by use of VT(TO) and rT information in accordance with standard formulae. We can provide assistance with calculations or choice of heatsink if required. The heatsink surface must be smooth and flat; a surface finish of N6 (32in) and a flatness within 0.05mm (0.002") are recommended. An even coating of thermal compound (eg. Unial) should be applied to both the heatsink and module mounting surfaces. This should ideally be 0.05mm (0.002") per surface to ensure optimum thermal performance. After application of thermal compound, place the module squarely over the mounting holes, (or `T' slots) in the heatsink. Fit and finger tighten the recommended fixing bolts at each end. Using a torque wrench, continue to tighten the fixing bolts by rotating each bolt in turn no more than 1/4 of a revolution at a time, until the required torque of 6Nm (55lbs.ins) is reached on all bolts at both ends. It is not acceptable to fully tighten one fixing bolt before starting to tighten the others. Such action may DAMAGE the module.
Immediately prior to mounting, the heatsink surface should be lightly scrubbed with fine emery, Scotch Brite or a mild chemical etchant and then cleaned with a solvent to remove oxide build up and foreign material. Care should be taken to ensure no foreign particles remain.
7/8
www.dynexsemi.com
POWER ASSEMBLY CAPABILITY
The Power Assembly group was set up to provide a support service for those customers requiring more than the basic semiconductor, and has developed a flexible range of heatsink and clamping systems in line with advances in device voltages and current capability of our semiconductors. We offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today. The Assembly group offers high quality engineering support dedicated to designing new units to satisfy the growing needs of our customers. Using the latest CAD methods our team of design and applications engineers aim to provide the Power Assembly Complete Solution (PACs).
www..com
HEATSINKS
The Power Assembly group has its own proprietary range of extruded aluminium heatsinks which have been designed to optimise the performance of Dynex semiconductors. Data with respect to air natural, forced air and liquid cooling (with flow rates) is available on request. For further information on device clamps, heatsinks and assemblies, please contact your nearest sales representative or Customer Services.
http://www.dynexsemi.com e-mail: power_solutions@dynexsemi.com
HEADQUARTERS OPERATIONS DYNEX SEMICONDUCTOR LTD Doddington Road, Lincoln. Lincolnshire. LN6 3LF. United Kingdom. Tel: +44-(0)1522-500500 Fax: +44-(0)1522-500550 CUSTOMER SERVICE Tel: +44 (0)1522 502753 / 502901. Fax: +44 (0)1522 500020 SALES OFFICES Benelux, Italy & Switzerland: Tel: +33 (0)1 64 66 42 17. Fax: +33 (0)1 64 66 42 19. France: Tel: +33 (0)2 47 55 75 52. Fax: +33 (0)2 47 55 75 59. Germany, Northern Europe, Spain & Rest Of World: Tel: +44 (0)1522 502753 / 502901. Fax: +44 (0)1522 500020 North America: Tel: (613) 723-7035. Fax: (613) 723-1518. Toll Free: 1.888.33.DYNEX (39639) / Tel: (949) 733-3005. Fax: (949) 733-2986. These offices are supported by Representatives and Distributors in many countries world-wide. (c) Dynex Semiconductor 2002 TECHNICAL DOCUMENTATION - NOT FOR RESALE. PRODUCED IN UNITED KINGDOM
Datasheet Annotations: Dynex Semiconductor annotate datasheets in the top right hard corner of the front page, to indicate product status. The annotations are as follows:Target Information: This is the most tentative form of information and represents a very preliminary specification. No actual design work on the product has been started. Preliminary Information: The product is in design and development. The datasheet represents the product as it is understood but details may change. Advance Information: The product design is complete and final characterisation for volume production is well in hand. No Annotation: The product parameters are fixed and the product is available to datasheet specification.
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request. All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
www.dynexsemi.com


▲Up To Search▲   

 
Price & Availability of MP03XXX360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X