Part Number Hot Search : 
PU1S516 LD505 6BD24 MTC14 ISL59 FX641P4 MUR3040 CT100
Product Description
Full Text Search
 

To Download MLVS-0402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MLVS Series
MLVS-0402 Series
This specification is applicable to Chip Metal Oxide Varistor in multilayer technology.
Specifications
1. Rating(25 O 5J )
Resistanc e Ir X10 ohm (Min.) 5 VDC O 10 * O 10 * O 10 * O 10 * O 10
* 6
Features
1. Keeping low and stable leakage current. 2. Excellent assembly solderability. 3. Low clamping Voltage. 4. Quick response time (<1nSec.) 5. High transient current capability 6. Test Standard meets IEC 61000-4-2, 61000-4-4, and 61000-4-5.
Working voltage Symbol Units Test Condition MLVS0402M04 MLVS0402M07 MLVS0402L08 MLVS0402K11 MLVS0402K14 4 7 8 11 14 VRMS Volts VDC Volts (Max.) < 10 A 5.5 9 11 14 18
Peak current imax Amps (Max.) 8/20s 20 20 20 20 20
Transient energy Wmax Joules (Max.) 10/1000s 0.05 0.05 0.05 0.05 0.05
Applications
Applications for Mother Board, Notebook , Cellular Phone, PDA , handheld device, DSC, DV, Scanner, and Set-Top Box etc
Part Number
SeriesType Elements Size Tolerance Vrms
MLV MLV MLV MLV MLV
S S S S S
0402 0402 0402 0402 0402
M M L K K
04 07 08 11 14
*Measured resistance at 3.3V DC VRMS - Maximum AC operating voltage the varistor can maintain and not exceed 10 A leakage current VDC - Maximum DC operating voltage the varistor can maintain and not exceed 10 A leakage current Ir - Resistance at 5 V DC Imax - Maximum peak current which may be applied with 8/20us waveform without device failure Wmax - Maximum energy which may be dissipated with
the 10/1000us waveform without device failure
2.Characteristics(25 O 5J
Varistor voltage Symbol Units Test Condition MLVS0402M04 MLVS0402M07 MLVS0402L08 MLVS0402K11 MLVS0402K14 VV Volts 1mA DC 8 12.5 15 18 22 20 20 15 10 10 VV %
)
Clamping Voltage Vc Volts (Max.) 1A 8/20s 19 32 33 38 45 Capacitance Cp pF (typ.) 1KHz 300 155 135 100 95
Series Type / MLV -- Multilayer Varistor Elements / S -- Single Size / 0402 --1.00x0.50x0.50mm Tolerance / M/L/K --20%/15%/10% Vrms -- Working Voltage Vrms
Dimensions
L W T C C

VV - Voltage across the device measured at 1mA DC current Vc - Maximum peak current across the varistor with 8/20us waveform and 1A pulse current Cp - Device capacitance measured with zero volt bias 1Vrms
Electrical Characteristics
1.General technical Characteristics
Operating temperature Storage temperature Response time Solderability Solder leach resistance -55 ... +125 (85 ) -55 ... +125 (85 ) <1 ns 235 , 2s 260 , 10s
Size / EIA L W T C
0402 1.000.15 0.500.08 0.500.08 0.300.15
2. Environmental Characteristics
Characteristics Bias humidity Thermal shock Vibration Full load voltage Solder leach resistance Specifications VV /VV 10% VV /VV 10% VV /VV 10% VV /VV 10% VV /VV 10% Test condition
90%RH, 40 , Working voltage, 1000 hours -40 to 85 , 30 min. cycle, 5 cycles 10 to 50 to 10 Hz, 1 min. cycle, 2 hours each in X-Y-Z Working voltage, 25 , 1000 hours 260 , 10s
Unit : mm
INPAQ TECHNOLOGY CO.,LTD


▲Up To Search▲   

 
Price & Availability of MLVS-0402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X