Part Number Hot Search : 
K1317 R1004 KP100 0SPBF MAX423 R3301 1A101 S5K3A1EA
Product Description
Full Text Search
 

To Download MCR100-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCR100 Series
Preferred Device
Sensitive Gate Silicon Controlled Rectifiers
Reverse Blocking Thyristors
PNPN devices designed for high volume, line-powered consumer applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits. Supplied in an inexpensive plastic TO-226AA package which is readily adaptable for use in automatic insertion equipment. * Sensitive Gate Allows Triggering by Microcontrollers and Other Logic Circuits * Blocking Voltage to 600 V * On-State Current Rating of 0.8 Amperes RMS at 80C * High Surge Current Capability -- 10 A * Minimum and Maximum Values of IGT, VGT and IH Specified for Ease of Design * Immunity to dV/dt -- 20 V/msec Minimum at 110C * Glass-Passivated Surface for Reliability and Uniformity * Device Marking: Device Type, e.g., MCR100-3, Date Code * Pb-Free Packages are Available*
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Peak Repetitive Off-State (TJ = *40 to 110C, Sine Wave, 50 to 60 Hz; Gate Open) MCR100-3 MCR100-4 MCR100-6 MCR100-8 On-State RMS Current (TC = 80C) 180 Conduction Angles Peak Non-Repetitive Surge Current (1/2 Cycle, Sine Wave, 60 Hz, TJ = 25C) Circuit Fusing Consideration (t = 8.3 ms) Forward Peak Gate Power (TA = 25C, Pulse Width v 1.0 ms) Forward Average Gate Power (TA = 25C, t = 8.3 ms) Forward Peak Gate Current (TA = 25C, Pulse Width v 1.0 ms) Reverse Peak Gate Voltage (TA = 25C, Pulse Width v 1.0 ms) Operating Junction Temperature Range @ Rate VRRM and VDRM Storage Temperature Range Voltage(Note 1) Symbol VDRM, VRRM 100 200 400 600 IT(RMS) ITSM 0.8 10 A A 1 I2t PGM PG(AV) IGM VGRM TJ Tstg 0.415 0.1 0.10 1.0 5.0 -40 to 110 -40 to 150 A2s W W A V C C *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. 2 3 Value Unit V 1 2 3
http://onsemi.com
SCRs 0.8 A RMS 100 thru 600 V
G A K
TO-92 (TO-226) CASE 029 STYLE 10
PIN ASSIGNMENT
Cathode Gate Anode
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
(c) Semiconductor Components Industries, LLC, 2004
1
February, 2004 - Rev. 5
Publication Order Number: MCR100/D
MCR100 Series
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance - Junction-to-Case - Junction-to-Ambient Lead Solder Temperature (t1/16 from case, 10 secs max) Symbol RqJC RqJA TL Max 75 200 260 Unit C/W C
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current(Note 2) TC = 25C (VD = Rated VDRM and VRRM; RGK = 1 kW) TC = 110C IDRM, IRRM -- -- -- -- 10 100 mA
ON CHARACTERISTICS
Peak Forward On-State Voltage* (ITM = 1.0 A Peak @ TA = 25C) Gate Trigger Current (Continuous dc)(Note 3) (VAK = 7.0 Vdc, RL = 100 W) Holding Current(2) (VAK = 7.0 Vdc, Initiating Current = 20 mA) Latch Current (VAK = 7.0 V, Ig = 200 mA) Gate Trigger Voltage (Continuous dc)(Note 3) (VAK = 7.0 Vdc, RL = 100 W) TC = -40C TC = 25C TC = 25C TC = -40C TC = 25C TC = -40C TC = 25C VTM IGT IH IL VGT -- -- -- -- -- -- -- -- -- 40 0.5 -- 0.6 -- 0.62 -- 1.7 200 5.0 10 10 15 0.8 1.2 V mA mA mA V
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off-State Voltage (VD = Rated VDRM, Exponential Waveform, RGK = 1000 W,TJ = 110C) Critical Rate of Rise of On-State Current (IPK = 20 A; Pw = 10 msec; diG/dt = 1 A/msec, Igt = 20 mA) *Indicates Pulse Test: Pulse Width 1.0 ms, Duty Cycle 1%. 2. RGK = 1000 W included in measurement. 3. Does not include RGK in measurement. dV/dt di/dt 20 -- 35 -- -- 50 V/ms A/ms
Voltage Current Characteristic of SCR
+ Current Anode + VTM on state IRRM at VRRM IH
Symbol
VDRM IDRM VRRM IRRM VTM IH
Parameter
Peak Repetitive Off State Forward Voltage Peak Forward Blocking Current Peak Repetitive Off State Reverse Voltage Peak Reverse Blocking Current Peak on State Voltage Holding Current Reverse Blocking Region (off state) Reverse Avalanche Region Anode -
+ Voltage IDRM at VDRM Forward Blocking Region (off state)
http://onsemi.com
2
MCR100 Series
100 GATE TRIGGER VOLTAGE (VOLTS) 95 90 GATE TRIGGER CURRENT ( m A) 80 70 60 50 40 30 20 10 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C) 110 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C) 95 110
Figure 1. Typical Gate Trigger Current versus Junction Temperature
Figure 2. Typical Gate Trigger Voltage versus Junction Temperature
1000
1000
100
LATCHING CURRENT ( m A) 95 110
HOLDING CURRENT (m A)
100
10 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C)
10 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C)
95
110
Figure 3. Typical Holding Current versus Junction Temperature
Figure 4. Typical Latching Current versus Junction Temperature
TC, MAXIMUM ALLOWABLE CASE TEMPERATURE ( C)
I T, INSTANTANEOUS ON-STATE CURRENT (AMPS)
120 110 100 90 DC 80 70 60 50 40 0 0.1 30 60 90 120 0.5 180
10 MAXIMUM @ TJ = 25C MAXIMUM @ TJ = 110C
1
0.2 0.3 0.4 IT(RMS), RMS ON-STATE CURRENT (AMPS)
0.1
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
Figure 5. Typical RMS Current Derating
Figure 6. Typical On-State Characteristics
http://onsemi.com
3
MCR100 Series TO-92 EIA RADIAL TAPE IN FAN FOLD BOX OR ON REEL
H2A H2A H2B H2B
H W2 H4 H5 L1 L F1 P2 P1 P H1 W1 W T T2 P2 D T1
F2
Figure 7. Device Positioning on Tape
Specification Inches Symbol
D D2 F1, F2 H H1 H2A H2B H4 H5 L L1 P P1 P2 T T1 T2 W W1 W2
Millimeter Max Min
3.8 0.38 2.4 1.5 8.5 0 0 18 15.5 8.5 2.5 12.5 5.95 3.55 0.15 -- 0.35 17.5 5.5 .15
Item Tape Feedhole Diameter Component Lead Thickness Dimension Component Lead Pitch Bottom of Component to Seating Plane Feedhole Location Deflection Left or Right Deflection Front or Rear Feedhole to Bottom of Component Feedhole to Seating Plane Defective Unit Clipped Dimension Lead Wire Enclosure Feedhole Pitch Feedhole Center to Center Lead First Lead Spacing Dimension Adhesive Tape Thickness Overall Taped Package Thickness Carrier Strip Thickness Carrier Strip Width Adhesive Tape Width Adhesive Tape Position
Min
0.1496 0.015 0.0945 .059 0.3346 0 0 0.7086 0.610 0.3346 0.09842 0.4921 0.2342 0.1397 0.06 -- 0.014 0.6889 0.2165 .0059
Max
4.2 0.51 2.8 4.0 9.5 1.0 1.0 19.5 16.5 11 -- 12.9 6.75 3.95 0.20 1.44 0.65 19 6.3 0.5
0.1653 0.020 0.110 .156 0.3741 0.039 0.051 0.768 0.649 0.433 -- 0.5079 0.2658 0.1556 0.08 0.0567 0.027 0.7481 0.2841 0.01968
NOTES: 1. Maximum alignment deviation between leads not to be greater than 0.2 mm. 2. Defective components shall be clipped from the carrier tape such that the remaining protrusion (L) does not exceed a maximum of 11 mm. 3. Component lead to tape adhesion must meet the pull test requirements. 4. Maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 5. Holddown tape not to extend beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 6. No more than 1 consecutive missing component is permitted. 7. A tape trailer and leader, having at least three feed holes is required before the first and after the last component. 8. Splices will not interfere with the sprocket feed holes.
http://onsemi.com
4
MCR100 Series
ORDERING INFORMATION
Device MCR100-003 MCR100-004 MCR100-006 MCR100-008 MCR100-3RL MCR100-3RLG MCR100-6RL MCR100-6RLG MCR100-6RLRA MCR100-6RLRM MCR100-6ZL1 MCR100-8RL TO-92 (TO-226) TO 92 (TO 226) 2000 Units / Tape & Ammunition Box 2000 Units / Tape & Reel TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) 2000 Units / Tape & Reel 2000 Units / Tubes 2000 Units / Tape & Reel 2000 Units / Tubes 2000 Units / Tape & Reel 5000 Units / Bulk TO-92 ( (TO-226) ) Package Code Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
5
MCR100 Series
PACKAGE DIMENSIONS
TO-92 (TO-226) CASE 029-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
DIM A B C D G H J K L N P R V
STYLE 10: PIN 1. CATHODE 2. GATE 3. ANODE
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MCR100/D


▲Up To Search▲   

 
Price & Availability of MCR100-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X