Part Number Hot Search : 
BS2SE P3906 AD7872 CM150 AT45DB16 N4745 6708QUM DAN217
Product Description
Full Text Search
 

To Download MCR100-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
MCR 100- 6, - 8
FEATURES Current-IGT: ITRMS: VDRM:
TO-92
Silicon Planar PNPN Thyristor
1. KATHODE 2. GATE
200 0.8 MCR100-6: MCR100-8:
3. ANODE
A
A 400 600 V V
123
Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter On state voltage * Gate trigger voltage Peak Repetitive forward and reverse blocking voltage MCR100-6 MCR100-8 Peak forward or reverse blocking Current Holding current Symbol VTM VGT VDRM
AND
unless otherwise specified)
Test conditions ITM=1A VAK=7V MIN MAX 1.7 0.8 UNIT V V
IDRM= 10 A ,VMAX=1010 V
400 600
V
VRRM IDRM IRRM IH A2 A1 VAK= Rated VDRM or VRRM IHL= 20 mA , Av = 7 V
10 5 5 15 15 30
A mA A A
Gate trigger current
IGT A
VAK=7V 30 80 A
B
80
200
A
* Forward current applied for 1 ms maximum duration, duty cycle1%.
Typical Characteristics
MCR100-6,-8


▲Up To Search▲   

 
Price & Availability of MCR100-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X