Part Number Hot Search : 
HIP5010 A5800410 BLF30 1581M D30N03 D2060 AL8807Q HV506PG
Product Description
Full Text Search
 

To Download LU1S516LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LU1S516 LF
Bothhandusa.com
Page : 1/ 2
"LAN-MATE" SERIES SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU1S516 LF Feature l l l l l l l
RJ-45 connector integrated with X' FMR /Impedance resistor/High voltage capacitor. Size same as RJ-45 connector to save PCB Board space. Reduced EMI radiation to Improve EMI performance. Design for 100 BASE transmission over UTP-5 cable. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +125J.
Electrical Specifications @ 25C
Part Number
Turns Ratio (5%) TX RX 1CT:1CT
OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 350
Insertion Loss (dB Max) 0.3-100MHz -1.15
HI-POT (Vrms) 1500
LU1S516 LF
1CT:1
Continue
Part Number LU1S516 LF -16 -14 Return Loss (dB Min) Cross talk (dB Min) CMR (dB Min)
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-30MHz 30-60MHz 60-100MHz 1-30MHz 30-60MHz 60-125MHz -13.5 -13 -10 -40 -35 -30 -30 -25 -20
Schematic
LU1S516 LF "LAN-MATE" SERIES
Bothhandusa.com
Page : 2/ 2
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU1S516 LF
Mechanical
1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability
: Thermoplastic (UL 94V-0), Black Housing : Brass, 20u" inches thick Nickel : Phosphor bronze with selective gold plated : 0.4x0.4mm, Phosphor bronze with solder Plated : 750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)


▲Up To Search▲   

 
Price & Availability of LU1S516LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X