Part Number Hot Search : 
RT1202 AD8324 18VUV 18VUV BS8C5 AD8324 2SB1109 CHIPS
Product Description
Full Text Search
 

To Download LFD4K5-6A-XX-S2-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only FOUR DIGIT LED DISPLAY (0.39 Inch)
Pb
Lead-Free Parts
LFD4K5/6A-XX/S2-PF
DATA SHEET
DOC. NO REV. DATE
:
QW0905- LFD4K5/6A-XX/S2-PF
:B : 01 - Aug. - 2006
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LFD4K5/6A-XX/S2-PF Page 1/8
Package Dimensions
LFD4K5/6A-XX/S2-PF BIN GRADING ORDER DATE 40.18(1.582")
CUSTOMER P/N LAPLING 7.0(0.276")
DIG.1
10.0 (0.39")
DIG.2
L1 L2
DIG.3 L3
DIG.4
12.8 (0.504") 6.50.3
1.2 17.5MIN
905
O 0.51TYP
2.54*13=33.02
A FG E D B C DP
PIN NO.1
Note : 1.All dimension are in millimeters and (lnch) tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LFD4K5/6A-XX/S2-PF Page 2/8
Internal Circuit Diagram
LFD4K5A-XX/S2-PF
14 13 12 11 10 9 8
LFD4K6A-XX/S2-PF
14 13 12 11 10 9 8
A DIG.1 B C D 5 E F G A DIG.2 B C D 4 E F G A DIG.3 B C D 2 E F G A DIG.4 B C D 1 E F G
L1 L2
A DIG.1 B C D 5 E F G A DIG.2 B C D 4 E F G A DIG.3 B C D 2 E F G A DIG.4 B C D 1 E F G
L1 L2
3
3
PIN 6:NO CONNECT PIN 7:NO PIN
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LFD4K5/6A-XX/S2-PF Page 3/8
Electrical Connection
PIN NO.1 1 2 3 4 5 6 7 8 9 10 11 12 13 14
LFD4K5A-XX/S2-PF
Common Cathode Dig.4 Common Cathode Dig.3
Common Cathode L1,L2
PIN NO.1 1 2 3 4 5 6 7 8 9 10 11 12 13 14
LFD4K6A-XX/S2-PF
Common Anode Dig.4 Common Anode Dig.3 Common Anode L1,L2 Common Anode Dig.2 Common Anode Dig.1 NO CONNECT NO PIN Cathode G Cathode F Cathode E Cathode D Cathode C Cathode B,L2 Cathode A,L1
Common Cathode Dig.2 Common Cathode Dig.1
NO CONNECT NO PIN Anode G Anode F Anode E Anode D Anode C Anode B,L2 Anode A,L1
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LFD4K5/6A-XX/S2-PF Page 4/8
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol 9UG Forward Current Per Chip Peak Forward Current Per Chip (Duty 1/10,0.1ms Pulse Width) Power Dissipation Per Chip Reverse Current Per Any Chip Electrostatic Discharge( * ) Operating Temperature Storage Temperature IF IFP 30 mA UNIT
60
mA
PD Ir ESD Topr Tstg
75 10 2000 -25 ~ +85 -25 ~ +85
mW
A A
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Static Electricity or power surge will the Use of anti-electrosatic * glove is recommended when handingdamageLED.LED.devices, a conductive wrist band or must be properly these All equipment and machinery grounded.
Part Selection And Application Information(Ratings at 25)
Electrical
PART NO
common cathode Material Emitted or anode
CHIP Common Cathode
AIGaINP Green
D (nm)
(nm)
Vf(v)
Iv(mcd)
IV-M
Min. Typ. Max. Min. Typ.
LFD4K5A-XX/S2-PF
574 Common Anode
20
1.7
2.1
2.6
7.2
12.8
2:1
LFD4K6A-XX/S2-PF
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LFD4K5/6A-XX/S2-PF Page 5/8
Test Condition For Each Parameter
Parameter Forward Voltage Per Chip Luminous Intensity Per Chip Dominant Wavelength Spectral Line Half-Width Reverse Current Any Chip Luminous Intensity Matching Ratio
Symbol Vf Iv
Unit volt mcd nm nm
Test Condition If=20mA If=10mA If=20mA If=20mA Vr=5V
D
Ir IV-M
A
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LFD4K5/6A-XX/S2-PF Page 6/8
Typical Electro-Optical Characteristics Curve
9UG CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
3.0
1000
Forward Current(mA)
100
Relative Intensity Normalize @20mA
1.0
2.5 2.0 1.5 1.0 0.5 0
10
1.0
0.1 2.0 3.0 4.0 5.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
Relative Intensity @20mA Normalize @25
-40 -20 0 20 40 60 80 100
Forward Voltage@20mA Normaliz @25
1.2
3.0 2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100
1.1 1.0 0.9
0.8
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity @20mA
1.0
0.5
0 500 550 600 650
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LFD4K5/6A-XX/S2-PF Page 7/8
Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350 C Max Soldering Time:3 Seconds Max(One Time) Distance:Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260 C
2.Wave Soldering Profile Dip Soldering Preheat: 120 C Max Preheat time: 60seconds Max Ramp-up 2C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:260C Max Dipping Time:3 seconds Max Distance:Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260 C
Temp(C) 260 C3sec Max
260
5 /sec max
120
2 /sec max Preheat 60 Seconds Max
25 0 0
50
100
150
Time(sec)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LFD4K5/6A-XX/S2-PF Page 8/8
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=10mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 5 2.RH=90 %~95 % 3.t=240hrs 2hrs
The purpose of this test is the resistance of the device under tropical for hours.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell time= 10 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 5 2.Dwell time=5 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LFD4K5-6A-XX-S2-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X