Part Number Hot Search : 
2SK3034 12C10 OPB490 GN2104 H471M5 0V8X1 SWE12440 CS301109
Product Description
Full Text Search
 

To Download IXTA12N50P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PolarHVTM Power MOSFET
N-Channel Enhancement Mode Preliminary Data Sheet
IXTA 12N50P IXTP 12N50P
RDS(on)
VDSS ID25
= 500 = 12 0.5
www..com
V A
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 10 TC = 25C
Maximum Ratings 500 500 30 40 12 20 12 24 600 10 200 -55 ... +150 150 -55 ... +150 V V V V A A A mJ mJ
TO-263 (IXTA)
G
S (TAB)
TO-220 (IXTP)
G
V/ns W C C C C C
G = Gate S = Source
DS
(TAB)
D = Drain TAB = Drain
Features International standard packages Unclamped Inductive Switching (UIS) rated Low package inductance - easy to drive and to protect Advantages Easy to mount Space savings High power density
1.6 mm (0.062 in.) from case for 10 s Maximum tab temperature for soldering TO-263 package for 10s Mounting torque TO-220 TO-263 (TO-220)
300 260
Md Weight
1.13/10 Nm/lb.in. 4 3 g g
Symbol Test Conditions (TJ = 25C, unless otherwise specified) VDSS VGS(th) IGSS IDSS RDS(on) VGS = 0 V, ID = 250 A VDS = VGS, ID = 250A VGS = 20 VDC, VDS = 0 VDS = VDSS VGS = 0 V TJ = 125C
Characteristic Values Min. Typ. Max. 500 2.5 5.0 100 5 50 V V nA A A
VGS = 10 V, ID = 0.5 ID25 Pulse test, t 300 s, duty cycle d 2 %
500 m
(c) 2005 IXYS All rights reserved
DS99322(09/05)
IXTA 12N50P IXTP 12N50P
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) Min. Typ. Max. 13 1690 VGS = 0 V, VDS = 25 V, f = 1 MHz 182 16 22 VGS = 10 V, VDS = 0.5 VDSS, ID = ID25 RG = 50 (External) 27 65 20 29 VGS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 11 10 S pF pF pF ns ns ns ns nC nC nC 0.62 K/W (TO-220) 0.25 K/W
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R
TO-263 (IXTA) Outline
www..com
gfs Ciss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS= 10 V; ID = 0.5 ID25, pulse test
Pins: 1 - Gate 2, 4 - Drain 3 - Source
Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74 Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015 .029
Source-Drain Diode Symbol IS ISM VSD t rr Test Conditions VGS = 0 V Repetitive
Characteristic Values (TJ = 25C, unless otherwise specified) Min. typ. Max. 12 20 1.5 A A V
TO-220 (IXTP) Outline
IF = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = 3 A -di/dt = 100 A/s 400
ns
Pins:
1 - Gate 3 - Source
2 - Drain 4 - Drain
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or moreof the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,381,025 5,486,715 6,162,665 6,259,123 B1 6,306,728 B1 6,404,065 B1 6,534,343 6,583,505 6,683,344 6,710,405B2 6,710,463 6,727,585 6,759,692
IXTA 12N50P IXTP 12N50P
Fig. 1. Output Characteristics @ 25C
12 VGS = 10V 10 8V 7V 30 27 24 21 VGS = 10V 8V
Fig. 2. Extended Output Characteristics www..com @ 25C
I D - Amperes
I D - Amperes
8
18 15 12 9 6 3 6V 7V
6
4 6V 2
0 0 1 2 3 4 5 6 7
0 0 3 6 9 12 15 18 21 24 27 30
V D S - Volts Fig. 3. Output Characteristics @ 125C
12 VGS = 10V 10 8V 7V 2.6 2.4 2.2 VGS = 10V
V D S - Volts Fig. 4. RDS(on) Norm alized to 0.5 ID25 Value vs. Junction Tem perature
R D S ( o n ) - Normalized
2 1.8 1.6 1.4 1.2 1 0.8 I D = 6A I D = 12A
I D - Amperes
8
6
6V
4
2 5V 0 0 2 4 6 8 10 12
0.6 0.4 -50 -25 0 25 50 75 100 125 150
V D S - Volts Fig. 5. RDS(on) Norm alized to 0.5 ID25 Value vs. ID
3.1 2.8 VGS = 10V TJ = 125 C 14 12 10
TJ - Degrees Centigrade Fig. 6. Drain Current vs. Case Tem perature
R D S ( o n ) - Normalized
2.5 2.2 1.9 1.6 1.3 1 0.7 0 3 6 9 12 15 18 21 24 27 30 TJ = 25 C
I D - Amperes
8 6 4 2 0 -50 -25 0 25 50 75 100 125 150
I D - Amperes
TC - Degrees Centigrade
(c) 2005 IXYS All rights reserved
IXTA 12N50P IXTP 12N50P
Fig. 7. Input Adm ittance
20 18 16 27 24 21
www..com Fig. 8. Transconductance
g f s - Siemens
I D - Amperes
14 12 10 8 6 4 2 0 4.5 5 5.5 6 6.5 7 7.5 TJ = 125 C 25 C -40 C
18 15 12 9 6 3 0 0
TJ = -40 C 25 C 125 C
2
4
6
8
10
12
14
16
18
20
V G S - Volts Fig. 9. Source Current vs. Source-To-Drain Voltage
9 8 7 10 9 8 7 VDS = 250V I D = 6A I G = 10mA
I D - Amperes Fig. 10. Gate Charge
I S - Amperes
6
VG S - Volts
TJ = 25 C 0.65 0.7 0.75 0.8 0.85
5 4 3 2 1 0 0.45 0.5 0.55 0.6 TJ = 125 C
6 5 4 3 2 1 0 0 3 6 9 12 15 18 21 24 27 30
V S D - Volts Fig. 11. Capacitance
10000 f = 1MHz 100
Q G - nanoCoulombs Fig. 12. Forw ard-Bias Safe Operating Area
Capacitance - picoFarads
C iss
R DS(on) Limit
I D - Amperes
1000
10
25s
C oss 100
100s DC 1ms 10ms
1 TJ = 150C TC = 25C 0.1 0 5 10 15 20 25 30 35 40 10
C rs 10
100
1000
V D S - Volts
IXYS reserves the right to change limits, test conditions, and dimensions.
V D S - Volts
IXTA 12N50P IXTP 12N50P
www..com
Fig. 13. Maxim um Transient Therm al Resistance
1.00
R ( t h ) J C - C / W
0.10
0.01 0.01 0.1 1 10 100 1000
Pulse Width - milliseconds
(c) 2005 IXYS All rights reserved


▲Up To Search▲   

 
Price & Availability of IXTA12N50P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X