|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com IHD Vishay Dale Filter Inductors High Current FEATURES * Printed circuit mounting (axial leads) * Protected by polyolefin tubing RoHS * High saturation bobbin used allowing high COMPLIANT inductance with low DC resistance * Pre-tinned leads * High resistivity core offers very high parallel resistance, resulting in maximum coil performance * 20 sleeveless models available at reduced cost ELECTRICAL SPECIFICATIONS Inductance: Measured at 1.0 V with no DC current Incremental Current: The typical current at which the inductance will be decreased by 5 % from its initial zero DC value Dielectric Rating: 2500 VRMS between winding and outer circumference to within 0.250" [6.35 mm] of the insulating sleeve edge Operating Temperature: - 55 C to + 125 C (no load) - 55 C to + 85 C (at full rated current) Current Rating: Maximum continuous Operating current (DC or RMS) based on a 40 C temperature rise MECHANICAL SPECIFICATIONS Wire: Solid soft copper Terminals: 20 AWG tinned copper leads Coating: Polyolefin tubing - flame retardant UL type VW-1 per MIL-I-23053/5, Class 3 requirements Core Material: Ferrite DIMENSIONS in inches [millimeters] B Max. 1.13 [28.70] Min. Typ. A Dia. Max. 0.032 [0.813] Dia. Typ. #20 AWG MODEL IHD-1 IHD-3 A (Max.) 0.270 [6.85] 0.460 [11.68] B (Max.) 0.700 [17.78] 0.900 [22.86] STANDARD ELECTRICAL SPECIFICATIONS IND. DCR TOL. at 1 kHz MAX. (H) (Ohms) MODEL IHD-1 1.0 15 % 0.009 1.2 15 % 0.010 1.5 15 % 0.011 1.8 15 % 0.012 2.2 15 % 0.013 2.7 15 % 0.014 3.3 15 % 0.016 3.9 15 % 0.017 4.7 15 % 0.022 5.6 15 % 0.024 6.8 15 % 0.026 8.2 15 % 0.028 10.0 15 % 0.033 12.0 15 % 0.037 15.0 15 % 0.040 18.0 15 % 0.044 22.0 15 % 0.050 27.0 15 % 0.070 33.0 15 % 0.075 39.0 15 % 0.084 47.0 15 % 0.104 Document Number: 34016 Revision: 27-Feb-06 RATED CURRENT (Max. Amps) 5.3 5.0 4.8 4.6 4.4 4.2 4.0 3.8 3.4 3.2 3.1 3.0 2.8 2.6 2.5 2.4 2.2 1.9 1.8 1.7 1.6 INCREMENTAL CURRENT (Amps Approx.) 7.00 6.40 5.70 5.20 4.70 4.30 3.90 3.60 3.30 3.00 2.70 2.50 2.30 2.10 1.90 1.70 1.50 1.40 1.30 1.20 1.10 IND. at 1 kHz (H) 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1000.0 1200.0 1500.0 1800.0 2200.0 2700.0 TOL. DCR MAX. (Ohms) 0.130 0.145 0.152 0.208 0.283 0.330 0.362 0.505 0.557 0.650 0.770 1.030 1.140 1.500 1.980 2.300 2.550 3.000 4.000 4.400 5.800 RATED CURRENT (Max. Amps) 1.4 1.3 1.3 1.1 0.94 0.87 0.83 0.70 0.67 0.62 0.57 0.49 0.47 0.41 0.36 0.33 0.31 0.29 0.25 0.24 0.21 INCREMENTAL CURRENT (Amps Approx.) 0.97 0.88 0.80 0.73 0.66 0.60 0.54 0.49 0.45 0.40 0.37 0.34 0.31 0.28 0.26 0.23 0.21 0.19 0.18 0.16 0.14 www.vishay.com 37 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % For technical questions contact magnetics@vishay.com www..com IHD Vishay Dale Filter Inductors STANDARD ELECTRICAL SPECIFICATIONS IND. DCR TOL. at 1 kHz MAX. (H) (Ohms) MODEL IHD-1 3300.0 15 % 6.560 3900.0 15 % 8.630 4700.0 15 % 10.100 5600.0 15 % 11.200 6800.0 15 % 15.000 MODEL IHD-3 3.9 15 % 0.007 4.7 15 % 0.008 5.6 15 % 0.011 6.8 15 % 0.011 8.2 15 % 0.013 10.0 15 % 0.016 12.0 15 % 0.018 15.0 15 % 0.020 18.0 15 % 0.022 22.0 15 % 0.024 27.0 15 % 0.025 33.0 15 % 0.028 39.0 15 % 0.031 47.0 15 % 0.034 56.0 15 % 0.043 68.0 15 % 0.059 82.0 15 % 0.066 100.0 15 % 0.084 120.0 15 % 0.113 150.0 15 % 0.129 180.0 15 % 0.150 220.0 15 % 0.162 270.0 15 % 0.226 330.0 15 % 0.257 390.0 15 % 0.288 470.0 15 % 0.393 560.0 15 % 0.504 RATED CURRENT (Max. Amps) 0.20 0.17 0.16 0.15 0.13 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 3.2 2.5 2.0 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.2 1.0 INCREMENTAL CURRENT (Amps Approx.) 0.13 0.12 0.11 0.10 0.09 8.20 7.50 6.90 6.30 5.70 5.20 4.70 4.30 3.90 3.50 3.20 2.90 2.70 2.50 2.30 2.10 1.90 1.70 1.60 1.40 1.30 1.20 1.10 0.95 0.88 0.80 0.74 IND. at 1 kHz (H) 8200.0 10000.0 12000.0 15000.0 18000.0 680.0 820.0 1000.0 1200.0 1500.0 1800.0 2200.0 2700.0 3300.0 3900.0 4700.0 5600.0 6800.0 8200.0 10000.0 12000.0 15000.0 18000.0 22000.0 27000.0 33000.0 39000.0 47000.0 56000.0 68000.0 82000.0 100000.0 TOL. DCR MAX. (Ohms) 20.800 23.400 26.000 36.000 40.000 0.570 0.643 0.844 0.977 1.180 1.500 1.760 2.130 2.530 2.840 3.790 4.240 5.750 6.440 7.300 9.340 10.700 14.800 18.000 22.700 25.700 29.700 33.700 38.000 52.800 67.300 76.000 RATED CURRENT (Max. Amps) 0.11 0.10 0.10 0.08 0.08 1.0 0.8 0.8 0.6 0.6 0.6 0.5 0.4 0.4 0.4 0.4 0.32 0.25 0.25 0.25 0.20 0.20 0.16 0.13 0.13 0.13 0.10 0.10 0.10 0.08 0.07 0.07 INCREMENTAL CURRENT (Amps Approx.) 0.08 0.08 0.07 0.06 0.06 0.67 0.61 0.56 0.51 0.46 0.42 0.38 0.34 0.31 0.29 0.26 0.24 0.22 0.20 0.18 0.17 0.15 0.14 0.12 0.11 0.10 0.09 0.09 0.08 0.07 0.07 0.06 15 % 15 % 15 % 15 % v 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % 15 % MARKING - Vishay Dale - Model - Value - Date code ORDERING INFORMATION IHD-1 3.9 H INDUCTANCE VALUE 15 % INDUCTANCE TOLERANCE ER PACKAGE CODE e2 JEDEC LEAD (Pb)-FREE STANDARD MODEL GLOBAL PART NUMBER INFORMATION I H D 1 E R 3 R 9 L TOL. MODEL PACKING CODE INDUCTANCE VALUE www.vishay.com 38 For technical questions contact magnetics@vishay.com Document Number: 34016 Revision: 27-Feb-06 www..com Legal Disclaimer Notice Vishay Notice Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale. Document Number: 91000 Revision: 08-Apr-05 www.vishay.com 1 |
Price & Availability of IHD1EBXXXL |