Part Number Hot Search : 
3HPA70NK IN5812 AN331 7671418 2N6715 TDA73090 WP483HDT 331KL
Product Description
Full Text Search
 

To Download FM1114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Preliminary
FM1114
Nonvolatile 3V Quad State Saver Features
Nonvolatile State Saver * Logic States Retained in Absence of Power * Outputs Automatically Restored at Power-up * Unlimited Number of State Changes * Max tPD 50ns at 2.7V * Max Frequency 1 MHz Low Power Operation * Supply voltage of 2.7V to 3.6V * 0.5 A Standby Current Industry Standard Configuration * Industrial Temperature -40 C to +85 C * 16-pin "Green"/RoHS QFN Package
Overview
The FM1114 is an innovative FRAM-based device that stores inputs like conventional logic and retains the stored state in the absence of power. This product solves three basic problems in an elegant fashion. First, it provides continuous access to nonvolatile system settings without performing a memory read operation or using dedicated processor I/O pins. Second, it allows the storage of signals that may change frequently and possibly without notice. Third, it allows the nonvolatile storage of a system setting without the system overhead and extra pins of a serial memory. Functionally, the inputs are stored and passed to the output on the rising edge of the clock CLK. This unique product serves a variety of applications. Here are a few applications: ! ! ! ! ! Control relays or valves with automatic setting on power-up without processor intervention Interface to soft/momentary front-panel switch and indicator lamp. Capture switch settings and drive LEDs without processor intervention Replaces jumpers & control signal routing Initialize state of I/O card signals Eliminate the overhead of serial memory for systems needing only a bit of data
Pin Configuration
VDD NC NC EN
VDD D0 Q0 D1
15
1 2 3
Q2
11
D2 D3
CLK
VSS
Q1
7
4
VSS
Top View
Pin Names DN QN EN CLK VDD VSS
Function Data In Data Out Enable Clock Supply Voltage Ground
Ordering Information
FM1114-QG Quad State Saver, 16-pin "Green"/RoHS QFN
This is a product that has fixed target specifications but are subject to change pending characterization results. Rev. 1.1 Aug. 2007
Ramtron International Corporation 1850 Ramtron Drive, Colorado Springs, CO 80921 (800) 545-FRAM, (719) 481-7000 http://www.ramtron.com Page 1 of 8
Q3
www..com
FM1114 NV Quad State Saver
Block Diagram and Truth Table
INPUTS CLK H or L X OUTPUT Qn L H Q0 Hi-Z
DN CLK
NV State Saver
QN
EN
EN H H H L
L H X Q0
Dn L H X X
Low voltage level High voltage level Don't Care CLK rising edge Previous output state before CLK
Pin Descriptions
Pin Name D(3:0) Q(3:0) CLK EN VDD VSS I/O I O I I Supply Supply Description Data inputs Data outputs Clock: On a rising edge of CLK, the DN inputs are transferred to the QN outputs. While CLK is high or low, the QN outputs do not change regardless of the state of the data inputs. See truth table. Enable. This active-high input enables the device. When low, inputs are ignored and updates to the nonvolatile cells are prevented. When high, the device operates normally. Do not tie this pin to VDD. Power Supply (2.7V to 3.6V) Ground
Rev. 1.1 Aug. 2007
Page 2 of 8
www..com
FM1114 NV Quad State Saver
Description
Nonvolatile storage applied to logic is a revolutionary concept. The FM1114 simplifies the design of system control functions. This product is unique because it remembers the stored output values in the absence of power. Any change in the latched state is automatically written to a nonvolatile ferroelectric latch. This function is possible due to the fast write time and extremely high write endurance of the underlying ferroelectric memory technology.
Use of Enable Pin
The FM1114 has an enable pin that is intended to be used in conjunction with a system reset. An activelow reset may be tied directly to the EN pin. At power-up, /RESET will be held low for some time during which the data input and CLK pins will be ignored. Once the system comes out of reset and EN goes high, the outputs QN drive to the state that were previously latched and the device operates normally. When the EN pin is low, the outputs QN are tristated. The enable pin must not be tied to VDD because the device does not have any power management circuits to monitor VDD. The enable input must be held low during power cycles.
Rev. 1.1 Aug. 2007
Page 3 of 8
www..com
FM1114 NV Quad State Saver
Electrical Specifications
Absolute Maximum Ratings Symbol Description VDD Power Supply Voltage with respect to VSS VIN Voltage on any signal pin with respect to VSS TSTG TLEAD Storage temperature Lead temperature (Soldering, 10 seconds) Ratings -1.0V to +5.0V -1.0V to +5.0V and VIN < VDD+1.0V -55C to + 125C 300 C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.7V to 3.6V unless otherwise specified) Symbol Parameter Min Typ Max Units Notes VDD Power Supply Voltage 2.7 3.6 V ISB Standby Current 0.5 A 1 CPD Power Dissipation Capacitance 330 pF 2 ILI Input Leakage Current 3 1 A ILO Output Leakage Current 3 1 A VIL Input Low Voltage -0.3 0.3 VDD V VIH Input High Voltage 0.7 VDD VDD + 0.3 V VOH Output High Voltage @ IOH = -1 mA VDD - 0.5 V VOL Output Low Voltage V 0.4 @ IOL = 1 mA (VDD=2.7V) V 0.8 @ IOL = 10 mA (VDD=2.7V) VHYS Input Hysteresis (CLK, DN, EN) 0.05 VDD V 4 Notes 1. CLK = VSS, all other inputs at VDD or VSS. 2. To calculate device power dissipation, PD = CPD*VDD2*fi + CL*VDD2*fo, where fi is the input clk freq, fo is the output freq, 3. 4.
and CL is the output load capacitance. Active current IDD may be calculated as IDD = CPD*VDD*fi, assuming outputs are floating. VIN or VOUT = VSS to VDD. This parameter is characterized but not tested.
Rev. 1.1 Aug. 2007
Page 4 of 8
www..com
FM1114 NV Quad State Saver AC Parameters (TA = -40 C to + 85 C, VDD = 2.7V to 3.6V, CL = 30 pF unless otherwise specified) Symbol Parameter Min Max fMAX Maximum Clock Frequency 1 tLOW CLK Low Period 0.3 tHIGH CLK High Period 0.3 tPD Propagation delay CLK to QN 50 tHZ EN Low to QN Hi-Z 25 tR Input Rise Time 100 tF Input Fall Time 100 tDS Data (DN) Setup Time to CLK 5 tDH Data (DN) Hold Time after CLK 10 tEHD EN Hold Time (EN High after CLK ) 0 tEH EN High Time 5 tEL EN Low Time 2 Notes 1. This parameter is characterized but not tested.
Units MHz s s ns ns ns ns ns ns s s s
Notes
1 1 1
Power Cycling and Data Retention (TA = -40 C to + 85 C, VDD = 2.7V to 3.6V, unless otherwise specified) Symbol Parameter Min Max Units Nonvolatile Data Retention Time 45 years tVDR VDD Rise Time 0.1 s/V tVDF VDD Fall Time 0.1 s/V tRES EN High to QN Restore Time 0.5 s tPDS EN Low to Power Down Time 1 s tEHFC EN High to First Clock (CLK ) after Power Up 4 s Notes
1. 2. 3.
Notes 1 1 2 3
Slope measured at any point on VDD waveform. After power up, when EN goes high the nonvolatile latches are read and the values restored to the outputs QN. After power up, this is the minimum time required before a state change operation may occur. EN and VDD may be coincident at power up, and in this case tEHFC time is referenced to VDD (min) and CLK .
Capacitance (TA = 25 C , f=1.0 MHz, VDD = 3.3V) Symbol Parameter CI Input Capacitance Notes
1. This parameter is characterized but not tested.
Min -
Max 14
Units pF
Notes 1
Rev. 1.1 Aug. 2007
Page 5 of 8
www..com
FM1114 NV Quad State Saver AC Test Conditions Input Pulse Levels Input Rise and Fall Times Input and Output Timing Levels Output Load Capacitance 0.1 VDD to 0.9 VDD 10 ns 0.5 VDD 30pF
FM1114 Signal Timing
EN
1/fMAX tLOW tHIGH
tEL tEHD
tEH
CLK
tDS tDH tHZ tRES
DN QN
D0
tPD
D1
tPD
previous
t=0
Q0
Q1
Q1
Power Cycle Timing
CLK DN QN EN tPDS VDD VDD (MIN)
~ ~
D7
D8
DLAST
D0
D1
~ ~
Q7
Q8
QLAST
QLAST
Q0
Q1
~ ~ ~ ~ ~ ~
VDD (MIN)
tRES
tEHFC
Rev. 1.1 Aug. 2007
Page 6 of 8
www..com
FM1114 NV Quad State Saver
Mechanical Drawing
16-pin QFN (4.0mm x 4.0mm body, 0.65mm pitch)
Exposed metal pad. Do not connect to anything except Vss.
4.0 0.1
Pin 1
1
Pin 1 ID
4.0 0.1
2.20 2.00
2 3 4
0.65 typ
0.55 0.10 1.95 REF 0.75 0.05 0.0 - 0.05 0.20 REF. 0.65 typ 0.30 0.05
Note: All dimensions in millimeters. Care must be taken to ensure PCB traces and vias are not placed within the exposed metal pad area.
QFN Package Marking Scheme
Legend: XXXX=base part number, PP=package designator (Q=QFN, G="green") LLLLLL= lot code YY=year, WW=work week Example: FM1114, "Green" QFN package, Lot 0001, Year 2007, Work Week 32 1114QG 0001 0732
XXXXPP LLLLLL YYWW
Rev. 1.1 Aug. 2007
Page 7 of 8
www..com
FM1114 NV Quad State Saver
Revision History
Revision 1.0 1.1 Date 8/8/07 8/22/07 Summary Initial Release. Reduced ISB spec.
Rev. 1.1 Aug. 2007
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of FM1114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X