Part Number Hot Search : 
4812S NEV68M80 FAN7024 MRF401 EZ1584CT MRF401 S2301 BZX55C
Product Description
Full Text Search
 

To Download FM-105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plug-In Frequency Doubler, 20 - 1500 MHz Output
V 3.00
FM-105
Features
n n n n n n
RH-3
Relay Header Case Multioctave Frequency Coverage Conversion Loss: 12 dB Midband Impedance: 50 Ohms Nominal Maximum Input Power: 300 mW Max. MIL-STD-883 Screening Available
Description
A transmission line balun transformer connects to Schottky diodes arranged in a bridge configuration. This design allows balanced activation of all diodes, and yields excellent conversion loss, and odd-order term suppression.
Pin Configuration
Pin No. 1 2 3 4 Function Input GND GND GND Pin No. 5 6 7 8 Function GND GND GND Output
Electrical Specifications1: TA = -55C to +85C
Parameter Frequency Range Conversion Loss Spurious (Referred to Output F2 Level) F1 Test Conditions Input Output Frequency 10 - 750 20 - 1500 10 - 500 MHz 500 - 750 MHz 10 - 100 MHz 100 - 300 MHz 300 - 500 MHz 500 - 750 MHz 30 - 300 MHz 300 - 900 MHz 900 - 1500 MHz 1500 - 2250 MHz -- -- Units MHz MHz dB dB dB dB dB dB dB dB dB dB+ Ratio dB Min -- -- -- -- 25 20 15 10 35 30 25 20 -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- <2.0:1 30 Max -- -- 14.5 15.5 -- -- -- -- -- -- -- -- -- --
F3
VSWR Conversion Loss as Quadrupler
Input --
1. All specifications apply when operated at +13 dBm input power with 50 ohm source and load impedance.
Plug-In Frequency Doubler, 20 - 1500 MHz Output
FM-105
V 3.00
Typical Performance Curves
Conversion Loss
15
Conversion Loss vs. Input Power
32 30
Conversion Loss (dB)
Conversion Loss (dB)
14
28 26 24 22 20 18 16 14 12 10
13
12
11
10 1 10 100 200 300 400 500 600 700 750 800
0
4
8
12
16
20
Input Frequency (MHz)
Input Power (dBm)
Spurious Response
40
Spurious Response
F3 Spurious Referenced to F2 Output (dB)
54
F1 Spurious Referenced to F2 Output (dB)
35
48
30
42
25
36
20
30
15 1 10 100 200 300 400 500 600 700 750 800
24 3 30 300 600 900 1200 1500 1800 2100 2250 2700
Output Frequency (MHz)
Output Frequency (MHz)
Spurious Response
F4 Spurious Referenced to F2 Output (dB)
24
Ordering Information
Part Number Package RH-3
20
FM-105 PIN
16
12
8
4 4 40 400 800 1200 1600 2000 2400 2800 3000 3200
Output Frequency (MHz)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2


▲Up To Search▲   

 
Price & Availability of FM-105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X