Part Number Hot Search : 
CSMA360 M400D M400D HI9P5 SAB80C32 375468 HR0519 V5X11
Product Description
Full Text Search
 

To Download EH15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
EH15 Series
* Plastic surface mount package * 3.3V supply voltage * HCMOS output * Stability to 20ppm * Available on tape and reel
NOTES
EH15
H 4.7 L 14.0 W 9.8
OSCILLATOR
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (VDD) Input Current Frequency Tolerance / Stability Inclusive of all conditions: Calibration Tolerance at 25C, Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, First Year Aging at 25C, Shock, and Vibration Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Load Drive Capability Duty Cycle (at VDD=3.3VDC) Tri-State Input Voltage Aging (at 25C) Start Up Time Period Jitter: Absolute Period Jitter: One Sigma
MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE
1.000MHz to 155.520MHz 0C to 70C or -40C to 85C -55C to 125C 3.3VDC 0.3VDC 35mA Maximum (Unloaded) 100ppm, 50ppm, 25ppm, or 20ppm Maximum
2.7VDC Minimum 0.5VDC Maximum 70.000MHz 20% to 80% of Waveform w/HCMOS Load >70.000MHz 20% to 80% of Waveform w/HCMOS Load 70.000MHz >70.000MHz at 50% of Waveform VIH :No Connection or 2.2VDC VIL :0.8VDC
IOH =-8mA IOL =+8mA
6 nSeconds Maximum 4 nSeconds Maximum 30pF HCMOS Load Maximum 15pF HCMOS Load Maximum 50 10(%) (Standard) or 50 5(%) (Optional) Enables Output Disables Output: High Impedance 5ppm / year Maximum 10mSeconds Maximum 250pSec Maximum, 100pSec Typical 50pSec Maximum, 40pSec Typical
CLASS REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EH15
PLASTIC
3.3V
OS49
02/04
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
www..com
PART NUMBERING GUIDE EH15 00 SJ ET T TS - 24.000M TR
FREQUENCY TOLERANCE / STABILITY 00=100 ppm Maximum (Standard) 45=50ppm Maximum, 25=25ppm Maximum 20=20ppm Maximum OPERATING TEMP. RANGE Blank =0C to 70C ET=-40C to 85C DUTY CYCLE Blank=50 10(%) (Standard) T=50 5(%) PACKAGING OPTIONS Blank=Bulk TR=Tape and Reel (Standard) FREQUENCY OUTPUT CONTROL FUNCTION TS=Tri-State
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Tri-State Pin 2: Case Ground
Pin 3: Output Pin 4: Supply Voltage
Tolerances = 0.1
TAPE
A
24 .3
B
11.5 .1
C
10.75 .1
D
4 .2
E
2.1
F
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1000
F
12 .2
G
B0*
H
1.5 +.1-0
J
A0*
K
.3 .1
L
K0*
R
2.5 MIN
S
10 MIN
T
30.4 MAX
U
360 MAX
V
24.4+2-0
*Compliant to EIA 481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS Line 1: ECLIPTEK
Characteristic Fine Leak Test Gross Leak Test Mechanical Shock Vibration Lead Integrity Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents
Specification MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2004 MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-883, Method 210 MIL-STD-883, Method 215
Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: P XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier Configuration Designator
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EH15
PLASTIC
3.3V
OS49
02/04
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EH15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X