|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com Series DO, DMO 1-3.0 Amp * 60 Vdc * DC Output MINI-SIP * Compact for High Density PCB M ount * DC Control, DC Output * Bipolar (DO) or M OSFET (DM O) Output * 3-10 Vdc Logic Compatible Input * Crydom's Patented Design SPST-NO DC output relays in epoxycoated packages utilize the popular .10" grid lead spacing. They are available with either bipolar transistor output (DO), or the DMO063 with MOSFET output rated at 3A/60 VDC. Manufactured in Crydom's ISO 9002 Certified facility for optimum product performance and reliability. CURRENT DERATING CURVES LOAD CURRENT (AMPS) 1.0 0.8 0.6 0.4 0.2 0 20 40 60 80 AMBIENT TEMPERATURE (1/4C) MODEL NO. INPUT SPECIFICATIONS Control Voltage Range Nominal Input Impedance Typical Input Current @ 5 Vdc Must Turn On Voltage Must Turn Off Voltage DO061A DO061B DM O063 3.0-9.0 Vdc 270 Ohm 15 mAdc 3.0 Vdc 1.0 Vdc 3-60 Vdc 1.7-9.0 Vdc 270 Ohm 15 mAdc 1.7 Vdc 0.8 Vdc 3-60 Vdc 3.0-10.0 Vdc 200 Ohm 20 mAdc 3.0 Vdc 1.0 Vdc 0-60 Vdc 0-3.0 Adc 12.0 Adc(10 ms) 100 Adc 0.4 Vdc OUTPUT SPECIFICATIONS Operating Voltage Range Load Current Range Max. Surge Current DO Max. Load Current vs. Temp. 3 LOAD CURRENT (AMPS) .02-1.0 Adc 5.0 Adc (1 Sec) 200 Adc 1.5 Vdc 50 sec 150 sec 2 Max.Off-State Leakage @ Rated Voltage Max. On-State Voltage Drop @ Rated Current 1 Max.Turn-On Time Max. Turn-Off TIme 50 sec 50 sec 50 sec 300 sec 2500 Vrms 109 Ohm 8.0 pF -30 to 80C -30 to 125C 0 20 40 60 80 AMBIENT TEMPERATURE (1/4C) GENERAL SPECIFICATIONS Dielectric Strength DMO Max. Load Current vs. Temp. Insulation Resistance (Min.) @ 500 Vdc DO .950 (24.1) .400 (10.2) MAX. .200 (5.1) 4000 Vrms 109 Ohm 8.0 pF -30 to 80C -30 to 125C 0.15 oz. (4.3 g) DMO Max. Capacitance (Input/Output) Ambient Operating Temperature Range Ambient Storage Temperature Range .500 (12.7) LOAD CONTROL .250 (6.3) M ECHANICAL SPECIFICATIONS Weight: (typical) Encapsulation: Thermally Conductive Epoxy (c)2002 CRYDOM CORP, Specifications subject to change without notice. 1 2 3 4 GENERAL NOTES .015 (0.4) .015 (0.4) .030 (0.8) .100 (2.5) .500 (12.7) .700 (17.8) PIN PIN PIN PIN 1: 2: 3: 4: +DC LOAD -DC LOAD +DC CONTROL -DC CONTROL All parameters at 25C unless otherwise specified. Typical On-State Resistance = .13 Dielectric and insulation resistance are measured between input and output. Inductive loads should be diode suppressed. FastFax Document No. 104 SERIES DO, DMO Rev. 021202 PAGE 1 OF 1 For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506 |
Price & Availability of DMO063 |