Part Number Hot Search : 
TK3610M PCA9674 S175N LBN09613 73F07 APE0504 JCT1231 F4821V
Product Description
Full Text Search
 

To Download DA0243 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F E AT U R E S 50 - 1 3 00 MHz 40 dB Range 1.3 dB Insertion Loss 2 dB Linearity See 100C1521 For Connectorized Version
MODEL NO. DA0243
P IN Dio d e L in e a r V CA
VCA
CONTRASTING COLOR BEAD .100 (TYP) .76 TYP 1.000 1.000
RF 2 IN/OUT
* *
*
12
RF OUT/IN
.100 13 12 11 .400 10 9 8 7 .800 RF 1 GND
1 2 3 .018 DIA. 4 5 6 PART IDENTIFICATION
*
*
13
RF GND
****
.150 (MAX) .072
6 -15V
7 +15V
9 CONT
3
5
8 10 GND
11
4 N/C
N/C = NO INTERNAL CORRECTION .xx = .02 .xxx = .010
GUARANTEED PERFORM A NCE
Parameter Min Typ Max Units
50 60 80 1300 65 110 1 2.0 3.0 3.5
Range
Conditions
At +15 VDC Supply At -15 VDC Supply 0 V = I.L +5 V = Max. Atten. 50 - 500 MHz 500 - 1100 MHz 1100 - 1300 MHz 50 - 500 MHz 500 - 1100 MHz 1100 - 1300 MHz Best Straight Line Fit From: IL +2 dB to 35 dB at 50 - 500 MHz IL +2 dB to 25 dB at 500 - 1100 MHz IL +2 dB to 20 dB at 1100 - 1300 MHz 50 - 500 MHz 500 - 1300 MHz
T YP I CA L P E R F OR MA NC E
Attenuation vs Control Voltage at 500 MHz
50
Operating Frequency DC Current Control Current Insertion Loss
MHz mA mA mA dB dB dB dB dB dB dB/V dB
40
Attenuation
ATTENUATION (dB) 30
40 30 25 133 2
Slope Linearity
20
VSWR
10
1.25/1 1.50/1 50 3 +80 +35 -55 +25 +10 +85
0 0 +1 +2 +3 +4 +5 CONTROL VOLTAGE
Impedance Slew Rate Intercept Points
2nd 3rd
RF Power Operate Operating Temperature
OHMS dB/s dBm dBm dBm C TA
DA I C O In d u s t r i e s
Rev. B / Iss. 1


▲Up To Search▲   

 
Price & Availability of DA0243

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X