Part Number Hot Search : 
FPA18 1E224K FP803 TY30N50E CA3169M PRB501 LT104 SCRX2FS
Product Description
Full Text Search
 

To Download C3216X7R2A104KT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
TDK MLCC Datasheet
TDK P/N
1
C3216 X7R 2A 104 K T XXXX
1) 2) 3) 4) 5) 6) 7)
No. 1 2 3 4 5 6 7 -
Segment Case Size Temperature Characteristics Rated Voltage Capacitance Capacitance Tolerance Packaging Style TDK internal Code Dissipation Factor (DF) Insulation Resistance
Detail 3.20 x 1.60 mm -55+125 C 100V 100,000 pF or 0.1 uF 10% Tape and Reel XXXX 0.03 max. 5000 M min.
o
Comments See below for dimensions. Class II ; Conforms to EIA 198 DC 1.0 0.2 Vrms , 1kHz 10% Conforms to IEC 384-9 EIA 481 Format (Internal TDK use only) 1.0 0.2 Vrms , 1kHz 10% apply rated voltage for 60s
15%
Physical Dimensions
Material System
3 4
L G B W
5
T
2 1
Symbol L W T B G
Dimensions (mm) 3.20 0.2 1.60 0.2 1.80 max. 0.2 min. 1.00 min.
No. 1 2 3 4 5
Name Dielectric Electrode
Material Class I Class II
Pd
TiO2 Pd Ag or Ag/Pd
TME
CaZrO3 Ni Cu Ni Sn
Pd
TME
BaTiO3
Pd Ag or Ag/Pd
Ni Cu
Termination
1 This datasheet gives a basic overview of the multilayer ceramic capacitor as defined in the above TDK part number. A full specification (including part number construction, available capacitance ranges, packaging and caution notes) is available upon request. The information above is subject to change by TDK without any notice.
02/14/03


▲Up To Search▲   

 
Price & Availability of C3216X7R2A104KT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X