Part Number Hot Search : 
D1202 FS20KM ILX751A PEF4065 HER10 5KP48 03C24 TW8811
Product Description
Full Text Search
 

To Download BTA16-600B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BTA/BTB16 and T16 Series
16A TRIACS
SNUBBERLESSTM , LOGIC LEVEL & STANDARD
MAIN FEATURES:
Symbol IT(RMS) VDRM/VRRM IGT (Q1) Value 16 600 and 800 10 to 50 Unit A V
G
A2
A1
A2
mA
A1 A2 G
DESCRIPTION Available either in through-hole or surface-mount packages, the BTA/BTB16 and T16 triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ... The snubberless versions (BTA/BTB...W and T16 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards (File ref.: E81734). ABSOLUTE MAXIMUM RATINGS
Symbol IT(RMS) RMS on-state current (full sine wave) Parameter
D2PAK (T16-G)
A2
A1 A2 G
A1 A2 G
TO-220AB (BTB16)
TO-220AB Insulated (BTA16)
Value D2PAK TO-220AB Tc = 100C Tc = 85C t = 16.7 ms t = 20 ms 168 160 144 Tj = 125C Tj = 25C Tj = 125C Tj = 125C 50 VDRM/VRRM
+ 100
Unit A
16 A A s A/s V A W C 1/7
TO-220AB Ins. ITSM I t dI/dt Non repetitive surge peak on-state current (full cycle, Tj initial = 25C) It Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns F = 60 Hz F = 50 Hz tp = 10 ms F = 120 Hz tp = 10 ms tp = 20 s
VDSM/VRSM Non repetitive surge peak off-state voltage IGM PG(AV) Tstg Tj Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range
4 1 - 40 to + 150 - 40 to + 125
April 2002 - Ed: 5A
BTA/BTB16 and T16 Series
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified)
s
SNUBBERLESSTM and LOGIC LEVEL (3 Quadrants)
Symbol Test Conditions Quadrant T16 T1635 IGT (1) VGT VGD IH (2) IL dV/dt (2) VD = 12 V VD = VDRM IT = 500 mA IG = 1.2 IGT VD = 67 % VDRM gate open Tj = 125C Tj = 125C Tj = 125C Tj = 125C MIN. (dV/dt)c = 10 V/s Without snubber I - III II MIN. (dI/dt)c (2) (dV/dt)c = 0.1 V/s RL = 33 RL = 3.3 k Tj = 125C I - II - III I - II - III I - II - III MAX. MAX. MIN. MAX. MAX. 35 50 60 500 8.5 15 25 30 40 8.5 3.0 35 SW 10 1.3 0.2 35 50 60 500 8.5 50 70 80 1000 14 V/s A/ms BTA/BTB16 CW 35 BW 50 mA V V mA mA Unit
s
STANDARD (4 Quadrants)
Symbol Test Conditions Quadrant BTA/BTB16 C IGT (1) VD = 12 V VGT VGD IH (2) IL dV/dt (2) VD = VDRM IT = 500 mA IG = 1.2 IGT VD = 67 % VDRM gate open Tj = 125C Tj = 125C I - III - IV II MIN. MIN. RL = 3.3 k Tj = 125C RL = 33 I - II - III IV ALL ALL MAX. MAX. MIN. MAX. MAX. 25 40 80 200 5 25 50 1.3 0.2 50 60 120 400 10 V/s V/s B 50 100 mA V V mA mA Unit
(dV/dt)c (2) (dI/dt)c = 7 A/ms
STATIC CHARACTERISTICS
Symbol VTM (2) Vto (2) Rd (2) IDRM IRRM
Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1
Test Conditions ITM = 22.5 A tp = 380 s Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MAX. MAX.
Value 1.55 0.85 25 5 2
Unit V V m A mA
Threshold voltage Dynamic resistance VDRM = VRRM
2/7
BTA/BTB16 and T16 Series
THERMAL RESISTANCES
Symbol Rth(j-c) Junction to case (AC) Parameter DPAK TO-220AB TO-220AB Insulated Rth(j-a) Junction to ambient S = 1 cm DPAK TO-220AB TO-220AB Insulated
S: Copper surface under tab
Value 1.2 2.1 45 60
Unit C/W
C/W
PRODUCT SELECTOR
Voltage(xxx) Part Number 600 V BTA/BTB16-xxxB BTA/BTB16-xxxBW BTA/BTB16-xxxC BTA/BTB16-xxxCW BTA/BTB16-xxxSW T1635-xxxG X X X X X X 800 V X X X X X X 50 mA 50 mA 25 mA 35 mA 10 mA 35 mA Standard Snubberless Standard Snubberless Logic level Snubberless TO-220AB TO-220AB TO-220AB TO-220AB TO-220AB DPAK Sensitivity Type Package
ORDERING INFORMATION
BT A 16 TRIAC SERIES INSULATION: A: insulated B: non insulated CURRENT: 16A
600
BW
(RG)
PACKING MODE Blank: Bulk RG: Tube
VOLTAGE: 600: 600V 800: 800V
SENSITIVITY & TYPE B: 50mA STANDARD BW: 50mA SNUBBERLESS C: 25mA STANDARD CW: 35mA SNUBBERLESS SW: 10mA LOGIC LEVEL
T 16 35
TRIAC SERIES CURRENT: 16A
-
600 G
PACKAGE: G: D2PAK
(-TR)
VOLTAGE: 600: 600V 800: 800V SENSITIVITY: 35: 35mA
PACKING MODE: Blank: Tube -TR: Tape & Reel
3/7
BTA/BTB16 and T16 Series
OTHER INFORMATION
Part Number BTA/BTB16-xxxyz BTA/BTB16-xxxyzRG T1635-xxxG T1635-xxxG-TR Marking BTA/BTB16xxxyz BTA/BTB16-xxxyz T1635xxxG T1635xxxG Weight 2.3 g 2.3 g 1.5 g 1.5 g Base quantity 250 50 50 1000 Packing mode Bulk Tube Tube Tape & reel
Note: xxx = voltage, y = sensitivity, z = type
Fig. 1: Maximum power dissipation versus RMS on-state current (full cycle).
P (W)
Fig. 2-1: RMS on-state current versus case temperature (full cycle).
IT(RMS) (A) 18 16 14 12 10 8 6 4 2 0
BTB/T16
20 18 16 14 12 10 8 6 4 2 0
BTA
IT(RMS) (A)
0 2 4 6 8 10 12 14 16
Tc(C) 0 25 50 75 100 125
Fig. 2-2: DPAK RMS on-state current versus ambient temperature (printed circuit board FR4, copper thickness: 35 m), full cycle.
IT(RMS) (A) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 25 Tamb(C) 50 75 100 125
D PAK 2 (S=1cm )
2
Fig. 3: Relative variation of thermal impedance versus pulse duration.
K=[Zth/Rth] 1E+0
Zth(j-c)
1E-1
Zth(j-a)
tp (s) 1E-2 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2
4/7
BTA/BTB16 and T16 Series
Fig. 4: values)
ITM (A) 200
On-state
characteristics
(maximum
Fig. 5: Surge peak on-state current versus number of cycles.
ITSM (A)
Tj max
100
10
Tj=25C
VTM (V) 1 0.5 1.0 1.5 2.0 2.5 3.0 3.5
Tj max: Vto = 0.85 V Rd = 25 m
4.0
4.5
5.0
180 160 140 120 100 80 60 40 20 0
t=20ms
Non repetitive Tj initial=25C
One cycle
Repetitive Tc=85C
Number of cycles 1 10 100 1000
Fig. 6: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10ms, and corresponding value of It.
ITSM (A), It (As) 3000
Tj initial=25C dI/dt limitation: 50A/s
Fig. 7: Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values).
IGT,IH,IL[Tj] / IGT,IH,IL [Tj=25C] 2.5 2.0
IGT
1000
1.5
IH & IL
ITSM
1.0 0.5
It
tp (ms) 100 0.01 0.10 1.00 10.00
Tj(C) 0.0 -40 -20 0 20 40 60 80 100 120 140
Fig. 8: Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values).
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.1 1.0 (dV/dt)c (V/s) 10.0 100.0
B C SW
Fig. 9: Relative variation of critical rate of decrease of main current versus junction temperature.
(dI/dt)c [Tj] / (dI/dt)c [Tj specified] 6 5 4
BW/CW/T1635
3 2 1 0 0 25 50 Tj (C) 75 100 125
5/7
BTA/BTB16 and T16 Series
Fig. 10:DPAK Thermal resistance junction to ambient versus copper surface under tab (printed circuit board FR4, copper thickness: 35 m).
Rth(j-a) (C/W) 80 70 60 50 40 30 20 10 0 0 4 8 12 16 S(cm) 20 24 28 32 36 40
D PAK
2
PACKAGE MECHANICAL DATA TO-220AB (Plastic)
DIMENSIONS
B C
REF.
Millimeters Min. Typ. 3.75 Max. Min.
Inches Typ. 0.147 Max. 0.625
b2
L F I A
l4
a1
c2
l3
l2 a2
b1 e
M c1
A a1 a2 B b1 b2 C c1 c2 e F I I4 L l2 l3 M
15.20
15.90 0.598
13.00 14.00 0.511 0.551 10.00 10.40 0.393 0.409 0.61 0.88 0.024 0.034 1.23 1.32 0.048 0.051 4.40 4.60 0.173 0.181 0.49 0.70 0.019 0.027 2.40 2.72 0.094 0.107 2.40 2.70 0.094 0.106 6.20 6.60 0.244 0.259 3.75 3.85 0.147 0.151 15.80 16.40 16.80 0.622 0.646 0.661 2.65 2.95 0.104 0.116 1.14 1.70 0.044 0.066 1.14 1.70 0.044 0.066 2.60 0.102
6/7
BTA/BTB16 and T16 Series
PACKAGE MECHANICAL DATA DPAK (Plastic)
DIMENSIONS
A E L2 C2
REF.
Millimeters Min. Typ. Max. 4.60 2.69 0.23 0.93 Min.
Inches Typ. Max.
D L L3 A1 B2 B G A2 2.0 MIN. FLAT ZONE V2 C R
A A1 A2 B B2 C C2 D E G L L2 L3 R V2
4.30 2.49 0.03 0.70 1.25 0.45 1.21 8.95 10.00 4.88 15.00 1.27 1.40 0
1.40
0.40
0.169 0.181 0.098 0.106 0.001 0.009 0.027 0.037 0.048 0.055 0.60 0.017 0.024 1.36 0.047 0.054 9.35 0.352 0.368 10.28 0.393 0.405 5.28 0.192 0.208 15.85 0.590 0.624 1.40 0.050 0.055 1.75 0.055 0.069 0.016 8 0 8
FOOTPRINT DIMENSIONS (in millimeters) DPAK (Plastic)
16.90
10.30 1.30
5.08
3.70 8.90
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Isreal - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of BTA16-600B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X