Part Number Hot Search : 
SAA7135 DM74S04 ISL1539A ELECT 2TZ15 HA12203 BZX84C 030K1F
Product Description
Full Text Search
 

To Download BD233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-126 package www..com *Complement to type BD234 /236 /238 APPLICATIONS *For medium power linear and switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
BD233 BD235 BD237
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER BD233 VCBO Collector-base voltage BD235 BD237 BD233 VCEO Collector-emitter voltage BD235 BD237 VEBO IC ICM PC Tj Tstg Emitter -base voltage Collector current (DC) Collector current-Peak Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 45 60 100 45 60 80 5 2 6 25 150 -65~150 V A A W V V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter on voltage BD233 VCEO(SUS) Collector-emitter sustaining voltage BD235 BD237 BD233 ICBO Collector cut-off current BD235 BD237 IEBO hFE-1 hFE-2 fT Emitter cut-off current DC current gain DC current gain Transition frequency VCB=45V; IE=0 VCB=60V; IE=0 VCB=100V; IE=0 VEB=5V; IC=0 IC=150mA ; VCE=2V IC=1A ; VCE=2V IC=250mA; VCE=10V IC=0.1A; IB=0 CONDITIONS IC=1A; IB=0.1A IC=1A ; VCE=2V
www..com
BD233 BD235 BD237
SYMBOL VCEsat VBE
MIN
TYP.
MAX 0.6 1.3
UNIT V V
45 60 80 V
100
A
1 40 25 3
mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
www..com
BD233 BD235 BD237
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BD233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X