Part Number Hot Search : 
S3045 MBR40 13202 TA542 GJ7805 P1403E LBN70A34 0ELT2
Product Description
Full Text Search
 

To Download BD230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BD230
www..com
DESCRIPTION *With TO-126 package *Complement to type BD231 *High current (Max:1.5A) *Low voltage (Max: 80V) APPLICATIONS *Drive stage in TV circuits
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IBM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current-Peak Tmb462 PD Total power dissipation TC=25 Tj Tstg Tamb Junction temperature Storage temperature Operating ambient temperature 10 150 -65~150 -65~150 Open emitter Open base Open collector CONDITIONS VALUE 100 80 5 1.5 3 1 12.5 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency CONDITIONS IC=1A; IB=0.1A IC=1A; IB=0.1A IC=1A ; VCE=2V VCB=30V; IE=0 VEB=5V; IC=0 IC=5mA ; VCE=2V IC=150mA ; VCE=2V IC=1A ; VCE=2V IC=50mA ; VCE=5V 40 40 25 125 MIN TYP.
www..com
BD230
SYMBOL VCEsat VBEsat VBE ICBO IEBO hFE-1 hFE-2 hFE-3 fT
MAX 0.8 1.2 1.3 0.1 0.1
UNIT V V V A A
250
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
www..com
BD230
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BD230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X