Part Number Hot Search : 
GL2504 52009 SD1483 TT240N 2SC3151M GW100L 22N50 UF9Z24
Product Description
Full Text Search
 

To Download AND190GCP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AND190GCP
Ultra Bright LED Lamps: Type 1
Weight: 1.0 g Unit: mm
11.00.3
AND190GCP
GaP Green Light Emission T-3 Package (10 mm)
Features
* Peak wavelength (p = 570 nm) high bright emission * All plastic mold type, clear colorless lens * Low drive current, (forward current = 1 to 20 mA) * Excellent On-Off contrast ratio * Fast response time, capable of pulse operation * High power luminous intensity * Suitable for Outdoor Message Signboards * RoHS Compliant Maximum Ratings (Ta = 25C)
Characteristics Symbol
IF VR PD TOpr TStg
www..com 10.00.2
0.5 1.5
26.4 MIN.
13.50.3
2.00.2
Rating
30 5 125 -40 to 85 -40 to 100
Unit
mA V mW C C
2.54 Cathode Index 0.5
Forward Current Reverse Voltage Power Dissipation
1. Anode 2. Cathode
1
2
Operating Temperature Range Storage Temperature Range
Electro-Optical Characteristics (Ta = 25C)
Characteristics Forward Voltage Reverse Current Luminous Intensity Peak Emission Wavelength Spectral Line Half Width Dominant Wavelength Full Viewing Angle Symbol
VF IR IV lP d
Test Condition
IF = 20 mA VR = 4 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IV = 1/2 Peak
Minimum
- - 370 - - - -
Typical
2.15 - 700 570 30 566 8
Maximum
2.8 100 - - - - -
Unit
V A mcd nm nm nm degree
Precaution
Please be careful of the following: 1. Soldering temperature: 260C max Soldering time: 5 sec. max Soldering portion of lead: up to 1.6 mm from the body of the device 2. The lead can be formed up to 5 mm from the body of the device without forming stress. Soldering should be performed after the lead forming.
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com
7/18/07
AND190GCP
GaP Green Light Emission
IF - VF 50 Forward Current IF (mA) 30 Ta = 25C
Luminous Intensity IV (mcd) 1000 500 300 3000 Ta = 25C
Ultra Bright LED Lamps: Type 1
IV - VF
www..com 10 5 3
100 50
1 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
20 1 3 5 10 30 50 100 300 Forward Current IF (mA)
Forward Voltage VF (V)
IV - TC 3 1.0 Relative Luminous Intensity
Relative Luminous Intensity - Wavelength IF = 20 mA Ta = 25C
Relative Luminous Intensity
0.8
1 0.5 0.3
0.6 0.4
0.2 0 520
0.1 -20 0 20 40 60 80
540
560
580
600
620
640
Case Temperature TC (C)
Wavelength (nm)
Radiation Pattern 40 10 0 10 Ta = 25C 20 30 40 50 60 70 80 90 0 0.2 0.4 0.6 0.8 0 0 Allowable Forward Current IF (mA)
IF - Ta
20 30 40 50 60 70 80 90
30
20
10
20 40 60 80 Ambient Temperature Ta (C)
100
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com
7/18/07


▲Up To Search▲   

 
Price & Availability of AND190GCP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X