Part Number Hot Search : 
HD14012 10406 KRA728E IRL81A BR206 7073598 BAT240A MAX2644
Product Description
Full Text Search
 

To Download AND185HAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
AND185HAP
Ultra Bright LED Lamps: Type 3
Weight: 0.31 g Unit: mm
5.60.3
AND185HAP
InGaAlP High Brightness Amber Light Emission T-1 3/4 Package (5 mm)
8.60.3
5.00.2
Features
* Peak wavelength (p = 612 nm) high bright emission * All plastic mold type, clear colorless lens * Low drive current: 1 to 20 mA DC * Excellent On-Off contrast ratio * Fast response time, capable of pulse operation * High power luminous intensity * Suitable for Outdoor Message Signboards, Automotive Use
1.00.2
0.5
1.0 MIN.
25.4 MIN.
Maximum Ratings (Ta = 25C)
Characteristics
2.54 Cathode Index 0.5
Symbol
IF VR PD TOpr TStg
Rating
50 5 125 -40 to 85 -40 to 100
Unit
mA V mW C C
Forward Current Reverse Voltage Power Dissipation
1
2
1. Anode 2. Cathode
Operating Temperature Range Storage Temperature Range
Electro-Optical Characteristics (Ta = 25C)
Characteristics Forward Voltage Reverse Current Luminous Intensity Peak Emission Wavelength Spectral Line Half Width Dominant Wavelength Full Viewing Angle Symbol
VF IR IV P d
Test Condition
IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IV = 1/2 Peak
Minimum
- - 8,500 - - - -
Typical
2.0 - 11,150 612 17 605 6
Maximum
2.4 10 - - - - -
Unit
V A mcd nm nm nm degree
Precaution
Please be careful of the following: 1. Soldering temperature: 260C max Soldering time: 5 sec. max Soldering portion of lead: up to 1.6 mm from the body of the device 2. The lead can be formed up to 5 mm from the body of the device without forming stress. Soldering should be performed after the lead forming.
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * email@purdyelectronics.com * www.purdyelectronics.com
4/4/05
AND185HAP
InGaAlP High Brightness Amber Light Emission
IF - VF 20000 50 Luminous Intensity IV (mcd) Forward Current IF (mA) 30 Ta = 25C 10000 5000 3000 Ta = 25C
Ultra Bright LED Lamps: Type 3
IV - IF
10 5 3
1000 500
1 1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
300 1 3 5 10 30 50 100 Forward Current IF (mA)
Forward Voltage VF (V)
IV - TC 3 Relative Luminous Intensity 1.0
Relative Luminous Intensity - Wavelength IF = 20 mA Ta = 25C
Relative Luminous Intensity
0.8
1 0.5 0.3
0.6 0.4
0.2 0 580
0.1 -20 0 20 40 60 80
600
620
640
660
680
700
Case Temperature TC (C)
Wavelength (nm)
Radiation Pattern 80 10 0 Ta = 25C 20 30 40 50 60 70 80 90 0 0.2 0.4 0.6 0.8 0 0 Allowable Forward Current IF (mA)
IF - Ta
20 30 40 50 60 70 80 90
10
60
40
20
20 40 60 80 Ambient Temperature Ta (C)
100
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * email@purdyelectronics.com * www.purdyelectronics.com
4/4/05


▲Up To Search▲   

 
Price & Availability of AND185HAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X