Part Number Hot Search : 
4093B 82503 DTC12 00F6TR L8560 MV605 016M41R X5328PZ
Product Description
Full Text Search
 

To Download A75-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A75-3 / SMA75-3
Cascadable Amplifier 10 to 500 MHz
Features
* HIGH GAIN: 20.5 dB (TYP.) * LOW NOISE: 1.7 dB (TYP.) Rev. V3
Product Image
Description
The A75-3 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.
Ordering Information
Part Number
A75-3 SMA75-3 MAAM-008317-CA7503
Package
TO-8 Surface Mount SMA Connectorized **
** The connectorized version is not RoHs compliant.
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Typical Parameter
Frequency Small Signal Gain (min) Gain Flatness (max) Reverse Isolation Noise Figure (max) Power Output @ 1 dB comp. (min) IP3 IP2
Absolute Maximum Ratings
Parameter
Storage Temperature Case Temperature DC Voltage Continuous Input Power Short Term Input power (1 minute max.) Peak Power (3 sec max.) "S" Series Burn-In Temperature (case)
Guaranteed 0 to 50C
10-500 19.5 0.5
Units 25C
MHz dB dB dB dB dBm dBm dBm dBm 1-600 20.5 0.2 25 1.7 3.0 +16 +15 +21 1.5:1 / 1.5:1 mA 14 1.8:1 / 1.8:1 16 2.0:1 / 2.0:1 18 2.3 2.0 2.8 1.5
Absolute Maximum
-62C to +125C 125C +21 V +13 dBm 50 mW 0.5 W 125C
-54 to +85C*
10-500 19.0 0.7
Thermal Data: VCC = +15 VDC
Parameter
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
Rating
170C/W 0.099 W 17C
www..com Second Order Harmonic IP
VSWR Input / Output (max) DC Current @ 15 Volts (max)
* Over temperature performance limits for part number CA75-3, guaranteed from 0oC to +50oC only. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
A75-3 / SMA75-3
Cascadable Amplifier 10 to 500 MHz
Typical Performance Curves at +25C Outline Drawing: TO-8 *
Rev. V3
WEIGHT: 1 gram (0.04 oz.) max
Outline Drawing: Surface Mount *
WEIGHT: 1 gram (0.04 oz.) max
Outline Drawing: SMA Connectorized *
www..com
WEIGHT: 19 grams (0.67 oz.) max
2
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of A75-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X