Part Number Hot Search : 
63130 DTA143E MP3205 MAX6794 HMC939A MF2000 2SD2124 HE85750
Product Description
Full Text Search
 

To Download 85050-0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0850500000 Active
din_41612 2.54mm (.100") Pitch DIN 41612 Receptacle, Style Q/2 Reverse, 32 Circuits
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Overview Product Name Style Backplane Connectors 85050 Backplane PCB Receptacle din_41612 IEC 603-2/DIN 41612 Q/2
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 32 32 500 No 94V-0 No None 16 Open Pin Field 2 Right Angle 0.110 In 2.80 mm No None 0.063 In, 0.157 In 1.60 mm, 3.20 mm Bag 0.100 In 2.54 mm 0.100 In 2.54 mm No No No -55C to +125C
Search Parts in this Series 85050Series Mates With DIN 41612/EIC 603-2 Mixed Layout Connector 85009 , 85017
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 1.5A 622.0 Mbps 20 No 250V AC (RMS)
Material Info Reference - Drawing Numbers
Sales Drawing SDA-85050-0000, SDA-85050-0002
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 85050-0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X