Part Number Hot Search : 
C20VI 15ETH03 ALVCH LTC2641 NTE5980 2SB1005 2SB1005 8HC71
Product Description
Full Text Search
 

To Download 2SC2527 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
2SC2527
DESCRIPTION *With TO-220C package *Complement to type 2SA1077 *Fast switching speed *Excellent safe operating area APPLICATIONS *High frequency power amplifiers *Audio power amplifiers *Switching regulators *DC-DC converters
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 120 120 7 10 60 150 -65~150 UNIT V V V A W
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=1mA ; RBE=: IC=50A ; IE=0 IE=50A ; IC=0 IC=5A; IB=0.5A IC=5 A ; VCE=5V VCB=120V ;IE=0 VCE=120V; IB=0 VEB=7V ;IC=0 IC=1 A ; VCE=5V IC=5 A ; VCE=5V IC=1 A ; VCE=10V IE=0 ; VCB=10V; f=1MHz 60 40 MIN 120 120 7
2SC2527
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO ICEO IEBO hFE-1 hFE -2 fT COB
TYP.
MAX
UNIT V V V
1.8 1.7 50 1 50 200
V V A mA A
80 180
MHz pF
Switching times tr ts tf Rise time Storage time Fall time IC=7.5 A; RL=4B IB1=-IB2=0.75A 0.3 1.3 0.2 s s s
2
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2527
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2527

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X