Part Number Hot Search : 
5C100 ON0613 MAX13 SM5S13 BGY58 KLDVHCX FC105 E002365
Product Description
Full Text Search
 

To Download 2FB60F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUTURE BUS
Adam Technologies, Inc.
2.00mm CENTERLINE EIA STANDARD
2FB SERIES
INTRODUCTION: Adam Tech 2FB Series 2.00mm Futurebus Backpanel connectors are a two piece connector system comprised of vertical male headers and right angle receptacles. This high density, high speed signal connector set connects PC boards to backplanes. They are widely used in networking, telecom and high speed computing applications. Adam Tech's specially designed Press-Fit tails offer fast, solderless attachment to printed circuit boards. Our connector bodies are manufactured from high-temp, glass filled LCP thermoplastic and our contacts are specially designed for improved signal performance. These headers and sockets offer the convenience of end to end stacking. They are industry compatible, and intermateable with other connectors manufactured to Future Bus standards. FEATURES: Industry standard 2.00 Backplane system Two piece mated design High density & end to end stackable High Speed, improved signal performance Superior grounding and Shielding MATING CONNECTORS: Adam Tech 2FB series and All industry standard 2.0mm Future Bus Connectors.
ORDERING INFORMATION
SPECIFICATIONS: Material: Standard Hi-Temp insulator: LCP, glass filled, rated UL94V-0 Insulator Color: Gray Contacts: Brass or Phosphor Bronze Contact Plating: Gold over Nickel on contact area, Tin over Copper underplate on tails Electrical: Operating voltage: 500V AC max. Current rating: 1 Amp max Contact resistance: 30 m max. initial Insulation resistance: 1000 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Insertion force: 0.101 lbs / contact max. Withdrawal force: 0.045 lbs / contact min Temperature Rating: Operating temperature: -65C to +125C Soldering process temperature: 260C PACKAGING: Anti-static plastic tubes APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
2FB
SERIES INDICATOR 2FB = 2.0mm Future Bus Connector
24
POSITIONS Power: 8 & 10 Signal: 24, 30, 48, 60, 96, 120, 192, 240
M
CONTACT TYPE M = Male straight F = Female right angle
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
OPTIONS: Add designator(s) to end of part number 30 = 30 in gold plating in contact area Custom pin lengths available
230
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of 2FB60F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X