Part Number Hot Search : 
MC3406 K2412 6601HG MC3406 AD629A 2SC446 09N70 12D05
Product Description
Full Text Search
 

To Download 2A01G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2A01G - 2A07G
2.0A GLASS PASSIVATED RECTIFIER Features
* * * * * Glass Passivated Die Construction Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 65A Peak Plastic Material - UL Flammability Classification 94V-0
A
B
A
C
D
Mechanical Data
* * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.4 grams (approx) Marking: Type Number
DO-15 Dim A B C D Min 25.40 5.50 0.686 2.60 Max -- 7.62 0.889 3.6
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage I2 t Rating For Fusing Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range Notes: @ IF = 2.0A @TA = 25C @ TA = 100C
@ TA = 25C unless otherwise specified
Symbol 2A01G 2A02G 2A03G 2A04G 2A05G 2A06G 2A07G VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2 t Cj RqJA Tj, TSTG 50 35 100 70 200 140 400 280 2.0 65 1.1 5.0 200 17.5 40 60 -65 to +175 600 420 800 560 1000 700
Unit V V A A V A A2 s pF K/W C
1. Leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
DS29006 Rev. B-2
1 of 2 www.diodes.com
2A01G-2A07G
a Diodes Incorporated
2.5 IO, AVERAGE FORWARD RECTIFIED CURRENT (A)
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
2.0
1.0
1.5
1.0
0.1
0.5
0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0 0.4 0.8 1.2 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
75 IFSM, PEAK FORWARD SURGE CURRENT (A)
100
60
45
Cj, CAPACITANCE (pF)
10
30
15
8.3ms Single half sine-wave JEDEC Method
Tj = 25C f = 1 MHz
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
1.0 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
IR, INSTANTANEOUS REVERSE CURRENT (A)
1000
100
Tj = 150C
10
Tj = 125C
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS29006 Rev. B-2
2 of 2 www.diodes.com
2A01G-2A07G


▲Up To Search▲   

 
Price & Availability of 2A01G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X