Part Number Hot Search : 
PSB21 APTM5 668MBGAB IN4747 LSE65F 2404A ASI2010 476M0
Product Description
Full Text Search
 

To Download 13N50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 13N50
Preliminary Power MOSFET
500V N-CHANNEL MOSFET
DESCRIPTION
The UTC 13N50 is an N-Channel enhancement mode power MOSFET. The device adopts planar stripe and uses DMOS technology to minimize and provide lower on-state resistance and faster switching speed. It can also withstand high energy pulse under the avalanche and commutation mode conditions. The UTC 13N50 is ideally suitable for high efficiency switch mode power supply, power factor correction, electronic lamp ballast based on half bridge topology.
1
TO-220
1
TO-220F
FEATURES
* RDS(ON) =0.48 @VGS = 10 V * Ultra low gate charge (typical 43 nC ) * Low reverse transfer Capacitance ( CRSS = typical 20pF ) * Fast switching capability * Avalanche energy tested * Improved dv/dt capability, high ruggedness
1
TO-220F1
SYMBOL
ORDERING INFORMATION
Ordering Number Lead Free Halogen Free 13N50L-TA3-T 13N50G-TA3-T 13N50L-TF3-T 13N50G-TF3-T 13N50L- TF1-T 13N50G-TF1-T Package TO-220 TO-220F TO-220F1 Pin Assignment 1 2 3 G D S G D S G D S Packing Tube Tube Tube
www..com
www.unisonic.com.tw Copyright (c) 2010 Unisonic Technologies Co., Ltd
1 of 6
QW-R502-362.c
13N50
Preliminary
Power MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25C, unless otherwise specified)
PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 500 V Gate-Source Voltage VGSS 30 V Continuous Drain Current ID 13 A Pulsed Drain Current (Note 2) IDM 52 A Avalanche Current (Note 2) IAR 13 A Single Pulsed Avalanche Energy (Note 3) EAS 810 mJ Repetitive Avalanche Energy (Note 2) EAR 17 mJ Peak Diode Recovery dv/dt (Note 4) dv/dt 4.5 V/ns TO-220 168 W Power Dissipation (TC=25C) PD TO-220F 48 W Junction Temperature TJ +150 C Storage Temperature TSTG -55~+150 C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Repetitive Rating : Pulse width limited by maximum junction temperature 3. L = 9.3mA, IAS = 13A, VDD = 50V, RG= 25 ,Starting TJ = 25C 4. ISD13.A, di/dt 200A/s, VDD BVDSS, Starting TJ= 25C
THERMAL DATA
PARAMETER Junction to Ambient Junction to Case TO-220 TO-220F TO-220 TO-220F SYMBOL JA JC RATINGS 62.5 62.5 0.74 2.58 UNIT C/W C/W C/W C/W
ELECTRICAL CHARACTERISTICS (TC =25C, unless otherwise specified)
PARAMETER OFF CHARACTERISTICS Drain-Source Breakdown Voltage Drain-Source Leakage Current Gate-Source Leakage Current Breakdown Voltage Temperature Coefficient ON CHARACTERISTICS Gate Threshold Voltage Static Drain-Source On-State Resistance Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Delay Time Turn-On Rise Time Turn-Off Delay www..com Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge SYMBOL BVDSS IDSS IGSS BVDSS/TJ VGS(TH) RDS(ON) gFS CISS COSS CRSS tD(ON) tR tD(OFF) tF QG QGS QGD TEST CONDITIONS VGS = 0V, ID = 250A VDS = 500V, VGS = 0V VGS = 30V, VDS = 0V VGS = -30V, VDS = 0V ID = 250A Referenced to 25C VDS = VGS, ID = 250A VGS = 10V, ID = 6.5A VDS=50V, ID=6.25A (Note 1) MIN 500 1 100 -100 0.5 2.0 0.33 10 4.0 0.43 TYP MAX UNIT V A nA nA V/C V S pF pF pF nS nS nS nS nC nC nC
VDS=25V, VGS=0V, f=1.0MHz
1800 2300 245 320 25 35 40 140 100 85 45 11 22 90 290 210 180 60
VDD =250V, ID =13A RG =25 (Note 1,2) VDS=400V, ID=13A, VGS=10 V (Note 1, 2)
UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw
2 of 6
QW-R502-362.c
13N50
Preliminary
Power MOSFET
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER SYMBOL TEST CONDITIONS DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS Drain-Source Diode Forward Voltage VSD VGS = 0V, IS = 13 A Maximum Continuous Drain-Source IS Diode Forward Current Maximum Pulsed Drain-Source Diode ISM Forward Current Reverse Recovery Time tRR VGS = 0V, IS = 13A, dIF / dt = 100A/s (Note 1) Reverse Recovery Charge QRR Notes: 1. Pulse Test : Pulse width300s, Duty cycle2% 2. Essentially independent of operating ambient temperature MIN TYP MAX UNIT 1.4 13 52 290 2.6 V A A nS C
www..com
UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw
3 of 6
QW-R502-362.c
13N50
Preliminary
Power MOSFET
TEST CIRCUITS AND WAVEFORMS
D.U.T.
+ VDS -
ISD L Driver RG Same Type as D.U.T. VDD
VGS
* dv/dt controlled by RG * ISD controlled by pulse period Fig. 1A Peak Diode Recovery dv/dt Test Circuit
VGS (Driver)
D=
Gate Pulse Width Gate Pulse Period
10V
IFM, Body Diode Forward Current ISD (D.U.T.) IRM Body Diode Reverse Current VDS (D.U.T.) di/dt
Body Diode Recovery dv/dt
VSD
VDD
www..com
Body Diode Forward Voltage Drop Fig. 1B Peak Diode Recovery dv/dt Waveforms
UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw
4 of 6
QW-R502-362.c
13N50
Preliminary
Power MOSFET
TEST CIRCUITS AND WAVEFORMS (Cont.)
Fig. 2A Switching Test Circuit
Fig.2B Switching Waveforms
VGS
Same Type as D.U.T. 0.3F VDS VGS DUT 3mA
12V 0.2F
50k
10V QGS
QG
QGD
Charge
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
Fig. 4A Unclamped Inductive Switching Test Circuit www..com
Fig. 4B Unclamped Inductive Switching Waveforms
UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw
5 of 6
QW-R502-362.c
13N50
Preliminary
Power MOSFET
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or www..com other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw
6 of 6
QW-R502-362.c


▲Up To Search▲   

 
Price & Availability of 13N50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X