Part Number Hot Search : 
1608B MAX475 00SXC82 SFBUV10N A823ERW 81M25 DFL1502S NJL5901R
Product Description
Full Text Search
 

To Download 0548611470 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0548611470 Active
2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 14 Circuits, Lead Free
Product Specification PS-54861-005 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Component Type Product Name Other Sockets 54861 Socket N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating Termination Interface: Style 14 Natural 10 Vertical N/A Phosphor Bronze Tin Tin Yes Yes Embossed Tape on Reel 0.079 In 2.00 mm -40C to +105C Surface Mount
Search Parts in this Series 54861Series Mates With LCD Pin|HIC Pin
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-54861-005, RPS-54861-014 SD-54861-006, SD-54861-013
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0548611470

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X