Part Number Hot Search : 
200BZ UA777HC N4148 39VF80 SC441A10 B1521RW P2600 000AKCY
Product Description
Full Text Search
 

To Download 0357180810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0357180810 Active
4.75mm (.187") Tab Slip-On Receptacle Terminal, Quick Disconnect, Female, 1.00mm (.039") Tab Thickness, Wire Range 16-20 AWG (1.31-0.52mm), Post-Tin Plated
Documents: Drawing (PDF) Product Specification PS-35703-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA TUV UL LR95446 R9451159 E92853
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name Type Quick Disconnects 35718 Yes Slip-On Quick Disconnect
Physical
Barrel Type Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Orientation Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Open Female No None Yes Brass Tin Tin Straight Reel 40 1 40 1 No 1.00mm (.039") 4.75mm (.187") -40C to +105C Crimp or Compression 3.10mm (.122") max. 16, 18, 20 0.50 - 1.30
Search Parts in this Series 35718Series Use With 4.75mm (.187") Tab
Electrical
Voltage - Maximum 250V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-35703-001 SD-35718-08*0
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0357180810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X