Part Number Hot Search : 
IRFB4 B120N 1N6154 XC2VP2 MUR16 N03LA XTL1011 1608B
Product Description
Full Text Search
 

To Download ZR36440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
COACH TM 6
Digital Camera Processor
DVD Digital Camera
Driving the Digital Lifestyle
Digital TV Imaging IP Core
ZR36440/ZR36442 Product Brief
Description
Zoran Corporation 1309 Kifer Road Sunnyvale, CA 94086-5305
Te l 408.523.6500 Fax 408.523.6501 www.zoran.com
Zoran's COACH 6 is the sixth Camera On A CHip (COACH) digital camera processor. The COACH 6 digital camera processor combines excellent image quality & feature set with an extremely aggressive camera bill of materials. COACH 6 is offered in two versions: COACH 6e (ZR36440), supporting up to 3 Megapixel sensors, and COACH 6p, (ZR36442) supporting up to 16 Megapixel sensors. For the camera developer, both versions have identical interface sets and development kit. The two versions provide cost effectiveness across the entry level and mid-range digital camera market segments. The COACH 6 includes all required hardware and firmware to support multiple-field interlaced CCD sensors and CMOS sensors. In addition to CompactFlash, Secure Digital and SmartMedia, COACH 6 expands the Flash card support to XD and to Memory Stick. COACH 6 integrates a speech audio CODEC and a Real Time Clock system. It offers direct interface to View-LCD display, eliminating the need for an LCD controller IC. COACH 6 eliminates the need for an
external microcontroller. Internal A/D converters, PWM engines and additional general-purpose IO pins were added in order to directly control Zoom and Auto Focus lenses. COACH 6 emphasizes image quality with true 12-bit enhanced sensor processing and hardware based image enlargement, which allows for smooth, zero-delay digital zoom across all camera operational modes. In an effort to ease programming complexity and allow for third party software development, the COACH 6 is powered by a 32bit RISC CPU and a standard operating system. USB 1.1 point-to-point master and an enhanced serial port complement the new software architecture. With these improvements, COACH 6 is optimally positioned to expand digital camera connectivity possibilities beyond the PC. Camera control software layer (created by COACH customers) is compatible with the COACH 5. This enables an easy migration from the COACH 5 to the COACH 6. The COACH 6 comes with a complete development package that includes a "manufacture-ready" CamMiniTM reference design, a comprehensive set of software development tools, and WHQL approved PC drivers.
Features
* Direct glueless interface to multiple-field & progressive CCD and CMOS sensors * Supports image resolutions up to 3 Megapixels for COACH 6e and up to 16 Megapixels for COACH 6p * Enhanced CCD signal processing with - 12-bit processing for high dynamic range - Color interpolation and conversion - HW based Image scalers (zero penalty on click-to-click times) - Automatic White Balance (AWB) - Automatic Exposure (AE) - Edge enhancement - Programmable Lens Shading (Patent Pending) compensation - Performance enhancement when using Zoran's CMOS sensor memory cards: CompactFlash (CF); SmartMedia (SSFDC); SD, MMC, Memory Stick, XD and others Supports 64Mbit to 256Mbit SDRAM (16-bit width) frame buffer Embedded Real Time Clock (RTC) On-chip general pattern generator for motor control support with 16 PWM outputs - direct lens motor control Internal A/D for monitoring battery status & flash bulb charge, and for sensing camera buttons Integrated 8KHz, 12-bits audio speech-codec Glue-less" digital video output, including on-chip programmable controller to interface Casio, Epson and Unipac DLCD TFT panels On-chip NTSC/PAL encoder provides direct analog output to a TV monitor User interface implemented within the COACH eliminates the need for an additional microcontroller On-chip 2.0 Full Speed USB master/device interface, including USB line drivers. DCF compliant, DPOF support, EXIF 2.1 image and audio file format Font-based (32 colors) and graphics based OSD (On Screen Display) engines for displaying user-interface messages, menus and icons on the LCD/TV. Menu of 64k colors. 32bit RISC engine, industry standard operating system 272-pin 17x17 (COACH 6p) and 217-pin 15x15 (COACH 6e) LBGA packages. Mass Storage "Bulk only" mode - no drivers required
m
* * * * * * * * * * * * * *
ww
w.D a
* Programmability for image processing algorithms * Smooth Digital zoom - complete emulation of optical zoom (view, capture and clip recording) * Real-time JPEG compression with advanced bit rate control * Capture of a sequence of still images * Movie (AVI, with compressed audio) capture and playback to the Flash card, at a rate of up to 30 frames per second (CIF & VGA) * Video Capture Mode - capture CIF or VGA at 30 frames per second real-time video (MJPEG compressed) to a PC via USB * Support for flash-strobe, light-control, red-eye reduction & flashcharge control * Direct interface to resident flash memory and/or removable flash
taS hee t4U .co
08/03-LDI
ZR36440/2-PB-2.0
www..com
COACH TM 6
Digital Camera Processor
Driving the Digital Lifestyle
ZR36440/ZR36442 Product Brief
Evaluation and Development Tools
Data Book - complete specifications and description of the COACH COACHWareTM - high level API for host software implementation of the user-interface. This comes with API specifications. FontMapMaker - for font map and icon creation CamMini 6 - manufacturing ready reference design - complete 3 Megapixel camera system (hardware & firmware) PC connectivity - WHQL approved USB driver kits for image transfer and video capture
64 to 256 Mbit SDRAM
Flash Bulb Circuit
to TV
Zoom Lens Control
(CCD or CMOS)
Image Sensor
COACH 6
LCD Module Analog or Digital
User I/F Buttons
User I/F LEDs
RS-232C USB Slave
taS hee t4U .co
m
Flash - resident and/or cards - Compact Flash - Memory Stick - Secure Digital - Smart Media - Nand & Nor ICs
USB Master
Zoran, CamMini, COACH, and COACHWare are trademarks or registered trademarks of Zoran Corporation. All other trademarks are property of their respective owners.
For more information, contact Zoran's Santa Clara office or the office nearest you:
w.D a
Canada
China Zoran China Office Tel: 86-755-83993777 Fax: 86-755-83220889
Hong Kong Zoran Asia Pacific Ltd. Tel: +852-2-620-5838 Fax: +852-2-620-5238
Israel Zoran Microelectronics Ltd. Te l : +972-4-8545-777 Fax: +972-4-8551-551
Japan Zoran Japan Office Te l : +81-03-5574-7081 Fax: +81-03-5574-7156
Korea Zoran Korea Office Tel: +82-2-761-7471 Fax: +82-2-761-7472
Taiwan Zoran Taiwan Office Te l : +886-2-2659-9797 Fax: +886-2-2659-9595
Zoran Toronto Lab Te l : (416) 690-3356 Fax: (416) 690-3363
ww
08/03-LDI
ZR36440/2-PB-2.0


▲Up To Search▲   

 
Price & Availability of ZR36440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X