Part Number Hot Search : 
FDS6672A DFP1612 024TRUR LTC3868 037MAL 50PI18 MIC5365 SI7705DN
Product Description
Full Text Search
 

To Download WPC03R24S15L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
3 Watt Regulated Wide Input Range DC/DC Converter
WPC03R
DESCRIPTION
The WPC03R is a family of high performance DC/DC converters that offers regulated outputs over input voltage ranges of 9-18V, 18-36V and 34-72V while offering a wide operating temperature range of -40C to +85C without derating. Each WPC03R contains input filtering to minimize conducted noise. The design utilizes surface mounted components, including magnetics, to provide enhanced reliability. The converter is designed to meet the requirements of EN60950 with the "L" pinout having 1,500 VDC isolation. All WPC03R converters are designed to withstand input voltage transients to 200% of nominal input voltage. An additional feature is the ability of the WPC03R to drive high capacitive loads.
FEATURES
Low Cost, High Performance Small DIP Package Full Power to +85C Extended Temperature Range: -40C to +85C Industry Standard Pinouts Full Short Circuit Protection High Capacitive Loading Capability Protected Against High Input Voltage
APPLICATIONS
Telecommunications Battery Powered Systems Portable Instruments Transportation Equipment Distributed Power Systems
SIMPLIFIED CIRCUIT SCHEMATIC
Internet: http://www.cdpoweronline.com
WPC03R 2/99 REV A
Page 1
ABSOLUTE MAXIMUM RATINGS
Output Short Circuit Protection ----------------- Continuous Internal Power Dissipation --------------------------------- 1.5W Lead Temp (soldering, 10s Max) ----------------------- +300C Max Case Temperature ----------------------------------- +100C
ELECTRICAL SPECIFICATIONS
Specifications typical at TA=25C, nominal input voltage, rated output current unless otherwise stated. Nominal Input Voltage (Volts) 12 12 12 12 12 12 24 24 24 24 24 24 48 48 48 48 48 48 Rated Output Voltage (Volts) 5.0 12.0 15.0 +5.0 +12.0 +15.0 5.0 12.0 15.0 +5.0 +12.0 +15.0 5.0 12.0 15.0 +5.0 +12.0 +15.0 Output Current (mA) Min Load 60 24 20 +30 +12 +10 60 24 20 +30 +12 +10 60 24 20 +30 +12 +10 Rated Load 600 250 200 +300 +125 +100 600 250 200 +300 +125 +100 600 250 200 +300 +125 +100 Max Input Current (mA) Rated Load 448 445 445 470 475 475 230 230 225 240 235 230 120 118 116 120 118 116 Max Capacitive Load (mF) Efficiency %
Model WPC03R12S05 WPC03R12S12 WPC03R12S15 WPC03R12D05 WPC03R12D12 WPC03R12D15 WPC03R24S05 WPC03R24S12 WPC03R24S15 WPC03R24D05 WPC03R24D12 WPC03R24D15 WPC03R48S05 WPC03R48S12 WPC03R48S15 WPC03R48D05 WPC03R48D12 WPC03R48D15
(See Note 1)
600 250 200 +300 +125 +100 600 250 200 +300 +125 +100 600 250 200 +300 +125 +100
77 80 81 74 76 77 74 75 76 73 74 75 74 75 76 73 76 77
NOTE 1: Although minimum load specifications are indicated for load measurement purposes, all models will operate under no-load conditions.
ORDERING INFORMATION
WPC03R xxyzz E Device Family Indicates wide input power 3W regulated DC/DC Model Number Selected from Table of Electrical Characteristics xx=input voltage y=number of outputs: S=single, D=dual zz=output voltage Pinout option E or L
Page 2
WPC03R 2/99 REV A
COMMON SPECIFICATIONS
Specifications typical at TA=25C, nominal input voltage, rated output current unless otherwise stated. Parameter Input Voltage Range Conditions Min 9 18 34 Typ 12 24 48 50 Max 18 36 72 Units Vdc Vdc Vdc mA p-p
Reflected Ripple Current Isolation Safety Standards Rated Voltage Test Voltage--60 Hz, 10 secs Resistance Capacitance Leakage Current Output Rated Power Voltage Setpoint Accuracy Temperature Coefficient Line Regulation-singles Line Regulation-duals Load Regulation-singles Load Regulation-duals Ripple & Noise General Switching Frequency MTTF per MIL-HDBK-217, Rev F Temperature Operation Storage
Designed to meet requirements of EN60950, EN41003 & UL1950
"L" Pinout "E" Pinout "L" Pinout "E" Pinout
1500 1000 1500 1000 10 220 30 3 +3.0 +0.02
Viso=240Vac, 60 Hz
Vdc Vdc Vpk Vpk GW pF mArms W % %/C % % % % mV p-p kHz Hours C C
Low line to high line Low line to high line Min load to rated load Min load to rated load BW=5 Hz to 20 MHz Variable Frequency Min - Max TA=25 70
50
+1.5% +1.5% +2% +2% 100 225
1,000,000 -40 -55 +85 +125
WPC03R 2/99 REV A
Page 3
MECHANICAL SPECIFICATIONS
PINOUT "E"
Pin Number 1 2 3 10 11 12 13 14 15 22 23 24 Pin Function Singles Duals +Vin +Vin No connection -Vout No connection Common -Vout Common +Vout +Vout -Vin -Vin -Vin -Vin +Vout +Vout -Vout Common No connection Common No connection -Vout +Vin +Vin
PINOUT "L"
Pin Number 2 3 9 11 14 16 22 23 Pin Function Singles Duals -Vin -Vin No connection No connection +Vout -Vout +Vin +Vin -Vin -Vin Common -Vout +Vout Common +Vin +Vin
TECHNICAL INFORMATION
Notes: 1. All dimensions in inches and (millimeters). 2. Units are encapsulated with a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range and good electrical properties under high humidity environments. The encapsulant and outer shell have UL94V-0 ratings. Lead material is brass with a solder plated surface to allow ease of solderability. 3. GRID: 0.100 inches, (2.54 mm). 4. Pin Placement Tolerance: +0.015" (+.381 mm). ,
Power Electronics Division, Americas 3400 E Britannia Drive, Tucson, Arizona 85706 Phone: 800.547.2537 Fax: 520.770.9369
Power Electronics, EMEA/Asia/Pacific Milton Keynes MK 14 SBU UK Fax: +44 (0) 1908 617545 Tel: +44 (0) 1908 615232
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems or in aircraft control applications.
Page 4
WPC03R 2/99 REV A


▲Up To Search▲   

 
Price & Availability of WPC03R24S15L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X