Part Number Hot Search : 
KTA12 ICL71 DS28E25 S13D2 HMX2000 S10ML1X C4020 IRF245
Product Description
Full Text Search
 

To Download TZ03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
T13E8.pdf 02.9.2
Ceramic Trimmer Capacitors
TZ03 Series
2.50.2 dia. 0.50.2 Depth 0.5 min.
s Features
1. Color coded case facilitates identification of capacitance range. 2. Sealed construction prevents the penetration of flux and dust. 3. Available in three adjustment styles : Top/Rear/ Side. 4. Available in both tape and reel and magazine packaging for automatic insertion. 5. +(Cross-shaped) slot enables automatic adjustment.
6 dia. 4 6 6.6 1.20.1 0.250.05 3.1 3.5 3.3 0.20.05 1.00.1 4.8 Tolerance:0.5 in mm 2.50.2 dia. 0.50.2 Depth 0.5 min . 6 4 1.00.1 Tolerance:0.5 in mm 0.20.05 2.50.2 dia. 0.50.2 Depth 0.5 min. 6.0 6 1.20.1 3.0 7.8 6.4 3.4 5 0.2 5 0.2 0.0 0.0 5 1.00.1 4.8 3.0 4.0 Tolerance:0.5 in mm 2.50.2 dia. 0.50.2 Depth 0.5 min. 6.0 dia. Trimmer Cap. Body 2.5 Socket
B Type
s Applications
*Car audio systems *Car clocks *Stereos *Radio cassette tape recorders *Cordless telephones *Video games *Compact radio equipments *Remote keyless entry systems *Burglarproof devices
E Type
0.250.05
2.50.2 dia. 0.50.2 Depth 0.5 min.
6 dia.
7
1.00.1
4.8
3.3
0 0.2
0.2 5 0.0 5
.05
1.00.1
F Type
N Type
Tolerance:0.5 in mm
6.6
2.50.2 dia. 0.50.2 Depth 0.5 min.
4
6.0 dia.
4
3.5
1.00.1
4.8
6 dia.
1.4
3
6.0 5 1.2 4.8 6.1 1.3 7
4
7.2
1.2 3.7 3.5 0.3 4.5 7.5
1.2
Solder
T Type
2.50.3 Tolerance:0.5 in mm
Y Type
Tolerance:0.5 in mm
34
www..com
3.2
6
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
T13E8.pdf 02.9.2
Part Number TZ03Z2R3p169 TZ03Z050p169 TZ03Z070p169 TZ03N100p169 TZ03Z100p169 TZ03T110p169 TZ03R200p169 TZ03T200p169 TZ03R300p169 TZ03P450p169 TZ03P600p169 TZ03Z500p169 TZ03R900p169 TZ03R121p169
Cmin. (pF) 1.25 max. 1.5 max. 2.0 max. 2.1 max. 2.7 max. 3.0 max. 4.2 max. 4.2 max. 5.2 max. 6.8 max. 9.8 max. 6.0 max. 9.0 max. 10.0 max.
Cmax. (pF) 2.3 +50/-0% 5.0 +50/-0% 7.0 +50/-0% 10.0 +50/-0% 10.0 +50/-0% 11.0 +50/-0% 20.0 +50/-0% 20.0 +50/-0% 30.0 +50/-0% 45.0 +50/-0% 60.0 +50/-0% 50.0 +100/-0% 90.0 +100/-0% 120.0 +100/-0%
TC NP0200ppm/C NP0200ppm/C NP0200ppm/C N200200ppm/C NP0200ppm/C N450300ppm/C N750300ppm/C N450300ppm/C N750300ppm/C N1200500ppm/C N1200500ppm/C NP0300ppm/C N750300ppm/C N750300ppm/C
Q 300min. at 1MHz, Cmax. 500min. at 1MHz, Cmax. 500min. at 1MHz, Cmax. 500min. at 1MHz, Cmax. 500min. at 1MHz, Cmax. 500min. at 1MHz, Cmax. 500min. at 1MHz, Cmax. 500min. at 1MHz, Cmax. 500min. at 1MHz, Cmax. 300min. at 1MHz, Cmax. 300min. at 1MHz, Cmax. 300min. at 1MHz, Cmax. 300min. at 1MHz, Cmax. 300min. at 1MHz, Cmax.
Rated Withstanding Voltage Voltage 100Vdc 100Vdc 100Vdc 100Vdc 100Vdc 100Vdc 100Vdc 100Vdc 100Vdc 100Vdc 100Vdc 50Vdc 50Vdc 50Vdc 220Vdc 220Vdc 220Vdc 220Vdc 220Vdc 220Vdc 220Vdc 220Vdc 220Vdc 220Vdc 220Vdc 110Vdc 110Vdc 110Vdc
Stator/Case Color Black Blue Blue White Blue White Red Pink Green Yellow Brown Orange Black+Dot Black
Insulation Resistance : 10000M ohm min. Torque : 2.0~15.0mNm A blank column is filled with terminal type codes.
Operating Temperature Range : -25~+85C
s Construction
s Mounting Holes
B Type
3 dia.
a. a. .1 0 0 .1
E Type
10.1
1. 2
3 6.3
3.3 5
Tolerance:0.5 in mm
1.30.1
1. 2
7
di
di
Tolerance:0.5 in mm
Continued on the following page.
35
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
T13E8.pdf 02.9.2
Continued from the preceding page.
s Mounting Holes
F Type
3 dia. 10.1
. 0. 1 1. 3 1. 3 0. 1 di a. di a
N Type
3 5
3.3
Tolerance:0.5 in mm
Tolerance:0.5 in mm
T Type
. a.
Y Type
di a. 1. 4 0. 1 .
di a
0. 1
0. 1
1. 2
1. 2
1. 4
0. 1
5
di a
di
5
Tolerance:0.5 in mm
Tolerance:0.5 in mm
s Temperature Characteristics
Z070 (NP0200ppm/C) T110 (N450300ppm/C) +6 +4 +2 55 20 Cap.Change (%) +6 +4 Cap.Change (%)
85
+2 20 -25 0 0 -2 55 Temp. (C) 85
7
-25
0
0 -2 Temp. (C)
-4 -6
-4
-6
R200 (N750300ppm/C) +6 +4 Cap.Change (%)
P600 (N1200500ppm/C) +8 +6 +4 +2 Cap.Change (%)
+2 20 -25 0 0 -2
55
85 Temp. (C) -25 0 0 -2 -4
20
55
85
Temp. (C)
-4
-6 -8 -10
-6
Continued on the following page.
36
1.30.1
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
T13E8.pdf 02.9.2
Continued from the preceding page.
s Temperature Characteristics
Z500 (NP0300ppm/C) Cap.Change (%) +8 +6 +4 +2 20 -25 0 0 -2 -4 -6 -8 -10 Temp. (C) -25 0 0 -2 -4 -6 -8 -10
R121 (N750300ppm/C) +8 +6 +4 Cap.Change (%) 55
55
85
+2 20 85 Temp. (C)
s Frequency Characteristics
T110
Z070
1000
1000
1000
1000
100 Q
100
100 Q
100
10
10
10
10
1
100 200 300 400 500 600 700 800 900 1000 Frequency(MHz)
1
100 200 300 400 500 600 700 800 900 1000 Frequency (MHz)
R200
P450
Capacitance (pF)
Capacitance(pF)
7
1000 1000 1000 1000
Capacitance (pF)
100 Q
100
100
100
Q
10
10
10
10
1
100
200
300
400
500
1
100
200
300
400
500
Frequency (MHz)
Frequency (MHz)
Continued on the following page.
Capacitance (pF)
37
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
T13E8.pdf 02.9.2
Continued from the preceding page.
s Frequency Characteristics
P600 R900
1000
1000
1000
1000
100
100
Capacitance (pF)
100
100
Q
Q
10
10
10
10
1
100
200
300
400
500
1
100
200
300
400
500
Frequency (MHz)
Frequency (MHz)
s Temperature Profile
Flow
Preheating (in air) 250 200 Temperature (C)
Solderring
Gradual Cooling (in air)
100
0
60 sec. to 120 sec.
5 sec. max.
s Screwdriver and Screwdriver Bit
Please use the following recommended screwdriver. You can order this driver with below part number. Though you can also adjust the capacitance value by commercial products, please use one which has the same head size as the below driver. Screwdriver for Manual Adjustment Murata Part No. : KMDR010
122 20 50 30
7
Screwdriver Bit for Automatic Adjustment Murata Part No. : KMBT010
Bit shape ; Bit shape ; Minus (2.2x0.4)
Minus (2.2x0.4)
(in mm)
2.2 dia.
Capacitance (pF)
(in mm)
38
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
T13E8.pdf 02.9.2
s Notice (Storage and operating condition)
1. Do not use the trimmer capacitor under atmosphere of RTV silicone rubber (Room Temperature Vulcanizing Silicone Rubber) except Acetone liberating silicone sealant. 2. Before using trimmer capacitor, please store under the condition of -10 to +40 C. and 30 to 85%RH. 3. Do not store in or near corrosive gasses. 4. Use within 6 months of deliverly. 5. Open the package just before using. 6. Prior to storing previously opened packages, the packaging should be heat-sealed. Avoid using rubber bands for repackage. 7. Do not store under direct sunlight. 8. Do not use the trimmer capacitor under the conditions listed below. (1) Corrosive gasses atmosphere (Ex. Chlorine gas, Hydrogen sulfide gas, Ammonia gas, Sulfuric acid gas, Nitric oxie gas, etc.) (2) In liquid (Ex. water, oil, medical liquid, organic solvent, etc.) (3) Dusty / dirty atmosphere (4) Direct sunlight (5) Static voltage nor electric/magnetic fields (6) Direct sea breeze (7) Other variations of the above
s Notice (Soldering)
1. Soldering (1) TZ03 series can be soldered by flow soldering method and soldering iron. Do not use reflow soldering method. (2) Standard soldering condition (a) Flow soldering : Refer to the standard temperature profile. (b) Soldering iron : > Temperature of tip 260+-10 C. > Soldering time 3 sec. max. > Diameter 3mm max. > Wattage of iron 30W max. Before using other soldering conditions than those listed above, please consult with Murata factory representative prior to using. If the soldering conditions are not suitable, e.g., excessive time and/or excessive temperature, the trimmer capacitor may deviate from the specified characteristics. (3) The dimension of mounting hole should be used Murata's standard mounting hole at flow soldering. The amount of solder is critical. Insufficient amounts of solder can lead to insufficient soldering strength on PCB. Excessive amounts of solder may cause the bridging between the terminals or the contact failure due to flux wicking up. (4) When using soldering iron, the string solder shall be applied to the lower part of the terminal only and do not apply flux except the terminals. Excessive amounts of solder and/or applying solder to the upper part of the terminal may cause fixed rotor or the contact failure due to flux invasion into the movable part and/or the contact point. The soldering iron should not come in contact with the plastic case of the trimmer capacitor. If such contact does occur, the trimmer capacitor may be damaged. (5) Our recommendable chlorine content of string solder is 0.5wt% max. (6) Do not use water-soluble flux (for water cleaning). To prevent the deterioration of trimmer capacitor characteristics, apply flux only to terminals. 2. Mounting (1) Do not apply excessive force (preferable 5.0N (Ref.; 500gf)max.), when the trimmer capacitor is mounted on the PCB. (2) Use the suitable PCB holes which are the same pitch as the terminal of the trimmer capacitor. If it would not fit with the terminal, the excessive stress would be applied to the terminal and the trimmer capacitor may deviate from the specified characteristics. (3) Do not apply bending stress more than 10.0N (Ref.; 1kgf) after the trimmer capacitor has been mounted on the PCB. (4) Mount trimmer capacitor in contact with PCB. (5) In case of bending the terminals, do not apply excessive force to the body of the product and prevent the terminal fixing part from damaging. 3. Cleaning [with cover film type] (1) Isopropyl alcohol and Ethyl alcohol are available material for cleaning. Water group material like Pinealpha, Cleanthru can not be used. For other materials, please consult with Murata factory representative prior to using. (2) The total cleaning time by dipping, vapor and ultra-sonic method shall be less than 2 minutes. For ultra-sonic cleaning, the available condition is as follows. > Cleaning time : 30 sec. max. > Power : 20W/liter max. > Frequency : 20 - 60kHz > Temperature : Ambient temperature Due to the ultra-sonic cleaning equipment peculiar self resonance point and the cleaning compatibility usually depends on the jig construction and/or the cleaning condition such as the depth of immersion, please check the cleaning equipment to determine the suitable conditions. If the trimmer capacitor is cleaned
Continued on the following page.
7
39
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
T13E8.pdf 02.9.2
Continued from the preceding page.
by other conditions, the trimmer capacitor may deviate from the specified characteristics. 4. Other
Note the polarity of the trimmer capacitor to minimize influence by stray capacitance. (Refer to the dimensions concerning the polarity.)
s Notice (Handling)
1. Use suitable screwdrivers that fit comfortably in driver slot. (1) Recommended screwdriver for manual adjustment MURATA : KMDR010 (2) Recommended screwdriver bit for automatic adjustment MURATA : KMBT010 2. When adjusting with a screwdriver, do not apply excessive force(preferable 1.0N(Ref; 100gf) max.) to minimize capacitance drift. If excessive force applied to the screwdriver slot, it may cause deformation of the products. 3. Do not apply adhesive, lock paints, or any other substances to the trimmer capacitor to secure the rotor position. They may cause corrosion or electrical contact problems.
s Notice (Other)
Before using trimmer capacitor, please test after assembly in your particular mass production system.
7
40


▲Up To Search▲   

 
Price & Availability of TZ03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X